전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

5V9885TNLGI 데이터시트(PDF) 6 Page - Integrated Device Technology

부품명 5V9885TNLGI
상세설명  3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IDT [Integrated Device Technology]
홈페이지  http://www.idt.com
Logo IDT - Integrated Device Technology

5V9885TNLGI 데이터시트(HTML) 6 Page - Integrated Device Technology

Back Button 5V9885TNLGI Datasheet HTML 2Page - Integrated Device Technology 5V9885TNLGI Datasheet HTML 3Page - Integrated Device Technology 5V9885TNLGI Datasheet HTML 4Page - Integrated Device Technology 5V9885TNLGI Datasheet HTML 5Page - Integrated Device Technology 5V9885TNLGI Datasheet HTML 6Page - Integrated Device Technology 5V9885TNLGI Datasheet HTML 7Page - Integrated Device Technology 5V9885TNLGI Datasheet HTML 8Page - Integrated Device Technology 5V9885TNLGI Datasheet HTML 9Page - Integrated Device Technology 5V9885TNLGI Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
6
INDUSTRIALTEMPERATURERANGE
IDT5V9885T
3.3V EEPROMPROGRAMMABLECLOCKGENERATOR
Spread Spectrum
Pre-Divider (D) Values
Multiplier (M) Values
Programmable Loop Bandwidth
Generation Capability
PLL0
1 - 255
2 - 8190
yes
yes
PLL1
1 - 255
2 - 8190
yes
yes
PLL2
1 - 255
1 - 4095
yes
no
REFERENCE CLOCK INPUT PINS AND
SELECTION
The 5V9885T supports up to two clock inputs. One of the clock inputs
(XTALIN/ REFIN) can be driven by either an external crystal or a reference
clock. The second clock input (CLKIN) can only be driven from an external
referenceclock.Eitherclockinputcanbesetasatheprimaryclock. Theprimary
clock designation is to establish which is the main reference clock to the PLLs.
Thenon-primaryclockisdesignatedasthesecondaryclockincasetheprimary
clock goes absent and a backup is needed. The PRIMCLK bit (0x34)
determines which clock input will be the primary clock. When PRIMCLK bit is
"0",itwillselectXTALIN/REFINastheprimary,andwhen"1",itwillselectCLKIN
as the primary. The two external reference clocks can be manually selected
using the GIN5/CLK_SEL pin, except in Manual Frequency Control (MFC)
mode 2, or via programming by hard wiring the CLK_SEL pin and toggling the
PRIMCLKbit. FormoredetailsontheMFCmodes,refertotheCONFIGURING
MULTI-PURPOSE I/Os section. When CLK_SEL is LOW, the primary clock
isselectedandwhenHIGH,thesecondaryclockisselected. TheSMbits(0x34)
must be set to "0x" for manual switchover which is detailed in SWITCHOVER
MODESsection.
XTAL load cap = 3.5pF + XTALCAP[7:0] * 0.125pF (Eq. 1)
Crystal Input (XTALIN/REFIN)
Thecrystaloscillatorsshouldbefundamentalmodequartzcrystals:overtone
crystals are not suitable. Crystal frequency should be specified for parallel
resonance with 50Ωmaximum equivalent series resonance.
When the XTALIN/REFIN pin is driven by a crystal, it is important to set the
internal oscillator inverter drive strength and internal tuning/load capacitor
values correctly to achieve the best clock performance. These values are
programmable through either I2C or JTAG interface to allow for maximum
compatibilitywithcrystalsfromvariousmanufacturers,processes,performances,
and qualities. The internal load capacitors are true parallel-plate capacitors for
ultra-linear performance. Parallel-plate capacitors were chosen to reduce the
frequencyshiftthatoccurswhennon-linearloadcapacitanceinteractswithload,
bias, supply, and temperature changes. External non-linear crystal load
capacitors should not be used for applications that are sensitive to absolute
frequencyrequirements.Thevalueoftheinternalloadcapacitorsaredetermined
byXTALCAP[7:0]bits,(0x07).Theloadcapacitancecanbesetwitharesolution
of 0.125 pF for a total crystal load range of 3.5pF to 35.5pF. This value should
be set to two times the crystal load capacitance value stated by the vendor,
subtracting out board capacitance value. Check with the vendor's crystal load
capacitancespecificationfortheexactsettingtotunetheinternalloadcapacitor.
The following equation governs how the total internal load capacitance is set.
Ex.: For crystal capacitance = 12pF
For board capacitance = 3pF each leg
XTALCAP = 2x [12-3] = 18pF
GIN5/CLK_SEL
Selected Clock Input
L
Primary
H
Secondary
Parameter
Bits
Step
Min
Max
Units
XTALCAP
8
0.125
0
32
pF
When using an external reference clock instead of a crystal on the XTAL/
REFINpin,theinputloadcapacitorsmaybecompletelybypassed.Thisallows
for the input frequency to be up to 200MHz. When using an external reference
clock,theXTALOUTpinmustbeleftfloating,XTALCAPmustbeprogrammed
to the default value of "0", and crystal drive strength bit, XDRV (0x06), must
be set to the default value of "11".
CLKIN Pin
CLKIN pin is a regular clock input pin, and can be driven up to 400MHz.
PRE-SCALER, FEEDBACK-DIVIDER, AND
POST-DIVIDER
Each PLL incorporates an 8-bit pre-scaler and a 12-bit feedback divider
whichallowstheusertogeneratethreeuniquenon-integer-relatedfrequencies.
For output banks OUT2-OUT6, each bank has a 10-bit post-divider. The
following equation governs how the frequency on output banks OUT2-6 is
calculated.
FOUT = FIN * D
(Eq. 2)
Where FIN is the reference frequency, M is the total feedback-divider value,
Disthepre-scalervalue,Pisthetotalpost-dividervalue,andFOUTistheresulting
output bank frequency. The value 2 in the denominator is due to the divide-
by-2 on each of the output banks OUT2-6. Note that OUT1 does not have any
typeofpost-divider. Also,programminganyofthedividersmaycauseglitches
on the outputs.
Pre-Scaler
D[7:0] are the bits used to program the pre-scaler for each PLL, D0 for
PLL0, D1 for PLL1, and D2 for PLL2. The pre-scalers divide down the
referenceclockwithintegervaluesrangingfrom1to255. Tomaintainlowjitter,
thedivideddownclockmustbehigherthan400KHz;itisbesttousethesmallest
D divider value possible. If D is set to '0x00', then this will power down the PLL
and all the outputs associated with that PLL.
M
P * 2
( )


유사한 부품 번호 - 5V9885TNLGI

제조업체부품명데이터시트상세설명
logo
Integrated Device Techn...
5V925BQGI IDT-5V925BQGI Datasheet
835Kb / 18P
   Programmable LVCMOS/LVTTL Clock Generator
5V925BQGI8 IDT-5V925BQGI8 Datasheet
835Kb / 18P
   Programmable LVCMOS/LVTTL Clock Generator
5V925BQI IDT-5V925BQI Datasheet
835Kb / 18P
   Programmable LVCMOS/LVTTL Clock Generator
5V925BQI8 IDT-5V925BQI8 Datasheet
835Kb / 18P
   Programmable LVCMOS/LVTTL Clock Generator
More results

유사한 설명 - 5V9885TNLGI

제조업체부품명데이터시트상세설명
logo
Integrated Device Techn...
IDT5V9885 IDT-IDT5V9885 Datasheet
357Kb / 37P
   3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
IDT5V9882T IDT-IDT5V9882T Datasheet
217Kb / 31P
   3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
IDT5V9885B IDT-IDT5V9885B Datasheet
333Kb / 37P
   3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
IDT5V9885CNLGI IDT-IDT5V9885CNLGI Datasheet
357Kb / 39P
   3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
IDT5V9885CPFGI IDT-IDT5V9885CPFGI Datasheet
357Kb / 39P
   3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
IDT5V9888 IDT-IDT5V9888 Datasheet
340Kb / 37P
   3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
logo
Renesas Technology Corp
IDT5V9885T RENESAS-IDT5V9885T Datasheet
750Kb / 40P
   3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
SEPT. 2011
logo
Integrated Device Techn...
IDT5V49EE904 IDT-IDT5V49EE904_15 Datasheet
343Kb / 29P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
logo
Renesas Technology Corp
5V49EE502 RENESAS-5V49EE502 Datasheet
914Kb / 33P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
Mar 2020
IDT5V49EE504 RENESAS-IDT5V49EE504 Datasheet
553Kb / 30P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
071015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com