전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IDT49FCT20805 데이터시트(PDF) 1 Page - Integrated Device Technology

부품명 IDT49FCT20805
상세설명  2.5V CMOS DUAL 1-TO-5 CLOCK DRIVER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IDT [Integrated Device Technology]
홈페이지  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT49FCT20805 데이터시트(HTML) 1 Page - Integrated Device Technology

  IDT49FCT20805_09 Datasheet HTML 1Page - Integrated Device Technology IDT49FCT20805_09 Datasheet HTML 2Page - Integrated Device Technology IDT49FCT20805_09 Datasheet HTML 3Page - Integrated Device Technology IDT49FCT20805_09 Datasheet HTML 4Page - Integrated Device Technology IDT49FCT20805_09 Datasheet HTML 5Page - Integrated Device Technology IDT49FCT20805_09 Datasheet HTML 6Page - Integrated Device Technology IDT49FCT20805_09 Datasheet HTML 7Page - Integrated Device Technology IDT49FCT20805_09 Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
IDT49FCT20805
2.5V CMOS DUAL 1-TO-5 CLOCK DRIVER
INDUSTRIALTEMPERATURERANGE
MAY 2010
2007 Integrated Device Technology, Inc.
DSC-6172/113
c
IDT49FCT20805
INDUSTRIAL TEMPERATURE RANGE
2.5V CMOS DUAL
1-TO-5 CLOCK DRIVER
FUNCTIONAL BLOCK DIAGRAM
FEATURES:
• Advanced CMOS Technology
• Guaranteed low skew < 200ps (max.)
• Very low propagation delay < 2.5ns (max)
• Very low duty cycle distortion < 270ps (max)
• Very low CMOS power levels
• Operating frequency up to 166MHz
• TTL compatible inputs and outputs
• Two independent output banks with 3-state control
• 1:5 fanout per bank
• "Heartbeat" monitor output
•VCC = 2.5V ± 0.2V
• Available in SSOP, QSOP, and VFQFPN packages
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
DESCRIPTION:
The FCT20805 is a 2.5 volt clock driver built using advanced CMOS
technology. Thedeviceconsistsoftwobanksofdrivers,eachwitha1:5fanout
and its own output enable control. The device has a "heartbeat" monitor for
diagnostics and PLL driving. The MON output is identical to all other outputs
andcomplieswiththeoutputspecificationsinthisdocument. TheFCT20805
offerslowcapacitanceinputs.
TheFCT20805isdesignedforhighspeedclockdistributionwheresignal
qualityandskewarecritical. TheFCT20805alsoallowssinglepoint-to-point
transmissionlinedrivinginapplicationssuchasaddressdistribution,whereone
signalmustbedistributedtomultiplerecieverswithlowskewandhighsignal
quality.
5
OA1 -OA5
OB1 -OB5
OEA
INA
OEB
INB
MON
5


유사한 부품 번호 - IDT49FCT20805_09

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
IDT49FCT20805PYGI RENESAS-IDT49FCT20805PYGI Datasheet
273Kb / 9P
   2.5V CMOS DUAL 1-TO-5 CLOCK DRIVER
FEBRUARY 2014 c 2014
logo
Integrated Device Techn...
IDT49FCT20805PYI IDT-IDT49FCT20805PYI Datasheet
63Kb / 7P
   2.5V CMOS DUAL 1-TO-5 CLOCK DRIVER
logo
Renesas Technology Corp
IDT49FCT20805QGI RENESAS-IDT49FCT20805QGI Datasheet
273Kb / 9P
   2.5V CMOS DUAL 1-TO-5 CLOCK DRIVER
FEBRUARY 2014 c 2014
logo
Integrated Device Techn...
IDT49FCT20805QI IDT-IDT49FCT20805QI Datasheet
63Kb / 7P
   2.5V CMOS DUAL 1-TO-5 CLOCK DRIVER
IDT49FCT20805 IDT-IDT49FCT20805_14 Datasheet
103Kb / 8P
   2.5V CMOS DUAL 1-TO-5 CLOCK DRIVER
More results

유사한 설명 - IDT49FCT20805_09

제조업체부품명데이터시트상세설명
logo
Integrated Device Techn...
IDT49FCT20805 IDT-IDT49FCT20805 Datasheet
63Kb / 7P
   2.5V CMOS DUAL 1-TO-5 CLOCK DRIVER
logo
PulseCore Semiconductor
PCS2P20805A PULSECORE-PCS2P20805A Datasheet
466Kb / 11P
   2.5V CMOS Dual 1-To-5 Clock Driver
logo
Integrated Device Techn...
IDT49FCT20805 IDT-IDT49FCT20805_14 Datasheet
103Kb / 8P
   2.5V CMOS DUAL 1-TO-5 CLOCK DRIVER
logo
Renesas Technology Corp
IDT49FCT20805 RENESAS-IDT49FCT20805 Datasheet
273Kb / 9P
   2.5V CMOS DUAL 1-TO-5 CLOCK DRIVER
FEBRUARY 2014 c 2014
logo
Alliance Semiconductor ...
ASM2P20805A ALSC-ASM2P20805A Datasheet
486Kb / 11P
   2.5V CMOS Dual 1-To-5 Clock Driver
logo
Integrated Device Techn...
49FCT20805PYGI IDT-49FCT20805PYGI Datasheet
71Kb / 8P
   2.5V CMOS DUAL 1-TO-5 CLOCK DRIVER
IDT74FCT20807 IDT-IDT74FCT20807 Datasheet
47Kb / 6P
   2.5V CMOS 1-TO-10 CLOCK DRIVER
logo
Alliance Semiconductor ...
ASM2P20807A ALSC-ASM2P20807A Datasheet
467Kb / 11P
   2.5V CMOS 1-TO-10 CLOCK DRIVER
logo
PulseCore Semiconductor
PCS2P20807A PULSECORE-PCS2P20807A Datasheet
464Kb / 11P
   2.5V CMOS 1-TO-10 CLOCK DRIVER
logo
Integrated Device Techn...
IDT74FCT20807 IDT-IDT74FCT20807_09 Datasheet
61Kb / 6P
   2.5V CMOS 1-TO-10 CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com