전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

932S421BFLF 데이터시트(PDF) 5 Page - Integrated Device Technology

부품명 932S421BFLF
상세설명  PCIe Gen2 and QPI Clock for Intel-Based Servers
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IDT [Integrated Device Technology]
홈페이지  http://www.idt.com
Logo IDT - Integrated Device Technology

932S421BFLF 데이터시트(HTML) 5 Page - Integrated Device Technology

  932S421BFLF Datasheet HTML 1Page - Integrated Device Technology 932S421BFLF Datasheet HTML 2Page - Integrated Device Technology 932S421BFLF Datasheet HTML 3Page - Integrated Device Technology 932S421BFLF Datasheet HTML 4Page - Integrated Device Technology 932S421BFLF Datasheet HTML 5Page - Integrated Device Technology 932S421BFLF Datasheet HTML 6Page - Integrated Device Technology 932S421BFLF Datasheet HTML 7Page - Integrated Device Technology 932S421BFLF Datasheet HTML 8Page - Integrated Device Technology 932S421BFLF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
IDTTM
PCIe Gen2 and QPI Clock for Intel-Based Servers
1340G—01/26/10
ICS932S421B
PCIe Gen2 and QPI Clock for Intel-Based Servers
5
Single-ended Output Terminations
Test Load
CL=5pF
Rs
Zo
ICS932S421B
SEPP Output Buffer
(Single Ended
Push Pull)
Rs
Zo
Rs
Zo
SEPP Output Buffer
(Single Ended
Push Pull)
CL=5pF
CL=5pF
The singled-ended outputs of the ICS 932S421B default to a drive strength of 2
loads. The REF clocks can be turned down to 1-load strength via the SMBus.
Suggested termination resistors are as follows for transmission lines with Zo =
50 ohms:
Driving 1 load, Rs = 33 ohms
Driving 2 loads, Rs = 7.5 ohms
Single-ended outputs at 1-load strength (REF clock only)
Driving 1 load, Rs = 22 ohms
Single-ended outputs at 2-load strength (Power up default
for all single-ended outputs)


유사한 부품 번호 - 932S421BFLF

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
932S421BFLF RENESAS-932S421BFLF Datasheet
364Kb / 24P
   PCIe Gen2 and QPI Clock for Intel-Based Servers
01/26/10
932S421BFLFT RENESAS-932S421BFLFT Datasheet
364Kb / 24P
   PCIe Gen2 and QPI Clock for Intel-Based Servers
01/26/10
More results

유사한 설명 - 932S421BFLF

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ICS932S421B RENESAS-ICS932S421B Datasheet
364Kb / 24P
   PCIe Gen2 and QPI Clock for Intel-Based Servers
01/26/10
932SQ425 RENESAS-932SQ425 Datasheet
440Kb / 23P
   PCIE GEN2/3 & QPI CLOCK FOR ROMLEY-BASED SERVERS
REV B 042312
ICS932S431A RENESAS-ICS932S431A Datasheet
443Kb / 23P
   PCIe Gen 2 and QPI Clock for Intel-based Servers
2019
logo
Integrated Device Techn...
ICS932SQ420DGLF IDT-ICS932SQ420DGLF Datasheet
412Kb / 27P
   PCIE GEN 2/3 & QPI CLOCK FOR ROMLEY-BASED SERVERS
932SQ420DGLFT IDT-932SQ420DGLFT Datasheet
412Kb / 27P
   PCIE GEN 2/3 & QPI CLOCK FOR ROMLEY-BASED SERVERS
logo
Renesas Technology Corp
932SQ420D RENESAS-932SQ420D Datasheet
616Kb / 29P
   PCIE GEN 2/3 & QPI CLOCK FOR ROMLEY-BASED SERVERS
REV J 010715
932SQ428 RENESAS-932SQ428 Datasheet
560Kb / 23P
   PCIE GEN 2/3 & QPI CLOCK FOR ROMLEY-BASED SERVERS
REV E 042312
logo
Integrated Circuit Syst...
ICS932S422C ICST-ICS932S422C Datasheet
193Kb / 21P
   PCIe Gen 2 main Clock for Intel-based Servers
logo
Renesas Technology Corp
ICS932S422C RENESAS-ICS932S422C Datasheet
386Kb / 22P
   PCIe Gen 2 main Clock for Intel-based Servers
2019
logo
Integrated Device Techn...
9DB1904B IDT-9DB1904B Datasheet
179Kb / 18P
   19 Output Differential Buffer for PCIe Gen2 and QPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com