전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

932S421BGLFT 데이터시트(PDF) 10 Page - Integrated Device Technology

부품명 932S421BGLFT
상세설명  PCIe Gen2 and QPI Clock for Intel-Based Servers
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IDT [Integrated Device Technology]
홈페이지  http://www.idt.com
Logo IDT - Integrated Device Technology

932S421BGLFT 데이터시트(HTML) 10 Page - Integrated Device Technology

Back Button 932S421BGLFT Datasheet HTML 6Page - Integrated Device Technology 932S421BGLFT Datasheet HTML 7Page - Integrated Device Technology 932S421BGLFT Datasheet HTML 8Page - Integrated Device Technology 932S421BGLFT Datasheet HTML 9Page - Integrated Device Technology 932S421BGLFT Datasheet HTML 10Page - Integrated Device Technology 932S421BGLFT Datasheet HTML 11Page - Integrated Device Technology 932S421BGLFT Datasheet HTML 12Page - Integrated Device Technology 932S421BGLFT Datasheet HTML 13Page - Integrated Device Technology 932S421BGLFT Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
IDTTM
PCIe Gen2 and QPI Clock for Intel-Based Servers
1340G—01/26/10
ICS932S421B
PCIe Gen2 and QPI Clock for Intel-Based Servers
10
Electrical Characteristics - REF
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Notes
Long Accuracy
ppm
see Tperiod min-max values
-100
0
100
ppm
1,2
Clock period
Tperiod
14.318MHz output nominal
69.8343
69.84128
69.8483
ns
2
Absolute Clock period
Tpabs
14.318MHz output including
jitter
68.8343
70.8483
ns
2
Clock High Time
THIGH
1.5V
27.533718
N/A
ns
1
Clock Low Time
TLOW
1.5V
27.533718
N/A
ns
1
Output High Voltage
VOH
IOH = -1 mA
2.4
V
1
Output Low Voltage
VOL
IOL = 1 mA
0.4
V
1
V OH @MIN = 1.0 V
-33
mA
1
VOH@MAX = 3.135 V
-33
mA
1
VOL @ MIN = 1.95 V
30
mA
1
VOL @ MAX = 0.4 V
38
mA
1
Edge Rate
tslewr/f
Rising/Falling edge rate
1
4
V/ns
1
Rise Time
tr1
VOL = 0.4 V, VOH = 2.4 V
0.5
2
ns
1
Fall Time
tf1
VOH = 2.4 V, VOL = 0.4 V
0.5
2
ns
1
Skew
tsk1
VT = 1.5 V
500
ps
1
Duty Cycle
dt1
VT = 1.5 V
45
55
%
1
Jitter
tjcyc-cyc
VT = 1.5 V
1000
ps
1
*TA = 0 - 70°C; Supply Voltage VDD = 3.3 V +/-5%
1Guaranteed by design and characterization, not 100% tested in production.
2 All Long Term Accuracy and Clock Period specifications are guaranteed assuming that REF is at 14.31818MHz
Output High Current
IOH
Output Low Current
IOL
Electrical Characteristics - Differential Jitter Parameters
PARAMETER
Symbol
Conditions
Min
TYP
Max
Units
Notes
tjphasePLL
PCIe Gen 1
40
86
ps (p-p)
1,2
tjphaseLo
PCIe Gen 2
10kHz < f < 1.5MHz
1.7
3
ps
(RMS)
1,2
tjphaseHigh
PCIe Gen 2
1.5MHz < f < Nyquist (50MHz)
2.2
3.1
ps
(RMS)
1,2
tjphFBD1_3.2
G
FBD1 3.2/4G
11MHz to 33MHz
2.5
3
ps
(RMS)
1,2
tjphFBD1_4.0
G
FBD1 4.8G
11MHz to 33MHz
22.5
ps
(RMS)
1,2
tjphQPI
QPI 133MHz 6.4GB_12UI
CPU outputs only
0.25
0.5
ps
(RMS)
1,2
*TA = 0 - 70°C; Supply Voltage VDD = 3.3 V +/-5%
1Guaranteed by design and characterization, not 100% tested in production.
Jitter, Phase
2See http://www.pcisig.com for complete specs


유사한 부품 번호 - 932S421BGLFT

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
932S421BGLFT RENESAS-932S421BGLFT Datasheet
364Kb / 24P
   PCIe Gen2 and QPI Clock for Intel-Based Servers
01/26/10
More results

유사한 설명 - 932S421BGLFT

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ICS932S421B RENESAS-ICS932S421B Datasheet
364Kb / 24P
   PCIe Gen2 and QPI Clock for Intel-Based Servers
01/26/10
932SQ425 RENESAS-932SQ425 Datasheet
440Kb / 23P
   PCIE GEN2/3 & QPI CLOCK FOR ROMLEY-BASED SERVERS
REV B 042312
ICS932S431A RENESAS-ICS932S431A Datasheet
443Kb / 23P
   PCIe Gen 2 and QPI Clock for Intel-based Servers
2019
logo
Integrated Device Techn...
ICS932SQ420DGLF IDT-ICS932SQ420DGLF Datasheet
412Kb / 27P
   PCIE GEN 2/3 & QPI CLOCK FOR ROMLEY-BASED SERVERS
932SQ420DGLFT IDT-932SQ420DGLFT Datasheet
412Kb / 27P
   PCIE GEN 2/3 & QPI CLOCK FOR ROMLEY-BASED SERVERS
logo
Renesas Technology Corp
932SQ420D RENESAS-932SQ420D Datasheet
616Kb / 29P
   PCIE GEN 2/3 & QPI CLOCK FOR ROMLEY-BASED SERVERS
REV J 010715
932SQ428 RENESAS-932SQ428 Datasheet
560Kb / 23P
   PCIE GEN 2/3 & QPI CLOCK FOR ROMLEY-BASED SERVERS
REV E 042312
logo
Integrated Circuit Syst...
ICS932S422C ICST-ICS932S422C Datasheet
193Kb / 21P
   PCIe Gen 2 main Clock for Intel-based Servers
logo
Renesas Technology Corp
ICS932S422C RENESAS-ICS932S422C Datasheet
386Kb / 22P
   PCIe Gen 2 main Clock for Intel-based Servers
2019
logo
Integrated Device Techn...
9DB1904B IDT-9DB1904B Datasheet
179Kb / 18P
   19 Output Differential Buffer for PCIe Gen2 and QPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23