전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM5150B 데이터시트(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

부품명 SM5150B
상세설명  Voltage 150V 5.0 Amp Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SECOS [SeCoS Halbleitertechnologie GmbH]
홈페이지  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SM5150B 데이터시트(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SM5150B Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SM5150B Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Elektronische Bauelemente
SM5150B
Voltage 150V
5.0 Amp Schottky Barrier Rectifiers
01-Mar-2012 Rev. B
Page 2 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RATINGS AND CHARACTERISTIC CURVES


유사한 부품 번호 - SM5150B

제조업체부품명데이터시트상세설명
logo
Goodwork Semiconductor ...
SM5150B GWSEMI-SM5150B Datasheet
63Kb / 2P
   5.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
AiT Semiconductor Inc.
SM5150BF AITSEMI-SM5150BF Datasheet
566Kb / 5P
   SCHOTTKY DIODES REVERSE VOLTAGE 20 TO 200V FORWARD CURRENT 5.0A
REV1.0
logo
SeCoS Halbleitertechnol...
SM5150BM SECOS-SM5150BM Datasheet
310Kb / 2P
   Voltage 20 ~ 200 V 5.0 AMP Surface Mount Schottky Barrier Rectifiers
SM5150B SECOS-SM5150B_15 Datasheet
266Kb / 2P
   5.0 Amp Schottky Barrier Rectifiers
More results

유사한 설명 - SM5150B

제조업체부품명데이터시트상세설명
logo
SeCoS Halbleitertechnol...
SM5150A SECOS-SM5150A Datasheet
202Kb / 2P
   Voltage 150V 5.0 Amp Schottky Barrier Rectifiers
SBR30150 SECOS-SBR30150 Datasheet
321Kb / 2P
   VOLTAGE 150V 30.0 AMP Schottky Barrier Rectifiers
SBR40150RF SECOS-SBR40150RF Datasheet
307Kb / 2P
   VOLTAGE 150V 40.0 Amp Schottky Barrier Rectifiers
SM8150C SECOS-SM8150C Datasheet
135Kb / 2P
   Voltage 150V 8 Amp Schottky Barrier Rectifiers
SM5100A SECOS-SM5100A Datasheet
425Kb / 2P
   Voltage 100V 5.0 Amp Schottky Barrier Rectifiers
SM5150C SECOS-SM5150C Datasheet
147Kb / 2P
   5.0 Amp Schottky Barrier Rectifiers
logo
Goodwork Semiconductor ...
SR520 GWSEMI-SR520 Datasheet
65Kb / 2P
   5.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SM5150C SECOS-SM5150C_15 Datasheet
207Kb / 2P
   5.0 Amp Schottky Barrier Rectifiers
SP5100S SECOS-SP5100S_15 Datasheet
239Kb / 2P
   5.0 Amp Schottky Barrier Rectifiers
SR5100K SECOS-SR5100K_15 Datasheet
246Kb / 2P
   5.0 Amp Schottky Barrier Rectifiers
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com