전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM20100D1 데이터시트(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

부품명 SM20100D1
상세설명  VOLTAGE 100 V 20Amps Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SECOS [SeCoS Halbleitertechnologie GmbH]
홈페이지  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SM20100D1 데이터시트(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SM20100D1 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SM20100D1 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SM20100D1
VOLTAGE 100 V
20Amps Schottky Barrier Rectifiers
07-Jul-2011 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Low forward voltage drop
High current capability
High reliability
High surge current capability
Epitaxial construction
MECHANICAL DATA
Case: Molded plastic
Epoxy: UL94V-0 rate flame retardant
Lead: Lead solderable per MIL-STD-202
method 208 guaranteed
Polarity: As Marked
Mounting position: Any
Weight: 0.7 grams
Absolute Rating
Rating 25°C ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, de-rate current by 20%.
Parameter
Symbol
Value
UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
100
V
Maximum RMS Voltage
VRMS
100
V
Maximum DC Blocking Voltage
VDC
100
V
Per Leg
10
A
Maximum Average Forward Rectified Current
Per Device
IF
20
A
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
IFSM
160
A
Typical Junction Capacitance
CJ
180
pF
Typical Thermal Resistance
RθJC
5
°C/W
Operating Temperature
TJ
-55~150
°C
Storage Temperature
TSTG
-55~150
°C
Static Electrical Characteristics (per diode)
Parameter
Symbol
Test Condition
Min.
Typ.
Max.
Unit
IF=8A
TJ=25°C
0.76
0.78
IF=8A
TJ=125°C
0.63
0.65
IF=10A
TJ=25°C
0.8
0.85
Forward voltage drop
VF
IF=10A
TJ=125°C
0.66
0.68
V
TJ=25°C
2
10
uA
Reverse leakage current (note 3)
IR
VR=100V
TJ=125°C
1
4
mA
NOTES:
1.
Measured at 1MHz and applied reverse voltage of 4.0V D.C.
2.
Thermal Resistance Junction to Case.
3.
Pulse test: Pulse width 40ms.
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
6.35
6.8
J
2.30 REF.
B
5.2
5.5
K
0.64
0.9
C
2.15
2.4
M
0.5
1.1
D
0.45
0.58
N
0.9
1.65
E
6.8
7.5
O
0
0.15
F
2.4
3.0
P
0.43
0.58
G
5.4
6.25
H
0.64
1.2
TO-252(D-PACK)
A
C
D
N
O
P
G E
F
H
K
J
M
B


유사한 부품 번호 - SM20100D1

제조업체부품명데이터시트상세설명
logo
SeCoS Halbleitertechnol...
SM20100D1 SECOS-SM20100D1_15 Datasheet
227Kb / 2P
   Barrier Schottky Rectifier
More results

유사한 설명 - SM20100D1

제조업체부품명데이터시트상세설명
logo
SeCoS Halbleitertechnol...
SM10100DS SECOS-SM10100DS_11 Datasheet
275Kb / 2P
   VOLTAGE 100 V 10A Schottky Barrier Rectifiers
MBR10100 SECOS-MBR10100 Datasheet
137Kb / 2P
   Voltage 100 V 10.0 Amp Schottky Barrier Rectifiers
MBR20100F SECOS-MBR20100F Datasheet
223Kb / 2P
   Voltage 100 V 20.0 Amp Schottky Barrier Rectifiers
SBR10100 SECOS-SBR10100_11 Datasheet
257Kb / 2P
   Voltage 100 V 10.0 Amp Schottky Barrier Rectifiers
MBR30100F SECOS-MBR30100F Datasheet
146Kb / 2P
   Voltage 100 V 30.0 Amp Schottky Barrier Rectifiers
MBR30100 SECOS-MBR30100 Datasheet
146Kb / 2P
   Voltage 100 V 30.0 Amp Schottky Barrier Rectifiers
SBR10100 SECOS-SBR10100 Datasheet
170Kb / 2P
   VOLTAGE 100 V 10.0 Amp Schottky Barrier Rectifiers
MBR10100D SECOS-MBR10100D Datasheet
286Kb / 2P
   Voltage 100 V 10 Amp Schottky Barrier Rectifiers
MBR10100F SECOS-MBR10100F Datasheet
216Kb / 2P
   Voltage 100 V 10.0 Amp Schottky Barrier Rectifiers
SBR10100F SECOS-SBR10100F Datasheet
173Kb / 2P
   VOLTAGE 100 V 10.0 Amp Schottky Barrier Rectifiers
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com