전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI2300 데이터시트(PDF) 4 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

부품명 SI2300
상세설명  20 V N-Channel Enhancement Mode MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HTSEMI [Shenzhen Jin Yu Semiconductor Co., Ltd.]
홈페이지  http://www.htsemi.com
Logo HTSEMI - Shenzhen Jin Yu Semiconductor Co., Ltd.

SI2300 데이터시트(HTML) 4 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

  SI2300 Datasheet HTML 1Page - Shenzhen Jin Yu Semiconductor Co., Ltd. SI2300 Datasheet HTML 2Page - Shenzhen Jin Yu Semiconductor Co., Ltd. SI2300 Datasheet HTML 3Page - Shenzhen Jin Yu Semiconductor Co., Ltd. SI2300 Datasheet HTML 4Page - Shenzhen Jin Yu Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
- 4 -
0.2
0.4
0.6
0.8
1.0
1.2
–0.4
–0.3
–0.2
–0.1
–0.0
0.1
0.2
–50
0
50
100
150
0
0.04
0.08
0.12
0.16
0.20
0
246
8
Source-Drain Diode Forward Voltage
On-Resistance vs. Gate-to-Source Voltage
Threshold Voltage
Single Pulse Power
Normalized Thermal Transient Impedance, Junction-to-Ambient
Square Wave Pulse Duration (sec)
2
1
0.1
0.01
10–4
10–3
10–2
10–1
1
30
VSD – Source-to-Drain Voltage (V)
VGS – Gate-to-Source Voltage (V)
TJ – Temperature (_C)
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
ID = 3.6 A
ID = 250 mA
10
1
10
TJ = 25_C
TJ = 150_C
0.01
0.10
1.00
10.00
Time (sec)
TC = 25_C
Single Pulse
14
12
8
4
0
2
6
10
Date:2011/05
www.htsemi.com
semiconductor
JinYu
20V N-Channel Enhancement Mode MOSFET
SI2300


유사한 부품 번호 - SI2300

제조업체부품명데이터시트상세설명
logo
Guangdong Kexin Industr...
SI2300 KEXIN-SI2300 Datasheet
48Kb / 2P
   N-Channel Enhancement Mode Field Effect Transistor
SI2300 KEXIN-SI2300 Datasheet
630Kb / 2P
   N-Channel Enhancement Mode Field Effect Transistor
logo
ZP Semiconductor
SI2300 ZPSEMI-SI2300 Datasheet
503Kb / 6P
   N-Channel Enhancement Mode MOSFET
logo
GUANGDONG HOTTECH INDUS...
SI2300 HOTTECH-SI2300 Datasheet
283Kb / 3P
   N-Channel MOSFET
logo
Guangdong Kexin Industr...
SI2300-3 KEXIN-SI2300-3 Datasheet
751Kb / 2P
   N-Channel Enhancement MOSFET
More results

유사한 설명 - SI2300

제조업체부품명데이터시트상세설명
logo
Shenzhen Jin Yu Semicon...
XP151A13COMR HTSEMI-XP151A13COMR Datasheet
2Mb / 4P
   20 V N-Channel Enhancement Mode MOSFET
FDN335N HTSEMI-FDN335N Datasheet
1Mb / 4P
   20 V N-Channel Enhancement Mode MOSFET
SI2302 HTSEMI-SI2302 Datasheet
3Mb / 4P
   20 V N-Channel Enhancement Mode MOSFET
SI2312 HTSEMI-SI2312 Datasheet
1Mb / 3P
   20 V N-Channel Enhancement Mode MOSFET
PT8205A HTSEMI-PT8205A Datasheet
2Mb / 3P
   20 V Dual N-Channel Enhancement Mode MOSFET
PT8205 HTSEMI-PT8205 Datasheet
2Mb / 3P
   20 V Dual N-Channel Enhancement Mode MOSFET
PT8822 HTSEMI-PT8822 Datasheet
2Mb / 3P
   20 V Dual N-Channel Enhancement Mode MOSFET
FDN338P HTSEMI-FDN338P Datasheet
1Mb / 4P
   20 V P-Channel Enhancement Mode MOSFET
XP152A12COMR HTSEMI-XP152A12COMR Datasheet
2Mb / 4P
   20 V P-Channel Enhancement Mode MOSFET
PT4410 HTSEMI-PT4410 Datasheet
1Mb / 3P
   30 V N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com