전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STZ8047A 데이터시트(PDF) 4 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

부품명 STZ8047A
상세설명  Silicon Planar Zener Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HTSEMI [Shenzhen Jin Yu Semiconductor Co., Ltd.]
홈페이지  http://www.htsemi.com
Logo HTSEMI - Shenzhen Jin Yu Semiconductor Co., Ltd.

STZ8047A 데이터시트(HTML) 4 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

  STZ8047A Datasheet HTML 1Page - Shenzhen Jin Yu Semiconductor Co., Ltd. STZ8047A Datasheet HTML 2Page - Shenzhen Jin Yu Semiconductor Co., Ltd. STZ8047A Datasheet HTML 3Page - Shenzhen Jin Yu Semiconductor Co., Ltd. STZ8047A Datasheet HTML 4Page - Shenzhen Jin Yu Semiconductor Co., Ltd. STZ8047A Datasheet HTML 5Page - Shenzhen Jin Yu Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Type
Marking
Code
Zener Voltage Range
1)
Dynamic Impedance
Reverse Leakage
Current
Temp. coefficient of
Zener Voltage
lZT for
VZ
ZZT
ZZK
at IZK
IR
at VR
SZ (mV/OC)
Typ. at IZT
mA
V
Ω (Max.)
Ω (Max.)
mA
μA (Max.)
V
STZ8240
2N
5
22.8…25.6
100
120
0.5
0.1
19
20.4
STZ8240A
4Y1
22.8…23.97
STZ8240B
FC
23.5…24.7
STZ8240C
5A1
24.35…25.6
STZ8270
2P
2
25.1…28.9
120
120
0.5
0.1
21
23.4
STZ8270A
5C1
25.3…26.7
STZ8270B
FD
26.3…27.7
STZ8270C
5E1
27.3…28.7
STZ8300
2R
2
28…32
160
160
0.5
0.1
23
26.6
STZ8300A
5G1
28.3…29.7
STZ8300B
FE
29.3…30.8
STZ8300C
5J1
30.2…31.8
STZ8330
2X
2
31…35
200
200
0.5
0.1
25
29.7
STZ8330A
5L1
31.2…32.8
STZ8330B
8X
32.2…33.8
STZ8330C
5N1
33.2…34.9
STZ8360
2Y
2
34…38
250
250
0.5
0.1
27
33
STZ8360A
5Q1
34.1…35.9
STZ8360B
8Y
35.1…36.9
STZ8360C
5S1
36.1…37.9
STZ8390
2Z
2
37…41
300
300
0.5
2
30
35.6
STZ8390A
5U1
37.1…39
STZ8390B
FJ
38…40
STZ8390C
5X1
39…41
1) VZ is tested with pulses (20 ms).
Ambient Temperature: Ta ( C)
O
0
25
100
150
0
100
200
300
Derating Curve
STZ8000 Series
Date:2011/05
www.htsemi.com
semiconductor
JinYu


유사한 부품 번호 - STZ8047A

제조업체부품명데이터시트상세설명
logo
SEMTECH ELECTRONICS LTD...
STZ8047A SEMTECH_ELEC-STZ8047A Datasheet
301Kb / 5P
   SILICON PLANAR ZENER DIODES
More results

유사한 설명 - STZ8047A

제조업체부품명데이터시트상세설명
logo
Semtech Corporation
1N5221 SEMTECH-1N5221 Datasheet
296Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
General Semiconductor
ZMM1 GE-ZMM1 Datasheet
351Kb / 8P
   Silicon Planar Zener Diodes
logo
GOOD-ARK Electronics
1N746 GOOD-ARK-1N746 Datasheet
33Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Surge Components
MM3Z5221B SURGE-MM3Z5221B Datasheet
665Kb / 4P
   Silicon Planar Zener Diodes
logo
DONGGUAN YOU FENG WEI E...
1SMA4728A-330V-SMAF YFWDIODE-1SMA4728A-330V-SMAF_17 Datasheet
413Kb / 3P
   Silicon Planar Zener Diodes
logo
Nanjing International G...
1N5221 DGNJDZ-1N5221 Datasheet
88Kb / 3P
   Silicon Planar Zener Diodes
ZMM5221 DGNJDZ-ZMM5221 Datasheet
148Kb / 3P
   Silicon Planar Zener Diodes
logo
Vishay Siliconix
MMBZ4681-G VISHAY-MMBZ4681-G Datasheet
89Kb / 4P
   Silicon planar Zener diodes
Rev. 1.0, 01-Mar-13
logo
Chongqing Pingwei Enter...
BZV85C2V7 CHONGQING-BZV85C2V7 Datasheet
61Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX84B2V4 SEMTECH_ELEC-BZX84B2V4 Datasheet
228Kb / 3P
   SILICON PLANAR ZENER DIODES
1N5220 SEMTECH_ELEC-1N5220 Datasheet
218Kb / 3P
   SILICON PLANAR ZENER DIODES
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com