전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BAT54A-V 데이터시트(PDF) 1 Page - Vishay Siliconix

부품명 BAT54A-V
상세설명  Small Signal Schottky Diodes, Single and Dual
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BAT54A-V 데이터시트(HTML) 1 Page - Vishay Siliconix

  BAT54A-V Datasheet HTML 1Page - Vishay Siliconix BAT54A-V Datasheet HTML 2Page - Vishay Siliconix BAT54A-V Datasheet HTML 3Page - Vishay Siliconix BAT54A-V Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BAT54-V, BAT54A-V, BAT54C-V, BAT54S-V
Document Number 85508
Rev. 1.7, 16-Jul-10
Vishay Semiconductors
www.vishay.com
1
Top View
Top View
BAT54-V
BAT54C-V
BAT54A-V
BAT54S-V
18034
1
3
1
3
1
3
1
2
2
2
2
3
For technical questions within your region, please contact one of the following:
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Small Signal Schottky Diodes, Single and Dual
Features
• These diodes feature very low turn-on
voltage and fast switching
• These devices are protected by a PN
junction guard ring against excessive
voltage,
such
as
electrostatic
discharges
• AEC-Q101 qualified
• Compliant to RoHS directive 2002/95/EC and in
accordance to WEEE 2002/96/EC
Mechanical Data
Case: SOT-23
Weight: approx. 8.8 mg
Packaging codes/options:
GS18/10K per 13" reel (8 mm tape), 10K/box
GS08/3K per 7" reel (8 mm tape), 15K/box
Parts Table
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
Note
1) Device on fiberglass substrate, see layout on next page.
Thermal Characteristics
Tamb = 25 °C, unless otherwise specified
Note
1) Device on fiberglass substrate, see layout on next page.
Part
Ordering code
Type marking
Remarks
BAT54-V
BAT54-V-GS18 or BAT54-V-GS08
L4
Tape and reel
BAT54A-V
BAT54A-V-GS18 or BAT54A-V-GS08
L42
Tape and reel
BAT54C-V
BAT54C-V-GS18 or BAT54C-V-GS08
L43
Tape and reel
BAT54S-V
BAT54S-V-GS18 or BAT54S-V-GS08
L44
Tape and reel
Parameter
Test condition
Symbol
Value
Unit
Repetitive peak reverse voltage
VRRM
30
V
Forward continuous current
IF
200 1)
mA
Repetitive peak forward current
IFRM
300 1)
mA
Surge forward current current
tp < 1 s
IFSM
600 1)
mA
Power dissipation
Ptot
230
mW
Parameter
Test condition
Symbol
Value
Unit
Thermal resistance junction to ambient air
RthJA
430 1)
K/W
Junction temperature
Tj
125
°C
Storage temperature range
Tstg
- 65 to + 150
°C


유사한 부품 번호 - BAT54A-V

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
BAT54A-V VISHAY-BAT54A-V Datasheet
164Kb / 6P
   Small Signal Schottky Diodes, Single & Dual
Rev. 1.7, 16-Jul-10
BAT54A-V VISHAY-BAT54A-V Datasheet
140Kb / 5P
   Small Signal Schottky Diodes, Single and Dual
Rev. 1.7, 16-Jul-10
BAT54A-V-G VISHAY-BAT54A-V-G Datasheet
82Kb / 4P
   Small Signal Schottky Diodes, Single and Dual
Rev. 1.0, 28-Jun-10
BAT54A-V-GS08 VISHAY-BAT54A-V-GS08 Datasheet
164Kb / 6P
   Small Signal Schottky Diodes, Single & Dual
Rev. 1.7, 16-Jul-10
BAT54A-V-GS18 VISHAY-BAT54A-V-GS18 Datasheet
164Kb / 6P
   Small Signal Schottky Diodes, Single & Dual
Rev. 1.7, 16-Jul-10
More results

유사한 설명 - BAT54A-V

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
BAS70-00-G VISHAY-BAS70-00-G_V01 Datasheet
91Kb / 3P
   Small Signal Schottky Diodes, Single and Dual
01-Jan-2022
BAT54-V VISHAY-BAT54-V_10 Datasheet
140Kb / 5P
   Small Signal Schottky Diodes, Single and Dual
Rev. 1.7, 16-Jul-10
BAT54 VISHAY-BAT54_V01 Datasheet
92Kb / 4P
   Small Signal Schottky Diodes, Single and Dual
01-Jan-2022
BAT54-V-G VISHAY-BAT54-V-G_10 Datasheet
82Kb / 4P
   Small Signal Schottky Diodes, Single and Dual
Rev. 1.0, 28-Jun-10
BAT54-G VISHAY-BAT54-G_V01 Datasheet
102Kb / 4P
   Small Signal Schottky Diodes, Single and Dual
01-Jan-2022
BAS40-00-G VISHAY-BAS40-00-G Datasheet
89Kb / 3P
   Small Signal Schottky Diodes, Single and Dual
Rev. 1.0, 25-Feb-13
BAS40-00 VISHAY-BAS40-00 Datasheet
81Kb / 3P
   Small Signal Schottky Diodes, Single and Dual
Rev. 2.0, 25-Feb-13
BAS40-00-G VISHAY-BAS40-00-G_V01 Datasheet
91Kb / 3P
   Small Signal Schottky Diodes, Single and Dual
01-Jan-2022
BAS40-00 VISHAY-BAS40-00_V01 Datasheet
92Kb / 4P
   Small Signal Schottky Diodes, Single and Dual
01-Jan-2022
BAS70-00 VISHAY-BAS70-00_V01 Datasheet
89Kb / 3P
   Small Signal Schottky Diodes, Single and Dual
01-Jan-2022
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com