전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS8542VA 데이터시트(PDF) 2 Page - Vishay Siliconix

부품명 TS8542VA
상세설명  Specification of High Power IR Emitting Diode Chip
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TS8542VA 데이터시트(HTML) 2 Page - Vishay Siliconix

  TS8542VA Datasheet HTML 1Page - Vishay Siliconix TS8542VA Datasheet HTML 2Page - Vishay Siliconix TS8542VA Datasheet HTML 3Page - Vishay Siliconix TS8542VA Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TS8542VA
www.vishay.com
Vishay Semiconductors
Rev. 1.1, 20-Feb-12
2
Document Number: 83474
For technical questions, contact: optochipsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) The measurements are based on samples of die which are mounted on a TO-18 gold header without resin coating
(2) The radiant intensity, Ie, is measured on the geometric axis of the TO-18 header
BASIC CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - Relative Spectral Emission
φe rel = f (λ)
Fig. 2 - Radiant Characteristics
Irel = f(
ϕ)
Note
• All chips are checked in accordance with the Vishay Semiconductor, specification of visual inspection FVOV6870.
The visual inspection shall be made in accordance with the “specification of visual inspection as referenced”. The visual inspection of chip
backside is performed with stereo microscope with incident light and 40x to 80x magnification.
The quality inspection (final visual inspection) is performed by production. An additional visual inspection step as special release procedure
by QM is not installed.
BASIC CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Forward voltage
IF = 100 mA
VF
1.3
1.5
V
IF = 1 A
VF
2.0
2.5
V
Radiant power (1)
IF = 100 mA
φe
32
mW
IF = 1000 mA
φe
350
mW
Radiant intensity (2)
IF = 100 mA
Ie
7.5
mW/sr
Reverse voltage
IR = 10 μA
VR
10
V
Angle of half intensity
IF = 100 mA
ϕ
50
55
60
deg
Peak wavelength
IF = 1 A
λp
830
850
870
nm
Spectral bandwidth
IF = 1 A
λ0.5
30
nm
Rise time/fall time
IF = 1 A, RL = 50
Ω
tr, tf
15
ns
λ- Wavelength (nm)
21776
0
0.25
0.5
0.75
1
650
750
850
950
0.4
0.2
0
94 8013
0.6
0.9
0.8
30°
10°
20°
40°
50°
60°
70°
80°
0.7
1.0
MECHANICAL DIMENSIONS
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
Length of chip edge (x-direction)
Lx
1.066
mm
Length of chip edge (y-direction)
Ly
1.066
mm
Die height
H
0.17
mm
Diameter of bondpad
d
0.127
mm
ADDITIONAL INFORMATION
Frontside metallization, anode
Gold alloy
Backside metallization, cathode
Gold alloy
Dicing
Sawing
Die bonding technology
Epoxy bonding


유사한 부품 번호 - TS8542VA

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
TS8510VB VISHAY-TS8510VB Datasheet
87Kb / 4P
   Specification of High Power IR Emitting Diode Chip
Rev. 1.0, 06-Feb-18
TS8510VB VISHAY-TS8510VB Datasheet
88Kb / 4P
   Specification of High Power IR Emitting Diode Chip
01-Jan-2022
TS8510VB VISHAY-TS8510VB Datasheet
89Kb / 4P
   Specification of High Power IR Emitting Diode Chip
01-Jan-2023
TS8510VB-SD-F VISHAY-TS8510VB-SD-F Datasheet
88Kb / 4P
   Specification of High Power IR Emitting Diode Chip
01-Jan-2022
TS8510VB-SD-F VISHAY-TS8510VB-SD-F Datasheet
89Kb / 4P
   Specification of High Power IR Emitting Diode Chip
01-Jan-2023
More results

유사한 설명 - TS8542VA

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
TS9414VB VISHAY-TS9414VB Datasheet
91Kb / 4P
   Specification of High Power IR Emitting Diode Chip
Rev. 1.1, 11-Apr-17
TS8510VB VISHAY-TS8510VB_V01 Datasheet
88Kb / 4P
   Specification of High Power IR Emitting Diode Chip
01-Jan-2022
TS9410VB VISHAY-TS9410VB_V01 Datasheet
89Kb / 4P
   Specification of High Power IR Emitting Diode Chip
01-Jan-2022
TS8510VB VISHAY-TS8510VB_V02 Datasheet
89Kb / 4P
   Specification of High Power IR Emitting Diode Chip
01-Jan-2023
TS9410VB VISHAY-TS9410VB_V02 Datasheet
90Kb / 4P
   Specification of High Power IR Emitting Diode Chip
01-Jan-2023
TS8514VB VISHAY-TS8514VB Datasheet
90Kb / 4P
   Specification of High Power IR Emitting Diode Chip
Rev. 1.0, 11-Apr-17
TS9410VB VISHAY-TS9410VB Datasheet
89Kb / 4P
   Specification of High Power IR Emitting Diode Chip
Rev. 1.2, 23-May-17
TS8514VB VISHAY-TS8514VB_V02 Datasheet
87Kb / 4P
   Specification of High Power IR Emitting Diode Chip
01-Jan-2023
TS8520VA VISHAY-TS8520VA Datasheet
95Kb / 4P
   Specification of High Power IR Emitting Diode Chip
Rev. 1.1, 20-Feb-12
TS8510VB VISHAY-TS8510VB Datasheet
87Kb / 4P
   Specification of High Power IR Emitting Diode Chip
Rev. 1.0, 06-Feb-18
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com