전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BAS16-V 데이터시트(PDF) 1 Page - Vishay Siliconix

부품명 BAS16-V
상세설명  Small Signal Fast Switching Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BAS16-V 데이터시트(HTML) 1 Page - Vishay Siliconix

  BAS16-V Datasheet HTML 1Page - Vishay Siliconix BAS16-V Datasheet HTML 2Page - Vishay Siliconix BAS16-V Datasheet HTML 3Page - Vishay Siliconix BAS16-V Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BAS16-V
Document Number 85539
Rev. 1.6, 12-Aug-10
Vishay Semiconductors
www.vishay.com
1
12
3
16923
For technical questions within your region, please contact one of the following:
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Small Signal Fast Switching Diode
Features
• Silicon Epitaxial Planar Diode
• Ultra fast switching speed
• Surface mount package ideally suited for
automatic insertion
• High conductance
• AEC-Q101 qualified
• Compliant to RoHS directive 2002/95/EC and in
accordance to WEEE 2002/96/EC
Mechanical Data
Case: SOT-23
Weight: approx. 8.0 mg
Polarity: cathode band
Packaging Codes/Options:
GS18 / 10 k per 13" reel (8 mm tape), 10 k/box
GS08 / 3 k per 7" reel (8 mm tape), 15 k/box
Parts Table
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
Part
Ordering code
Marking
Remarks
BAS16-V
BAS16-V-GS18 or BAS16-V_GS08
A6
Tape and Reel
Parameter
Test condition
Symbol
Value
Unit
Non repetitive peak reverse
voltage
VRM
100
V
Repetitive peak reverse voltage
= Working peak reverse voltage
= DC Blocking voltage
VRRM = VRWM = VR
75
V
Peak forward surge current
tp = 1 s
IFSM
1A
tp =1 µs
IFSM
2A
Average forward current
Half wave rectification with
resistive load and f
≥ 50 MHz, on
ceramic substrate
8 mm x10 mm x 0.7 mm
IFAV
150
mA
Forward current
On ceramic substrate
8 mm x 10 mm x 0.7 mm
IF
300
mA
Power dissipation
On ceramic substrate
8 mm x 10 mm x 0.7 mm
Ptot
350
mW


유사한 부품 번호 - BAS16-V

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
BAS16-V VISHAY-BAS16-V Datasheet
157Kb / 5P
   Small Signal Fast Switching Diode
Rev. 1.5, 09-Mar-06
BAS16-V-GS08 VISHAY-BAS16-V-GS08 Datasheet
140Kb / 5P
   Small Signal Fast Switching Diode
Rev. 1.5, 09-Mar-06
BAS16-V-GS18 VISHAY-BAS16-V-GS18 Datasheet
157Kb / 5P
   Small Signal Fast Switching Diode
Rev. 1.5, 09-Mar-06
BAS16-V_GS08 VISHAY-BAS16-V_GS08 Datasheet
157Kb / 5P
   Small Signal Fast Switching Diode
Rev. 1.5, 09-Mar-06
More results

유사한 설명 - BAS16-V

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
1N4151W-V VISHAY-1N4151W-V Datasheet
205Kb / 6P
   Small Signal Fast Switching Diode
Rev. 1.2, 06-Apr-05
1N4148W-V VISHAY-1N4148W-V_15 Datasheet
93Kb / 6P
   Small Signal Fast Switching Diode
Rev. 1.5, 27-Jul-12
LL4154-M VISHAY-LL4154-M Datasheet
85Kb / 4P
   Small Signal Fast Switching Diode
Rev. 1.0, 02-Mar-15
1N4148WFL-G VISHAY-1N4148WFL-G Datasheet
94Kb / 5P
   Small Signal Fast Switching Diode
Rev. 1.0., 24-Oct-13
1N4148W-G VISHAY-1N4148W-G Datasheet
96Kb / 5P
   Small Signal Fast Switching Diode
Rev. 1.2, 08-May-13
1N4448WS VISHAY-1N4448WS Datasheet
91Kb / 5P
   Small Signal Fast Switching Diode
Rev. 1.4, 14-Oct-16
1N4148W VISHAY-1N4148W Datasheet
105Kb / 5P
   Small Signal Fast Switching Diode
Rev. 1.7, 08-May-13
BAS16-V-GS08 VISHAY-BAS16-V-GS08 Datasheet
140Kb / 5P
   Small Signal Fast Switching Diode
Rev. 1.5, 09-Mar-06
logo
KODENSHI_AUK CORP.
SDS914 KODENSHI-SDS914 Datasheet
251Kb / 5P
   Small Signal Fast Switching Diode
SDS2838EF KODENSHI-SDS2838EF Datasheet
265Kb / 5P
   Small Signal Fast Switching Diode
SUD494J KODENSHI-SUD494J Datasheet
280Kb / 5P
   Small Signal Fast Switching Diode
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com