전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMA5J6.0A 데이터시트(PDF) 2 Page - Vishay Siliconix

부품명 SMA5J6.0A
상세설명  High Power Density Surface Mount TRANSZORB® Transient Voltage Suppressors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SMA5J6.0A 데이터시트(HTML) 2 Page - Vishay Siliconix

  SMA5J6.0A Datasheet HTML 1Page - Vishay Siliconix SMA5J6.0A Datasheet HTML 2Page - Vishay Siliconix SMA5J6.0A Datasheet HTML 3Page - Vishay Siliconix SMA5J6.0A Datasheet HTML 4Page - Vishay Siliconix SMA5J6.0A Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SMA5J5.0A thru SMA5J40CA
www.vishay.com
Vishay General Semiconductor
Revision: 26-Jan-12
2
Document Number: 88875
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Pulse test: tp  50 ms
(2) Surge current waveform per fig. 3 and derate per fig. 2
(3) For bi-directional types having VWM of 10 V and less, the ID limit is doubled
(4) All terms and symbols are consistent with ANSI/IEEE C62.35
(5) For the bi-directional SMA5J5.0CA, the maximum VBR is 7.25 V
(6) VF = 3.5 V at IF = 25 A (uni-directional only)
Note
(1) Mounted on minimum recommended pad layout
Note
(1) AEC-Q101 qualified
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
DEVICE TYPE
DEVICE MARKING
CODE
BREAKDOWN
VOLTAGE
VBR (V)(1)
TEST
CURRENT
IT
(mA)
STAND-OFF
VOLTAGE
VWM
(V)
MAXIMUM
REVERSE
LEAKAGE
AT VWM
ID (μA) (3)
MAXIMUM
PEAK PULSE
SURGE
CURRENT
IPPM (A) (2)
MAXIMUM
CLAMPING
VOLTAGE AT
IPPM
VC (V)
UNI
BI
MIN.
MAX.
SMA5J5.0A (5)
5AE
5AE
6.40
7.07
10
5.0
800
54.3
9.2
SMA5J6.0A
5AG
5AG
6.67
7.37
10
6.0
800
48.5
10.3
SMA5J6.5A
5AK
5AK
7.22
7.98
10
6.5
500
44.6
11.2
SMA5J7.0A
5AM
5AM
7.78
8.60
10
7.0
200
41.7
12.0
SMA5J7.5A
5AP
5AP
8.33
9.21
1.0
7.5
100
38.8
12.9
SMA5J8.0A
5AR
5AR
8.89
9.83
1.0
8.0
50
36.8
13.6
SMA5J8.5A
5AT
5AT
9.44
10.4
1.0
8.5
10
34.7
14.4
SMA5J9.0A
5AV
5AV
10.0
11.1
1.0
9.0
5.0
32.5
15.4
SMA5J10A
5AX
5AX
11.1
12.3
1.0
10
1.0
29.4
17.0
SMA5J11A
5AZ
5AZ
12.2
13.5
1.0
11
1.0
27.5
18.2
SMA5J12A
5BE
5BE
13.3
14.7
1.0
12
1.0
25.1
19.9
SMA5J13A
5BG
5BG
14.4
15.9
1.0
13
1.0
23.3
21.5
SMA5J14A
5BK
5BK
15.6
17.2
1.0
14
1.0
21.6
23.2
SMA5J15A
5BM
5BM
16.7
18.5
1.0
15
1.0
20.5
24.4
SMA5J16A
5BP
5BP
17.8
19.7
1.0
16
1.0
19.2
26.0
SMA5J17A
5BR
5BR
18.9
20.9
1.0
17
1.0
18.1
27.6
SMA5J18A
5BT
5BT
20.0
22.1
1.0
18
1.0
17.1
29.2
SMA5J20A
5BV
5BV
22.2
24.5
1.0
20
1.0
15.4
32.4
SMA5J22A
5BX
5BX
24.4
26.9
1.0
22
1.0
14.1
35.5
SMA5J24A
5BZ
5BZ
26.7
29.5
1.0
24
1.0
12.9
38.9
SMA5J26A
5CE
5CE
28.9
31.9
1.0
26
1.0
11.9
42.1
SMA5J28A
5CG
5CG
31.1
34.4
1.0
28
1.0
11.0
45.4
SMA5J30A
5CK
5CK
33.3
36.8
1.0
30
1.0
10.3
48.4
SMA5J33A
5CM
5CM
36.7
40.6
1.0
33
1.0
9.4
53.3
SMA5J36A
5CP
5CP
40.0
44.2
1.0
36
1.0
8.6
58.1
SMA5J40A
5CR
5CR
44.4
49.1
1.0
40
1.0
7.8
64.5
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
VALUE
UNIT
Typical thermal resistance, junction to ambient (1)
RJA
80
°C/ W
Typical thermal resistance, junction to lead
RJL
25
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
SMA5J5.0A-E3/61
0.064
61
1800
7" diameter plastic tape and reel
SMA5J5.0A-E3/5A
0.064
5A
7500
13" diameter plastic tape and reel
SMA5J5.0AHE3/61 (1)
0.064
61
1800
7" diameter plastic tape and reel
SMA5J5.0AHE3/5A (1)
0.064
5A
7500
13" diameter plastic tape and reel


유사한 부품 번호 - SMA5J6.0A

제조업체부품명데이터시트상세설명
logo
Shenzhen Taychipst Elec...
SMA5J6.0A TAYCHIPST-SMA5J6.0A Datasheet
18Mb / 3P
   High Power Density Surface Mount TRANSZORB Transient Voltage Suppressors
logo
Vishay Siliconix
SMA5J6.0A VISHAY-SMA5J6.0A Datasheet
87Kb / 5P
   High Power Density Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 24-Oct-12
logo
SUNMATE electronic Co.,...
SMA5J6.0A SUNMATE-SMA5J6.0A Datasheet
599Kb / 4P
   SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
SMA5J6.0A SUNMATE-SMA5J6.0A Datasheet
749Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODE
logo
Vishay Siliconix
SMA5J6.0A VISHAY-SMA5J6.0A Datasheet
96Kb / 5P
   High Power Density Surface-Mount TRANSZORB짰
01-Jan-2022
More results

유사한 설명 - SMA5J6.0A

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SMA5J40CA VISHAY-SMA5J40CA Datasheet
114Kb / 6P
   High Power Density Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
SMB108J40CA VISHAY-SMB108J40CA Datasheet
117Kb / 6P
   High Power Density Surface-Mount TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
SMB108J5.0CA VISHAY-SMB108J5.0CA Datasheet
118Kb / 6P
   High Power Density Surface-Mount TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
SMB10J40A VISHAY-SMB10J40A Datasheet
118Kb / 6P
   High Power Density Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
SMA5J30CA VISHAY-SMA5J30CA Datasheet
87Kb / 5P
   High Power Density Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 13-Dec-13
SMB10J30A-E3 VISHAY-SMB10J30A-E3 Datasheet
97Kb / 6P
   High Power Density Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 12-Nov-12
SMA5J36CA VISHAY-SMA5J36CA Datasheet
87Kb / 5P
   High Power Density Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 24-Oct-12
logo
Shenzhen Taychipst Elec...
SMA5J5.0A TAYCHIPST-SMA5J5.0A Datasheet
18Mb / 3P
   High Power Density Surface Mount TRANSZORB Transient Voltage Suppressors
logo
Vishay Siliconix
SMB10J24HE3 VISHAY-SMB10J24HE3 Datasheet
97Kb / 6P
   High Power Density Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 12-Nov-12
SMAJ188CA VISHAY-SMAJ188CA Datasheet
117Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 29-Oct-08
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com