전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DZ23B5V6-V 데이터시트(PDF) 6 Page - Vishay Siliconix

부품명 DZ23B5V6-V
상세설명  Small Signal Zener Diodes, Dual
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DZ23B5V6-V 데이터시트(HTML) 6 Page - Vishay Siliconix

  DZ23B5V6-V Datasheet HTML 1Page - Vishay Siliconix DZ23B5V6-V Datasheet HTML 2Page - Vishay Siliconix DZ23B5V6-V Datasheet HTML 3Page - Vishay Siliconix DZ23B5V6-V Datasheet HTML 4Page - Vishay Siliconix DZ23B5V6-V Datasheet HTML 5Page - Vishay Siliconix DZ23B5V6-V Datasheet HTML 6Page - Vishay Siliconix DZ23B5V6-V Datasheet HTML 7Page - Vishay Siliconix DZ23B5V6-V Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
DZ23-V-Series
www.vishay.com
Vishay Semiconductors
Rev. 1.8, 02-Feb-12
6
Document Number: 85765
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 13 - Change of Zener Voltage from Turn-on up to the Point of
Thermal Equilibrium vs. Zener voltage
Fig. 14 - Breakdown Characteristics
Fig. 15 - Breakdown Characteristics
Fig. 16 - Breakdown Characteristics
LAYOUT FOR RthJA TEST
Thickness: fiberglass 0.059" (1.5 mm)
Copper leads 0.012" (0.3 mm)
18128
Δ
5
4
3
2
1
0
V
V
Z
0
20
40
60
80
100 V
V
Z
I
Z = 5 mA
I
Z = 2 mA
V
Z = Rzth x IZ
Δ
18111
Test
current
I
Z 5 mA
1
23
4
5
67
8
9
0
10 V
VZ
3.3
3.9 5.6
2.7
mA
50
40
30
20
10
0
lZ
Tj = 25 °C
8.2
6.8
4.7
18112
10
20
30
0
40 V
VZ
mA
30
20
10
0
lZ
33
Test
current
IZ 5 mA
Tj = 25 °C
10
12
15
18
22
27
36
18113
mA
10
8
6
4
2
0
lZ
10 20 30 40 50 60 70 80 90
0
100 V
VZ
43
39
Test
current
I
Z 5 mA
Tj = 25 °C
47
51
17451
15 (0.59)
12 (0.47)
0.8 (0.03)
5 (0.2)
7.5 (0.3)
3 (0.12)
1 (0.4)
1 (0.4)
2 (0.8)
2 (0.8)
1.5 (0.06)
5.1 (0.2)


유사한 부품 번호 - DZ23B5V6-V

제조업체부품명데이터시트상세설명
logo
General Semiconductor
DZ23 GE-DZ23 Datasheet
404Kb / 9P
   Dual Common-Cathode Zener Diodes
logo
EIC discrete Semiconduc...
DZ23 EIC-DZ23 Datasheet
113Kb / 2P
   ZENER DIODE
logo
Vishay Siliconix
DZ23 VISHAY-DZ23 Datasheet
120Kb / 7P
   Small Signal Zener Diodes, Dual
Rev. 2.0, 08-Nov-16
DZ23 VISHAY-DZ23 Datasheet
115Kb / 7P
   Small Signal Zener Diodes, Dual
01-Jan-2022
logo
General Semiconductor
DZ23-B10 GE-DZ23-B10 Datasheet
404Kb / 9P
   Dual Common-Cathode Zener Diodes
More results

유사한 설명 - DZ23B5V6-V

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
AZ23C12-V-GS08 VISHAY-AZ23C12-V-GS08 Datasheet
122Kb / 8P
   Small Signal Zener Diodes, Dual
Rev. 1.3, 08-Feb-13
AZ23C4V7-V-GS08 VISHAY-AZ23C4V7-V-GS08 Datasheet
122Kb / 8P
   Small Signal Zener Diodes, Dual
Rev. 1.3, 08-Feb-13
MMBZ27VDA-G VISHAY-MMBZ27VDA-G Datasheet
91Kb / 4P
   Small Signal Zener Diodes, Dual
Rev. 1.0., 04-Mar-13
DZ23 VISHAY-DZ23 Datasheet
120Kb / 7P
   Small Signal Zener Diodes, Dual
Rev. 2.0, 08-Nov-16
MMBZ15VDC VISHAY-MMBZ15VDC Datasheet
74Kb / 4P
   Small Signal Zener Diodes, Dual
Rev. 1.4, 08-Jul-04
AZ23 VISHAY-AZ23_V01 Datasheet
135Kb / 8P
   Small Signal Zener Diodes, Dual
01-Jan-2022
AZ23-G VISHAY-AZ23-G_V01 Datasheet
122Kb / 8P
   Small Signal Zener Diodes, Dual
01-Jan-2022
AZ23C5V6-V-GS08 VISHAY-AZ23C5V6-V-GS08 Datasheet
112Kb / 8P
   Small Signal Zener Diodes, Dual
Rev. 1.7, 22-Nov-11
DZ23-G VISHAY-DZ23-G_V01 Datasheet
132Kb / 8P
   Small Signal Zener Diodes, Dual
01-Jan-2022
AZ23-G VISHAY-AZ23-G Datasheet
132Kb / 8P
   Small Signal Zener Diodes, Dual
Rev. 1.4, 04-Mar-14
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com