전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1SS400G 데이터시트(PDF) 4 Page - Rohm

부품명 1SS400G
상세설명  Switching Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

1SS400G 데이터시트(HTML) 4 Page - Rohm

  1SS400G_11 Datasheet HTML 1Page - Rohm 1SS400G_11 Datasheet HTML 2Page - Rohm 1SS400G_11 Datasheet HTML 3Page - Rohm 1SS400G_11 Datasheet HTML 4Page - Rohm 1SS400G_11 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
Data Sheet
1SS400G
 
0
0.05
0.1
0.15
0.2
0
25
50
75
100
125
150
D.C.
D=1/2
Sin(
θ=180)
0
0.02
0.04
0.06
0.08
0.1
0.12
0.14
0
0.05
0.1
0.15
0.2
D.C.
D=1/2
Sin(
θ=180)
AVERAGE RECTIFIED
FORWARD CURRENT:Io(A)
Io-Pf CHARACTERISTICS
0
0.002
0.004
0.006
0
10
20
30
40
50
60
70
80
D.C.
D=1/2
Sin(
θ=180)
REVERSE VOLTAGE:V
R(V)
V
R-PR CHARACTERISTICS
CASE TEMPERATURE:Tc(
°C)
DERATING CURVE (Io-Tc)
T
Tj=150
°C
D=t/T
t
V
R
Io
V
R=40V
0A
0V
4/4
2011.10 - Rev.A


유사한 부품 번호 - 1SS400G_11

제조업체부품명데이터시트상세설명
logo
SHENZHEN YONGERJIA INDU...
1SS400G WINNERJOIN-1SS400G_15 Datasheet
108Kb / 2P
   High Speed SWITCHING Diodes
logo
Rohm
1SS400G ROHM-1SS400G_16 Datasheet
1Mb / 8P
   Switching Diode
More results

유사한 설명 - 1SS400G_11

제조업체부품명데이터시트상세설명
logo
AiT Semiconductor Inc.
BAV99L AITSEMI-BAV99L Datasheet
442Kb / 5P
   SWITCHING DIODE DUAL SWITCHING DIODE
REV2.0
MDL914 AITSEMI-MDL914 Datasheet
483Kb / 5P
   SWITCHING DIODE HIGH ?밪PEED SWITCHING DIODE
REV1.1
MBD914 AITSEMI-MBD914 Datasheet
505Kb / 5P
   SWITCHING DIODE HIGH?뭆PEED SWITCHING DIODE
REV1.0
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
   SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
logo
Rohm
RLS-73 ROHM-RLS-73 Datasheet
54Kb / 2P
   Switching diode
logo
AUK corp
SDS2836F AUK-SDS2836F Datasheet
103Kb / 3P
   Switching Diode
SDS2838E AUK-SDS2838E Datasheet
104Kb / 3P
   Switching Diode
logo
Microsemi Corporation
JAN1N914 MICROSEMI-JAN1N914 Datasheet
53Kb / 2P
   SWITCHING DIODE
logo
AUK corp
SDS2838F AUK-SDS2838F Datasheet
103Kb / 3P
   Switching Diode
logo
ON Semiconductor
BAS116LT1 ONSEMI-BAS116LT1 Datasheet
63Kb / 4P
   Switching Diode
1997 REV 1
logo
Compensated Deuices Inc...
1N914 CDI-DIODE-1N914 Datasheet
68Kb / 2P
   SWITCHING DIODE
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com