전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SK3018UB 데이터시트(PDF) 2 Page - Rohm

부품명 2SK3018UB
상세설명  2.5V Drive Nch MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

2SK3018UB 데이터시트(HTML) 2 Page - Rohm

  2SK3018UB Datasheet HTML 1Page - Rohm 2SK3018UB Datasheet HTML 2Page - Rohm 2SK3018UB Datasheet HTML 3Page - Rohm 2SK3018UB Datasheet HTML 4Page - Rohm 2SK3018UB Datasheet HTML 5Page - Rohm 2SK3018UB Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
Data Sheet
2SK3018UB
 
Electrical characteristics (Ta = 25
C)
Symbol
Min.
Typ.
Max.
Unit
Gate-source leakage
IGSS
--
1
AVGS=20V, VDS=0V
Drain-source breakdown voltage V(BR)DSS
30
-
-
V
ID=10A, VGS=0V
Zero gate voltage drain current
IDSS
--
1
AVDS=30V, VGS=0V
Gate threshold voltage
VGS (th)
0.8
-
1.5
V
VDS=3V, ID=100A
-5
8
ID=10mA, VGS=V
-
7
13
ID=1mA, VGS=2.5V
Forward transfer admittance
l Yfs l20
-
-
mS VDS=3V, ID=10mA
Input capacitance
Ciss
-
13
-
pF
VDS=5V
Output capacitance
Coss
-9
-
pF
VGS=0V
Reverse transfer capacitance
Crss
-
4
-
pF
f=1MHz
Turn-on delay time
td(on)
-
15
-
ns
VDD 5V, ID=10mA
Rise time
tr
-
35
-
ns
VGS=5V
Turn-off delay time
td(off)
-
80
-
ns
RL=500
Fall time
tf
-
80
-
ns
RG=10
*Pulsed
Conditions
Parameter
Static drain-source on-state
resistance
RDS (on)*
*
*
*
*
*
*
*
*
*
2/5
2011.10 - Rev.A


유사한 부품 번호 - 2SK3018UB

제조업체부품명데이터시트상세설명
logo
Rohm
2SK3018 ROHM-2SK3018 Datasheet
89Kb / 5P
   Small switching (30V, 0.1A)
logo
SHIKUES Electronics
2SK3018 SKTECHNOLGY-2SK3018 Datasheet
418Kb / 2P
   Low on-resistance, Fast switching spped, Silicon N-channel MOSFET
logo
Rohm
2SK3018 ROHM-2SK3018 Datasheet
89Kb / 4P
   2.5V Drive Nch MOS FET
logo
Shenzhen Tuofeng Semico...
2SK3018 TUOFENG-2SK3018 Datasheet
2Mb / 4P
   N-Channel 30-V(D-S) MOSFET
Mar,2018 V1.0
logo
Guangdong Kexin Industr...
2SK3018 KEXIN-2SK3018 Datasheet
81Kb / 2P
   N-Channel MOSFET
More results

유사한 설명 - 2SK3018UB

제조업체부품명데이터시트상세설명
logo
Texas Instruments
UM6K31N TI-UM6K31N Datasheet
205Kb / 6P
[Old version datasheet]   2.5V Drive Nch Nch MOSFET
logo
Rohm
EM6K31_1009 ROHM-EM6K31_1009 Datasheet
195Kb / 6P
   2.5V Drive Nch Nch MOSFET
US6K1 ROHM-US6K1_09 Datasheet
193Kb / 4P
   2.5V Drive NchNch MOSFET
EM6K31 ROHM-EM6K31 Datasheet
191Kb / 6P
   2.5V Drive Nch Nch MOSFET
QS5K2_0610 ROHM-QS5K2_0610 Datasheet
67Kb / 4P
   2.5V Drive NchNch MOSFET
US6K1TR ROHM-US6K1TR Datasheet
129Kb / 4P
   2.5V Drive NchNch MOSFET
EM6K31T2R ROHM-EM6K31T2R Datasheet
152Kb / 6P
   2.5V Drive Nch Nch MOSFET
UM6K31N ROHM-UM6K31N Datasheet
205Kb / 6P
   2.5V Drive Nch Nch MOSFET
QS5K2TR ROHM-QS5K2TR Datasheet
61Kb / 4P
   2.5V Drive Nch Nch MOSFET
RTR030N05 ROHM-RTR030N05 Datasheet
222Kb / 5P
   2.5V Drive Nch MOSFET
RTL035N03 ROHM-RTL035N03 Datasheet
66Kb / 3P
   2.5V Drive Nch MOSFET
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com