전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BCX70J 데이터시트(PDF) 2 Page - Rohm

부품명 BCX70J
상세설명  NPN small signal transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BCX70J 데이터시트(HTML) 2 Page - Rohm

  BCX70J Datasheet HTML 1Page - Rohm BCX70J Datasheet HTML 2Page - Rohm BCX70J Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BCX70J, K
Data Sheet
2/2
www.rohm.com
c
2011 ROHM Co., Ltd. All rights reserved.
2011.11 - Rev.B
Electrical characteristics
Fig.8 Gain bandwidth product vs.
emitter current
Fig.9
Collector output capacitance vs.
collector-base voltage
Emitter input capacitance vs.
emitter-base voltage
50
−0.5 −1
−2
−5 −10 −20
−50 −100
100
200
500
Ta=25
°C
VCE
=6V
EMITTER CURRENT : IE
(mA)
COLLECTOR TO BASE VOLTAGE : VCB
(V)
EMITTER TO BASE VOLTAGE
: VEB
(V)
0.2
0.5
1
2
5
10
20
50
1
2
5
10
20
Cob
Ta=25
°C
f
=1MHz
IE
=0A
IC
=0A
Cib
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
1.2
BASE TO EMITTER VOLTAGE : V
BE (V)
V
CE=5V
Ta=125ºC
75ºC
25ºC
-55ºC
0
-40
-80
-120
-160
0-2
-4
-6
-8
-10
COLLECTOR TO EMITTER VOLTAGE : V
CE (V)
IB=50uA
IB=0A
Ta=25ºC
IB=100uA
IB=150uA
IB=200uA
IB=250uA
IB=300uA
IB=500uA
450uA
400uA
350uA
Fig1. Grounded Emitter Propagation
Characteristics
Fig2. Grounded Emitter Output
Characteristics
10
100
1000
1
10
100
1000
COLLECTOR CURRENT : I
C (mA)
Ta=25ºC
V
CE=5V
3V
1V
Fig3. DC Current Gain vs.
Collector Current (I)
Fig5. Collector Saturation Voltage
vs. Collector Current (I)
10
100
1000
1
10
100
1000
COLLECTOR CURRENT : I
C (mA)
V
CE=-5V
Ta=125ºC
75ºC
25ºC
-55ºC
Fig4. DC Current Gain vs.
Collector Current (II)
0.01
0.1
1
0.1
1
10
100
1000
COLLECTOR CURRENT : I
C (mA)
I
C/IB=40/1
Ta=125ºC
75ºC
25ºC
-55ºC
Fig6. Collector Saturation Voltage
vs. Collector Current (II)
-0.1
-1
-10
-1
-10
-100
-1000
COLLECTOR CURRENT : I
C (mA)
I
C/IB=40/1
Ta=-55ºC
25ºC
75ºC
125ºC
Fig7. Base Saturation Voltage
vs. Collector Current
0.01
0.1
1
0.1
1
10
100
1000
COLLECTOR CURRENT : I
C (mA)
Ta=25ºC
I
C/IB=40/1
20/1
10/1


유사한 부품 번호 - BCX70J

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BCX70J PHILIPS-BCX70J Datasheet
42Kb / 8P
   NPN general purpose transistors
1999 Apr 15
logo
SeCoS Halbleitertechnol...
BCX70J SECOS-BCX70J Datasheet
446Kb / 3P
   Plastic-Encapsulate Transistor
logo
SHIKUES Electronics
BCX70J SKTECHNOLGY-BCX70J Datasheet
541Kb / 2P
   NPN medium power transistor
logo
Samsung semiconductor
BCX70J SAMSUNG-BCX70J Datasheet
35Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
BCX70J HTSEMI-BCX70J Datasheet
1Mb / 3P
   TRANSISTOR (NPN)
More results

유사한 설명 - BCX70J

제조업체부품명데이터시트상세설명
logo
Taiwan Semiconductor Co...
DTC144 TSC-DTC144 Datasheet
201Kb / 2P
   NPN Small Signal Transistor Small Signal Diode
DTC143 TSC-DTC143 Datasheet
178Kb / 2P
   NPN Small Signal Transistor Small Signal Diode
DTC113 TSC-DTC113 Datasheet
201Kb / 2P
   NPN Small Signal Transistor Small Signal Diode
DTC114 TSC-DTC114 Datasheet
434Kb / 3P
   NPN Small Signal Transistor Small Signal Diode
logo
STMicroelectronics
MMBT3904 STMICROELECTRONICS-MMBT3904 Datasheet
58Kb / 4P
   SMALL SIGNAL NPN TRANSISTOR
PN2222A STMICROELECTRONICS-PN2222A Datasheet
65Kb / 6P
   SMALL SIGNAL NPN TRANSISTOR
logo
Transys Electronics
2N4124 TRSYS-2N4124 Datasheet
124Kb / 1P
   NPN SMALL SIGNAL TRANSISTOR
logo
Rohm
BCX19T116 ROHM-BCX19T116 Datasheet
155Kb / 3P
   NPN small signal transistor
logo
Taiwan Semiconductor Co...
DTC143XM TSC-DTC143XM Datasheet
201Kb / 2P
   NPN Small Signal Transistor
logo
American Microsemicondu...
2N5320 AMMSEMI-2N5320 Datasheet
656Kb / 3P
   Small Signal NPN Transistor
logo
General Semiconductor
BCX70 GE-BCX70 Datasheet
55Kb / 3P
   Small Signal Transistor (NPN)
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com