전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BD2247G 데이터시트(PDF) 11 Page - Rohm

부품명 BD2247G
상세설명  1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BD2247G 데이터시트(HTML) 11 Page - Rohm

Back Button BD2247G Datasheet HTML 6Page - Rohm BD2247G Datasheet HTML 7Page - Rohm BD2247G Datasheet HTML 8Page - Rohm BD2247G Datasheet HTML 9Page - Rohm BD2247G Datasheet HTML 10Page - Rohm BD2247G Datasheet HTML 11Page - Rohm BD2247G Datasheet HTML 12Page - Rohm BD2247G Datasheet HTML 13Page - Rohm BD2247G Datasheet HTML 14Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Technical Note
11/13
BD2246G, BD2247G
www.rohm.com
2011.05 - Rev.A
© 2011 ROHM Co., Ltd. All rights reserved.
Typical Application Circuit
Controller
10kΩ~
100kΩ
CL
CIN
VIN
GND
EN(/EN)
VOUT
/OC
5V (Typ.)
Ferrite
Beads
+
-
Fig.44 Typical application circuit
Application Information
When excessive current flows owing to output shortcircuit or so, ringing occurs by inductance of power source line to IC,
and may cause bad influences upon IC actions. In order to avoid this case, connect a bypath capacitor CIN by VIN terminal
and GND terminal of IC. 1μF or higher is recommended. In order to decrease voltage fluctuations of power source line to IC,
connect a low ESR capacitor in parallel with CIN. 10μF ~ 100μF or higher is effective.
Pull up /OC output by resistance 10kΩ ~ 100kΩ.
Set up value which satisfies the application as CL and Ferrite Beads.
This system connection diagram doesn’t guarantee operating as the application.
When using the circuit with changes to the external circuit constants, make sure to leave an adequate margin for external
components including static and transitional characteristics as well as dispersion of the IC.
Power Dissipation Characteristic
(SSOP5 package)
Fig.45 Power Dissipation Curve (Pd-Ta Curve)
* 70mm x 70mm x 1.6mm Glass Epoxy Board
0
100
200
300
400
500
600
700
0
25
50
75
100
125
150
AMBIENT TEMPERATURE : Ta [℃]
85


유사한 부품 번호 - BD2247G

제조업체부품명데이터시트상세설명
logo
Rohm
BD2247G-GTR ROHM-BD2247G-GTR Datasheet
1Mb / 27P
   0.75A Current Limit High Side Switch ICs
More results

유사한 설명 - BD2247G

제조업체부품명데이터시트상세설명
logo
Rohm
BD2232G ROHM-BD2232G Datasheet
324Kb / 13P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2248G ROHM-BD2248G Datasheet
646Kb / 23P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2226G ROHM-BD2226G Datasheet
310Kb / 13P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2226G-LB ROHM-BD2226G-LB Datasheet
539Kb / 24P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2240G ROHM-BD2240G Datasheet
309Kb / 13P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2220G ROHM-BD2220G_11 Datasheet
359Kb / 13P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2224G-LB ROHM-BD2224G-LB Datasheet
609Kb / 24P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2224G ROHM-BD2224G_11 Datasheet
359Kb / 13P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2041AFJ ROHM-BD2041AFJ_11 Datasheet
449Kb / 19P
   1ch High Side Switch ICs for USB Devices and Memory Cards
BD2061AFJ ROHM-BD2061AFJ_11 Datasheet
314Kb / 13P
   1ch High Side Switch ICs for USB Devices and Memory Cards
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com