전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ES1A 데이터시트(PDF) 1 Page - Tiger Electronic Co.,Ltd

부품명 ES1A
상세설명  1.0AMP ULTRA FAST SURFACE MOUNT RECTIFIERS / REVERSE VOLTAGE 50 TO 600 VOLTS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TGS [Tiger Electronic Co.,Ltd]
홈페이지  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

ES1A 데이터시트(HTML) 1 Page - Tiger Electronic Co.,Ltd

  ES1A Datasheet HTML 1Page - Tiger Electronic Co.,Ltd ES1A Datasheet HTML 2Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
inch ( mm )
Peak Forward Surge Current
8.3ms Single half-sine-wave superimposed
on rated Tj = 125℃
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 ℃ ambient temperature unless otherwise specified.
Single phase. half wave. 60HZ. resistive or inductive load. For capacitive load. derate current by 20%
600
300
Maximum reverse recovery time(Note 1)
Typical Junction Capacitance ( Note 2 )
Typical Thermal Resistance ( Note 3 )
Operating Junction Temperature Range
Maximum Forward Voltage at 1.0A DC
Maximum Reverse Current
TA = 25℃
Maximum RMS Voltage
Maximum DC Blocking Voltage
Current at TL = 110℃
Maximum Average Forward Rectified
trr
I(AV)
IFSM
IR
Maximum Recurrent Peak Reverse Voltage
NOTE:
1. Reverse revovery condition IF=0.5A IR=1.0A Irr=0.25A.
Cj
RQJA
Tj
TSTG
A
A
V
μA
400
at Rated DC Blocking Voltage TA = 100℃
VF
V
50
VRRM
5.0
VRMS
VDC
1.0
35
300
400
600
210
280
420
0.055(1.40)
MECHANICAL DATA
. Case: JEDEC DO - 214AC. molded plastic body
UNITS
. Terminals: Solder plated. Solderable per MIL - STD - 750.
Method 2026
. Mounting position: Any
. Polarity: Color band denotes cathode
. Weight: 0.075 grams
ES1E
0.165(4.20)
0.154(3.90)
0.106(2.70)
0.098(2.50)
. Low forward voltage drop
1.0AMP ULTRA FAST SURFACE MOUNT RECTIFIERS
0.071(1.80)
. Diffused junction
. Low Leakage
DO - 214AC(SMA)
bufanGIANTION ELECTRONIC ES1A THRU ES1J
REVERSE VOLTAGE 50 TO 600 VOLTS
0.060(1.52)
0.196(4.98)
0.087(2.22)
0.078(1.98)
0.222(5.65)
0.030(0.76)
ns
0.006(0.152)
0.008(0.203)MAX
. The plastic material carries U/L recognition 94V-O
ES1G
ES1J
SYMBOL
V
V
0.012(0.305)
FEATURES
. Low cost
ES1A
ES1B
ES1C
. High current capability
. Easily cleaned with Freon. Alcohol. Lsopropanol and similar
solvents
ES1D
100
150
200
70
105
140
50
0.95
1.25
30
50
100
150
200
17
60
2. Measured at 1.0MHZ and applied reverse voltage of 4.0V DC.
pF
℃/W
55 to 150
Storage Temperature Range
55 to 150
bufanGIANTION ELECTRONICS
3. Thermal Resistance Junction to Ambient.
35


유사한 부품 번호 - ES1A

제조업체부품명데이터시트상세설명
logo
Pan Jit International I...
ES1A PANJIT-ES1A Datasheet
63Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFIER
logo
Sangdest Microelectroni...
ES1A SMC-ES1A Datasheet
185Kb / 4P
   SURFACE MOUNT SUPER FAST RECTIFIER
logo
SEMTECH ELECTRONICS LTD...
ES1A SEMTECH_ELEC-ES1A Datasheet
320Kb / 2P
   SURFACE MOUNT SUPERFAST RECOVERY RECTIFIER
logo
HY ELECTRONIC CORP.
ES1A HY-ES1A Datasheet
441Kb / 3P
   Surface Mount Super Fast Glass Passivated Rectifiters
logo
Weitron Technology
ES1A WEITRON-ES1A Datasheet
346Kb / 3P
   Surface Mount Super Fast Rectifiers
More results

유사한 설명 - ES1A

제조업체부품명데이터시트상세설명
logo
Microdiode Electronics ...
UF5400 CHENDA-UF5400_1 Datasheet
74Kb / 2P
   ULTRA FAST RECTIFIERS Reverse Voltage - 50 to 1000 Volts
logo
Shenzhen Yixinwei Techn...
ES3A YIXIN-ES3A_03 Datasheet
299Kb / 2P
   REVERSE VOLTAGE 50 to 600 Volts 3.0A SURFACE MOUNT SUPER-FAST RECTIFIER
logo
First Silicon Co., Ltd
ES2A FS-ES2A Datasheet
202Kb / 2P
   Super Fast Surface Mount Rectifiers Reverse Voltage 50 to 600 Volts Forward Current 2.0 Amperes
logo
Taiwan Semiconductor Co...
ESH1B TSC-ESH1B_13 Datasheet
445Kb / 4P
   1.0AMP Surface Mount Ultra Fast Rectifiers
logo
Gaomi Xinghe Electronic...
SF18 GXELECTRONICS-SF18 Datasheet
674Kb / 2P
   SUPERFAST RECOVERY RECTIFIERS Reverse Voltage ??50 to 600 Volts
logo
DIYI Electronic Technol...
UF1A DYELEC-UF1A Datasheet
1Mb / 2P
   1.0AMP SURFACE MOUNT GLASS ULTRA FAST RECTIFIERS
UF1AU DYELEC-UF1AU Datasheet
1Mb / 2P
   1.0AMP SURFACE MOUNT GLASS ULTRA FAST RECTIFIERS
logo
GOOD-ARK Electronics
1N4933 GOOD-ARK-1N4933_15 Datasheet
200Kb / 2P
   Fast Recovery Rectifiers Reverse Voltage 50 to 600 Volts Forward Current 1.0 Ampere
1N493 GOOD-ARK-1N493_15 Datasheet
212Kb / 2P
   Fast Recovery Rectifiers Reverse Voltage 50 to 600 Volts Forward Current 1.0 Ampere
logo
PACELEADER INDUSTRIAL
US1AB PACELEADER-US1AB Datasheet
135Kb / 2P
   SURFACE MOUNT REVERSE VOLTAGE 50 TO 1000 VOLTS
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com