전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS1002IM8TP 데이터시트(PDF) 4 Page - Touchstone Semiconductor Inc

부품명 TS1002IM8TP
상세설명  THE ONLY 0.8V/0.6uA RAIL-TO-RAIL DUAL/QUAD OP AMPS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOUCHSTONE [Touchstone Semiconductor Inc]
홈페이지  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TS1002IM8TP 데이터시트(HTML) 4 Page - Touchstone Semiconductor Inc

  TS1002IM8TP Datasheet HTML 1Page - Touchstone Semiconductor Inc TS1002IM8TP Datasheet HTML 2Page - Touchstone Semiconductor Inc TS1002IM8TP Datasheet HTML 3Page - Touchstone Semiconductor Inc TS1002IM8TP Datasheet HTML 4Page - Touchstone Semiconductor Inc TS1002IM8TP Datasheet HTML 5Page - Touchstone Semiconductor Inc TS1002IM8TP Datasheet HTML 6Page - Touchstone Semiconductor Inc TS1002IM8TP Datasheet HTML 7Page - Touchstone Semiconductor Inc TS1002IM8TP Datasheet HTML 8Page - Touchstone Semiconductor Inc TS1002IM8TP Datasheet HTML 9Page - Touchstone Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
TS1002/TS1004
Page 4
TS1002_4DS r1p0
RTFDS
TYPICAL PERFORMANCE CHARACTERISTICS
Total Supply Current vs Supply Voltage
SUPPLY VOLTAGE - Volt
Total Supply Current vs Input Common-Mode Voltage
INPUT COMMON-MODE VOLTAGE - Volt
Total Supply Current vs Input Common-Mode Voltage
Input Offset Voltage vs Input Common-Mode Voltage
INPUT COMMON-MODE VOLTAGE - Volt
Input Offset Voltage vs Supply Voltage
INPUT COMMON-MODE VOLTAGE - Volt
SUPPLY VOLTAGE - Volt
VDD =0.8V
TA = +25
°C
Input Offset Voltage vs Input Common-Mode Voltage
INPUT COMMON-MODE VOLTAGE - Volt
VDD = 2.5V
TA = +25
°C
+25°C, TS1004
+85°C, TS1004
-40°C, TS1004
0.6
1
1.5
TA = +25
°C
1.56
1.34
1.12
0.9
0
0.2
0.4
0.6
0.8
TA = +25
°C
0
0.5
1.5
2
2.5
1
TA = +25
°C
0.5
1.5
2
2.5
1
VINCM = VDD
0.65
0.6
0.55
0.5
0.55
VINCM = 0V
0
0.2
0.4
0.6
0.8
1
0.5
0
-1
-0.5
1
0.5
0
-1
-0.5
0
0.5
1.5
2
2.5
1
1.11
1.58
0.65
2.5
2.04
1.9
2.4
2.8
+85°C, TS1002
+25°C, TS1002
-40°C, TS1002
1.78
2
TS1004
TS1002
1.56
1.34
1.12
0.9
1.78
2
TS1004
TS1002


유사한 부품 번호 - TS1002IM8TP

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
TS1002IM8T SILABS-TS1002IM8T Datasheet
1Mb / 14P
   THE ONLY 0.8V/0.6A RAIL-TO-RAIL DUAL/QUAD OP AMPS
More results

유사한 설명 - TS1002IM8TP

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
TS1002 SILABS-TS1002 Datasheet
1Mb / 14P
   THE ONLY 0.8V/0.6A RAIL-TO-RAIL DUAL/QUAD OP AMPS
logo
Touchstone Semiconducto...
TS1003 TOUCHSTONE-TS1003 Datasheet
882Kb / 11P
   THE ONLY 0.8V TO 5.5V, 0.6uA RAIL-TO-RAIL SINGLE OP AMP
TS1001 TOUCHSTONE-TS1001 Datasheet
507Kb / 11P
   THE ONLY 0.8V/0.6 RAIL-TO-RAIL OP AMP
logo
Silicon Laboratories
TS1001 SILABS-TS1001 Datasheet
1Mb / 12P
   THE ONLY 0.8V/0.6A RAIL-TO-RAIL OP AMP
logo
List of Unclassifed Man...
TS1001 ETC-TS1001 Datasheet
518Kb / 11P
   THE ONLY 0.8V/0.6關A RAIL-TO-RAIL OP AMP
logo
Silicon Laboratories
TS1003 SILABS-TS1003 Datasheet
1Mb / 13P
   THE ONLY 0.8V TO 5.5V, 0.6A RAIL-TO-RAIL SINGLE OP AMP
logo
Linear Technology
LT1679 LINER-LT1679_15 Datasheet
298Kb / 16P
   Dual/Quad Low Noise, Rail-to-Rail, Precision Op Amps
LT1678 LINER-LT1678_15 Datasheet
298Kb / 16P
   Dual/Quad Low Noise, Rail-to-Rail, Precision Op Amps
LT1678 LINER-LT1678 Datasheet
297Kb / 16P
   Dual/Quad Low Noise, Rail-to-Rail, Precision Op Amps
LT1490A LINER-LT1490A_15 Datasheet
234Kb / 18P
   Dual/Quad Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com