전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS1101-100EG6TP 데이터시트(PDF) 4 Page - Touchstone Semiconductor Inc

부품명 TS1101-100EG6TP
상세설명  A 1uA, 2V to 25V Bidirectional Precision Current-Sense Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOUCHSTONE [Touchstone Semiconductor Inc]
홈페이지  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TS1101-100EG6TP 데이터시트(HTML) 4 Page - Touchstone Semiconductor Inc

  TS1101-100EG6TP Datasheet HTML 1Page - Touchstone Semiconductor Inc TS1101-100EG6TP Datasheet HTML 2Page - Touchstone Semiconductor Inc TS1101-100EG6TP Datasheet HTML 3Page - Touchstone Semiconductor Inc TS1101-100EG6TP Datasheet HTML 4Page - Touchstone Semiconductor Inc TS1101-100EG6TP Datasheet HTML 5Page - Touchstone Semiconductor Inc TS1101-100EG6TP Datasheet HTML 6Page - Touchstone Semiconductor Inc TS1101-100EG6TP Datasheet HTML 7Page - Touchstone Semiconductor Inc TS1101-100EG6TP Datasheet HTML 8Page - Touchstone Semiconductor Inc TS1101-100EG6TP Datasheet HTML 9Page - Touchstone Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
TS1101
Page 4
TS1101DS r1p0
RTFDS
Input Offset Voltage vs Common-Mode Voltage
Supply Current vs Common-Mode Voltage
Input Offset Voltage vs Temperature
Supply Current vs Temperature
INPUT OFFSET VOLTAGE - µV
GAIN ERROR - %
TEMPERATURE -
°C
TEMPERATURE -
°C
SUPPLY VOLTAGE - Volt
0
5
15
20
20
15
10
0
10
30
-10
40
2V
25V
3.6V
SUPPLY VOLTAGE - Volt
TYPICAL PERFORMANCE CHARACTERISTICS
VRS+ = VRS- = 3.6V; TA = +25
°C, unless otherwise noted.
-40
-15
10
60
110
85
0
5
10
15
30
25
10
20
5
0.2
0.6
0.8
0
0.4
1
40
25
30
35
-20
0
40
80
-40
20
60
-0.4
0.2
-0.6
0.6
0
20
Input Offset Voltage Histogram
Gain Error Histogram
60
30
25
35
30
25
35
20
0
5
10
15
30
25
20
0.2
0.6
0.8
0
0.4
1
-40
-15
10
60
110
85
35
50
-0.2
0.4
35


유사한 부품 번호 - TS1101-100EG6TP

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
TS1101-100EG6 SILABS-TS1101-100EG6 Datasheet
1Mb / 20P
   High Side Bidirectional and Unidirectional Current Sense Amplifier
More results

유사한 설명 - TS1101-100EG6TP

제조업체부품명데이터시트상세설명
logo
Touchstone Semiconducto...
TS1100 TOUCHSTONE-TS1100 Datasheet
771Kb / 11P
   A 1uA, 2V to 25V SOT23 Precision Current-Sense Amplifier
TSM9938 TOUCHSTONE-TSM9938 Datasheet
751Kb / 11P
   A 1uA, SOT23 Precision Current-Sense Amplifier
TSM9634 TOUCHSTONE-TSM9634 Datasheet
746Kb / 11P
   A 1uA, SOT23 Precision Current-Sense Amplifier
logo
Maxim Integrated Produc...
MAX9938 MAXIM-MAX9938_11 Datasheet
523Kb / 14P
   1uA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 6; 1/11
logo
Touchstone Semiconducto...
TS1103 TOUCHSTONE-TS1103 Datasheet
1Mb / 11P
   A 1關A, 200關VOS Bidirectional Precision Current-Sense Amplifier
logo
Silicon Laboratories
TSM9634F SILABS-TSM9634F Datasheet
1Mb / 12P
   Precision Current-Sense Amplifier
logo
STMicroelectronics
TSC2012 STMICROELECTRONICS-TSC2012 Datasheet
1Mb / 54P
   High voltage, precision, bidirectional current sense amplifiers
Rev 4 - August 2020
logo
Analog Devices
AD8417 AD-AD8417_17 Datasheet
344Kb / 16P
   Bidirectional, Zero Drift, Current Sense Amplifier
logo
Linear Technology
LT1999-50 LINER-LT1999-50_15 Datasheet
1,003Kb / 26P
   High Voltage, Bidirectional Current Sense Amplifier
logo
Analog Devices
AD8418 AD-AD8418 Datasheet
300Kb / 16P
   Bidirectional, Zero Drift, Current Sense Amplifier
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com