전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC5546LD 데이터시트(PDF) 3 Page - Sanken electric

부품명 LC5546LD
상세설명  Single-Stage Power Factor Corrected Off-Line Switching Regulators
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANKEN [Sanken electric]
홈페이지  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

LC5546LD 데이터시트(HTML) 3 Page - Sanken electric

  LC5546LD Datasheet HTML 1Page - Sanken electric LC5546LD Datasheet HTML 2Page - Sanken electric LC5546LD Datasheet HTML 3Page - Sanken electric LC5546LD Datasheet HTML 4Page - Sanken electric LC5546LD Datasheet HTML 5Page - Sanken electric LC5546LD Datasheet HTML 6Page - Sanken electric LC5546LD Datasheet HTML 7Page - Sanken electric LC5546LD Datasheet HTML 8Page - Sanken electric LC5546LD Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Electrical Characteristics of Control Part (MIC) TA = 25°C, VCC = 20 V, unless otherwise specified
Characteristic
Symbol
Test Conditions
Pins
Min.
Typ.
Max.
Unit
Power Supply Startup Operation
Operation Start Voltage
VCC(ON)
2 – 1
13.8
15.1
17.3
V
Operation Stop Voltage*
VCC(OFF)
2 – 1
8.4
9.4
10.7
V
Circuit Current in Operation
ICC(ON)
2 – 1
4.7
mA
Startup Circuit Operation Voltage
VSTARTUP
8 – 1
18
21
24
V
Startup Current
ICC(STARTUP)
VCC = 13 V
2 – 1
−8.5
−4.0
−1.5
mA
Startup Current Threshold Biasing
Voltage*
VCC(BIAS)
2 – 1
9.5
11.0
12.5
V
Normal Operation
PWM Operation Frequency
fOSC
LC5545LD
8 – 1
60
72
84
kHz
LC5546LD
50
60
70
kHz
LC5548LD
60
72
84
kHz
Maximum On-Time
tON(MAX)
LC5545LD
8 – 1
8.0
9.3
11.2
μs
LC5546LD
9.0
11.2
13.4
μs
LC5548LD
8.0
9.3
11.2
μs
FB Pin Control Minimum Voltage
VFB(MIN)
4 – 1
0.50
0.85
1.20
V
Maximum Feedback Current
IFB(MAX)
4 – 1
–40
–25
–10
μA
Leading Edge Blanking Time
tON(LEB)
3 – 1
600
ns
Quasi-Resonant Operation Threshold
Voltage-1
VBD(TH1)
3 – 1
0.14
0.24
0.34
V
Quasi-Resonant Operation Threshold
Voltage-2
VBD(TH2)
3 – 1
0.11
0.16
0.21
V
Protected Operation
OCP Pin Overcurrent Protection
(OCP) Threshold Voltage
VOCP
3 – 1
−0.66
−0.60
−0.54
V
OCP Pin Source Current
IOCP
3 – 1
−120
−40
−10
μA
OCP Pin Overvoltage Protection
(OVP) Operation Voltage
VBD(OVP)
3 – 1
2.2
2.6
3.0
V
Overload Protection (OLP) Threshold
Voltage
VFB(OLP)
4 – 1
4.1
4.5
4.9
V
OVP Pin OVP Threshold Voltage
VOVP(OVP)
6 – 1
1.6
2.0
2.4
V
VCC Pin OVP Threshold Voltage
VCC(OVP)
2 – 1
28.5
31.5
34.0
V
Thermal Shutdown Activating
Temperature
TJ(TSD)
135
°C
*VCC(BIAS) > VCC(OFF) always.
3
SANKEN ELECTRIC CO., LTD.
LC5540LD-DS
Single-Stage Power Factor Corrected
Off-Line Switching Regulators
LC5540LD
Series


유사한 부품 번호 - LC5546LD

제조업체부품명데이터시트상세설명
logo
Sanken electric
LC5546LF SANKEN-LC5546LF Datasheet
308Kb / 13P
   Single-Stage Power Factor Corrected Off-Line Switching Regulators
LC5546LF SANKEN-LC5546LF Datasheet
313Kb / 13P
   Single-Stage Power Factor Corrected Off-Line Switching Regulator ICs
More results

유사한 설명 - LC5546LD

제조업체부품명데이터시트상세설명
logo
Sanken electric
LC5540LF SANKEN-LC5540LF Datasheet
308Kb / 13P
   Single-Stage Power Factor Corrected Off-Line Switching Regulators
LC5500 SANKEN-LC5500 Datasheet
637Kb / 40P
   LC5500 Series Single-Stage Power Factor Corrected Off-Line Switching Regulators
LC552XD SANKEN-LC552XD Datasheet
235Kb / 9P
   Single-Stage Power Factor Corrected Off-Line Switching Regulator IC
LC556XLD SANKEN-LC556XLD Datasheet
297Kb / 10P
   Single-Stage Power Factor Corrected Off-Line Switching Regulator ICs
LC5525F SANKEN-LC5525F Datasheet
254Kb / 11P
   Single-Stage Power Factor Corrected Off-Line Switching Regulator IC
LC554XLD SANKEN-LC554XLD Datasheet
278Kb / 11P
   Single-Stage Power Factor Corrected Off-Line Switching Regulator ICs
LC5513D SANKEN-LC5513D Datasheet
230Kb / 9P
   Single-Stage Power Factor Corrected Off-Line Switching Regulator IC
LC5560LD SANKEN-LC5560LD Datasheet
297Kb / 10P
   LC5560LD Series Single-Stage Power Factor Corrected Off-Line Switching Regulators for LEDs
LC5523F SANKEN-LC5523F Datasheet
255Kb / 11P
   Single-Stage Power Factor Corrected Off-Line Switching Regulator IC
LC554XLF SANKEN-LC554XLF Datasheet
313Kb / 13P
   Single-Stage Power Factor Corrected Off-Line Switching Regulator ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com