전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI52146-A01AGM 데이터시트(PDF) 8 Page - Silicon Laboratories

부품명 SI52146-A01AGM
상세설명  PCI-EXPRESS GEN 1, GEN 2, & GEN 3 SIX OUTPUT CLOCK GENERATOR
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI52146-A01AGM 데이터시트(HTML) 8 Page - Silicon Laboratories

Back Button SI52146-A01AGM Datasheet HTML 4Page - Silicon Laboratories SI52146-A01AGM Datasheet HTML 5Page - Silicon Laboratories SI52146-A01AGM Datasheet HTML 6Page - Silicon Laboratories SI52146-A01AGM Datasheet HTML 7Page - Silicon Laboratories SI52146-A01AGM Datasheet HTML 8Page - Silicon Laboratories SI52146-A01AGM Datasheet HTML 9Page - Silicon Laboratories SI52146-A01AGM Datasheet HTML 10Page - Silicon Laboratories SI52146-A01AGM Datasheet HTML 11Page - Silicon Laboratories SI52146-A01AGM Datasheet HTML 12Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Si52146
8
Preliminary Rev. 0.1
Use the following formulas to calculate the trim capacitor values for Ce1 and Ce2.

CL: Crystal load capacitance

CLe: Actual loading seen by crystal using standard value trim capacitors

Ce: External trim capacitors

Cs: Stray capacitance (terraced)

Ci : Internal capacitance (lead frame, bond wires, etc.)
2.2. CKPWRGD_PDB (Power down) Clarification
The CKPWRGD_PDB pin is a dual-function pin. During initial power up, the pin functions as CKPWRGD. Upon the
first powerup if the CKPWRGD is low, the device outputs will be disabled, but the crystal oscillator and I2C logics
are active. Once CKPWRGD has been sampled high by the clock chip, the pin assumes a PDB functionality. When
the pin has assumed a PDB functionality and the pin is pull low, the device will be placed in standby mode.
2.3. PDB (Power down) Assertion
The PDB pin is an asynchronous active low input used to disable all clocks in a glitch free manner. All outputs will
be driven low in power down mode. In power down mode, all outputs, the crystal oscillator and the I2C logic are
disabled.
2.4. PDB Deassertion
When a valid rising edge on CKPWRGD/PDB pin is applied, all outputs are enabled in a glitch free manner within
two to six output clock cycle.
2.5. OE Clarification
The OE pins are active high inputs used to enable and disable the output clocks. To enable the output clock, the OE
pin needs to be logic high and the I2C output enable bit needs to be logic high. There are two methods to disable
the output clocks: the OE is pulled to a logic low, or the I2C enable bit is set to a logic low. The OE pins is required
to be driven at all time and even though it has an internally 100 k
 resistor.
2.6. OE Assertion
The OE signals are active high input used for synchronous stopping and starting the DIFF output clocks respectively
while the rest of the clock generator continues to function. The assertion of the OE signal by making it logic high
causes stopped respective DIFF output to resume normal operation. No short or stretched clock pulses are produced
when the clock resumes. The maximum latency from the assertion to active outputs is no more than two to six output
clock cycles.
2.7. OE Deassertion
When the OE pin is deasserted by making its logic low, the corresponding DIFF output is stopped cleanly, and the
final output state is driven low.
2.8. SSON Clarification
SSON is an active input used to enable –0.5% spread on all DIFF outputs. When sampled high, –0.5% spread is
enabled on all DIFF outputs. When sampled low, the DIFF output frequencies are non-spread.
Load Capacitance (each side)
Total Capacitance (as seen by the crystal)
Ce = 2 x CL – (Cs + Ci)
Ce1 + Cs1 + Ci1
1
+
Ce2 + Cs2 + Ci2
1
()
1
=
CLe


유사한 부품 번호 - SI52146-A01AGM

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
Si52146-A01AGM SILABS-Si52146-A01AGM Datasheet
93Kb / 2P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
logo
Skyworks Solutions Inc.
SI52146-A01AGM SKYWORKS-SI52146-A01AGM Datasheet
1Mb / 23P
   PCI-EXPRESS GEN 1, GEN 2, GEN 3, & GEN 4 SIX OUTPUT CLOCK GENERATOR
Rev. 1.4
logo
Silicon Laboratories
Si52146-A01AGMR SILABS-Si52146-A01AGMR Datasheet
93Kb / 2P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
logo
Skyworks Solutions Inc.
SI52146-A01AGMR SKYWORKS-SI52146-A01AGMR Datasheet
1Mb / 23P
   PCI-EXPRESS GEN 1, GEN 2, GEN 3, & GEN 4 SIX OUTPUT CLOCK GENERATOR
Rev. 1.4
More results

유사한 설명 - SI52146-A01AGM

제조업체부품명데이터시트상세설명
logo
Skyworks Solutions Inc.
SI52146 SKYWORKS-SI52146 Datasheet
1Mb / 23P
   PCI-EXPRESS GEN 1, GEN 2, GEN 3, & GEN 4 SIX OUTPUT CLOCK GENERATOR
Rev. 1.4
SI52144 SKYWORKS-SI52144 Datasheet
1Mb / 23P
   PCI-EXPRESS GEN 1, GEN 2, & GEN 3 QUAD OUTPUT CLOCK GENERATOR
Rev. 1.4
logo
Silicon Laboratories
SI52147 SILABS-SI52147 Datasheet
190Kb / 22P
   PCI-EXPRESS GEN 1, GEN 2, & GEN 3 NINE OUTPUT CLOCK GENERATOR
logo
Skyworks Solutions Inc.
SI52147 SKYWORKS-SI52147 Datasheet
1Mb / 25P
   PCI-EXPRESS GEN 1, GEN 2, & GEN 3 NINE-OUTPUT CLOCK GENERATOR
Rev. 1.4
logo
Silicon Laboratories
SI52144 SILABS-SI52144 Datasheet
181Kb / 20P
   PCI-EXPRESS GEN 1, GEN 2, & GEN 3 CLOCK QUAD OUTPUT GENERATOR
SL28SRC02 SILABS-SL28SRC02 Datasheet
264Kb / 14P
   PCI Express Gen 2 & Gen 3 Clock Generator
SL28SRC04 SILABS-SL28SRC04 Datasheet
240Kb / 13P
   PCI Express Gen 2 & Gen 3 Clock Generator
logo
Skyworks Solutions Inc.
SL28SRC01 SKYWORKS-SL28SRC01 Datasheet
1Mb / 11P
   PCI Express Gen 2 & Gen 3 Clock Generator
Rev. 0.2
logo
Silicon Laboratories
SI50122-A5 SILABS-SI50122-A5 Datasheet
1Mb / 14P
   CRYSTAL-LESS PCI-EXPRESS GEN 1, GEN 2, & GEN 3 DUAL OUTPUT CLOCK GENERATOR
logo
Skyworks Solutions Inc.
SI52142 SKYWORKS-SI52142 Datasheet
1Mb / 23P
   PCI-EXPRESS GEN 1, GEN 2, & GEN 3 TWO-OUTPUT CLOCK GENERATOR WITH 25 MHZ REFERENCE CLOCK
Rev. 1.4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com