전자부품 데이터시트 검색엔진 |
|
BC846AT 데이터시트(PDF) 1 Page - Central Semiconductor Corp |
|
BC846AT 데이터시트(HTML) 1 Page - Central Semiconductor Corp |
1 / 2 page BC846T SERIES BC847T SERIES SURFACE MOUNT NPN SILICON TRANSISTOR DESCRIPTION: The CENTRAL SEMICONDUCTOR BC846T and BC847T Series types are NPN Silicon Transistors manufactured by the epitaxial planar process, epoxy molded in a surface mount package, designed for general purpose switching and amplifier applications. MARKING CODE: SEE MARKING CODE TABLE ON FOLLOWING PAGE MAXIMUM RATINGS: (TA=25°C) SYMBOL BC847T BC846T UNITS Collector-Base Voltage VCBO 50 80 V Collector-Emitter Voltage VCEO 45 65 V Emitter-Base Voltage VEBO 5.0 V Continuous Collector Current IC 100 mA Peak Collector Current ICM 200 mA Peak Base Current IBM 100 mA Power Dissipation PD 250 mW Operating and Storage Junction Temperature TJ, Tstg -65 to +150 °C Thermal Resistance ΘJA 500 °C/W ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted) SYMBOL TEST CONDITIONS MIN TYP MAX UNITS ICBO VCB=30V 15 nA ICBO VCB=30V, TA=150°C 5.0 μA IEBO VEB=5.0V 100 nA BVCBO IC=10μA (BC847T) 50 V BVCBO IC=10μA (BC846T) 80 V BVCEO IC=10mA (BC847T) 45 V BVCEO IC=10mA (BC846T) 65 V BVEBO IE=10μA 5.0 V VCE(SAT) IC=10mA, IB=0.5mA 0.20 V VCE(SAT) IC=100mA, IB=5.0mA 0.40 V VBE(ON) IC=2.0mA, VCE=5.0V 0.58 0.70 V VBE(ON) IC=10mA, VCE=5.0V 0.77 V fT VCE=5.0V, IC=10mA, f=100MHz 100 MHz Cc VCB=10V, IE=0, f=1.0MHz 1.5 pF Ce VEB=0.5V, IC=0, f=1.0MHz 11 pF NF VCE=5.0V, IC=200μA, RS=2.0KΩ f=1.0KHz, BW=200Hz 10 dB BC846AT BC846BT BC847AT BC847BT BC847CT MIN MAX MIN MAX MIN MAX hFE VCE=5.0V, IC=2.0mA 110 220 200 450 420 800 SOT-523 CASE R1 (20-November 2009) www.centra lsemi.com |
유사한 부품 번호 - BC846AT |
|
유사한 설명 - BC846AT |