전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BTS710L1 데이터시트(PDF) 5 Page - Siemens Semiconductor Group

부품명 BTS710L1
상세설명  Smart Four Channel Highside Power Switch (Overload protection Current limitation Short-circuit protection Thermal shutdown)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIEMENS [Siemens Semiconductor Group]
홈페이지  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BTS710L1 데이터시트(HTML) 5 Page - Siemens Semiconductor Group

  BTS710L1 Datasheet HTML 1Page - Siemens Semiconductor Group BTS710L1 Datasheet HTML 2Page - Siemens Semiconductor Group BTS710L1 Datasheet HTML 3Page - Siemens Semiconductor Group BTS710L1 Datasheet HTML 4Page - Siemens Semiconductor Group BTS710L1 Datasheet HTML 5Page - Siemens Semiconductor Group BTS710L1 Datasheet HTML 6Page - Siemens Semiconductor Group BTS710L1 Datasheet HTML 7Page - Siemens Semiconductor Group BTS710L1 Datasheet HTML 8Page - Siemens Semiconductor Group BTS710L1 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
BTS 710 L1
Parameter and Conditions, each of the four channels
Symbol
Values
Unit
at Tj = 25 °C,
Vbb = 12 V unless otherwise specified
min
typ
max
Semiconductor Group
5
Protection Functions
Initial peak short circuit current limit, (see timing
diagrams, page 11)
each channel, Tj =-40°C:
Tj =25°C:
Tj =+150°C:
IL(SCp)
8
6
3.5
11.5
9
6
15
12
7.5
A
two parallel channels
twice the current of one channel
four parallel channels
four times the current of one channel
Repetitive short circuit current limit,
Tj = Tjt
each channel
two parallel channels
four parallel channels
(see timing diagrams, page 11)
IL(SCr)
--
--
--
5
5
5
--
--
--
A
Initial short circuit shutdown time
Tj,start =-40°C:
Tj,start = 25°C:
(see page 10 and timing diagrams on page 11)
toff(SC)
--
--
5.5
4
--
--
ms
Thermal overload trip temperature
Tjt
150
--
--
°C
Thermal hysteresis
∆T
jt
--
10
--
K
Reverse Battery
Reverse battery voltage 10)
-
Vbb
--
--
32
V
Drain-source diode voltage (Vout > Vbb)
IL = - 1.9 A, Tj = +150°C
-
VON
--
610
--
mV
Diagnostic Characteristics
Open load detection current, (on-condition)
each channel,
Tj = -40°C:
Tj = 25°C:
Tj = +150°C:
I L (OL)
4
10
10
10
--
--
--
200
150
150
mA
two parallel channels
twice the current of one channel
four parallel channels
four times the current of one channel
Open load detection voltage11)
Tj =-40..+150°C: VOUT(OL)
234
V
Internal output pull down
(OUT to GND), VOUT = 5 V
Tj =-40..+150°C: RO
41030
k
10
) Requires a 150 Ω resistor in GND connection. The reverse load current through the intrinsic drain-source
diode has to be limited by the connected load. Note that the power dissipation is higher compared to normal
operating conditions due to the voltage drop across the intrinsic drain-source diode. The temperature
protection is not active during reverse current operation! Input and Status currents have to be limited (see
max. ratings page 3 and circuit page 8).
11) External pull up resistor required for open load detection in off state.


유사한 부품 번호 - BTS710L1

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
BTS71033-6ESA INFINEON-BTS71033-6ESA Datasheet
3Mb / 85P
   SPOC??2 3x 22.5 m廓 SPI Power Controller 3x 70 m廓
Rev. 1.00 2019-09-24
BTS71033-6ESP INFINEON-BTS71033-6ESP Datasheet
1Mb / 86P
   SPOC™ 2 Serial Interface Power Controller
Rev. 1.00 2022-04-05
BTS71040-4ESA INFINEON-BTS71040-4ESA Datasheet
2Mb / 82P
   SPOC??2 4x 22.5 m廓 SPI Power Controller
Rev. 1.00 2018-10-16
BTS71040-4ESE INFINEON-BTS71040-4ESE Datasheet
2Mb / 82P
   SPOC??2 4x 22.5 m廓 SPI Power Controller
Rev. 1.00 2018-10-16
BTS71040-4ESP INFINEON-BTS71040-4ESP Datasheet
1Mb / 83P
   SPOC™ 2 Serial Interface Power Controller
Rev. 1.00 2022-04-05
More results

유사한 설명 - BTS710L1

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
BTS720L1 SIEMENS-BTS720L1 Datasheet
378Kb / 14P
   Smart Four Channel Highside Power Switch (Overload protection Current limitation Short-circuit protection Thermal shutdown)
BTS721L1 SIEMENS-BTS721L1 Datasheet
192Kb / 15P
   Smart Four Channel Highside Power Switch (Overload protection Current limitation Short-circuit protection Thermal shutdown)
BTS712N1 SIEMENS-BTS712N1 Datasheet
183Kb / 14P
   Smart Four Channel Highside Power Switch (Overload protection Current limitation Short-circuit protection Thermal shutdown)
BTS711L1 SIEMENS-BTS711L1 Datasheet
193Kb / 15P
   Smart Four Channel Highside Power Switch (Overload protection Current limitation Short-circuit protection Thermal shutdown)
BTS425L1 SIEMENS-BTS425L1 Datasheet
150Kb / 12P
   Smart Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
BTS409L1 SIEMENS-BTS409L1 Datasheet
159Kb / 12P
   Smart Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
BTS410D2 SIEMENS-BTS410D2 Datasheet
170Kb / 14P
   Smart Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
BTS442D2 SIEMENS-BTS442D2 Datasheet
159Kb / 13P
   Smart Highside Power Switch (Overload protection Current limitation Short-circuit protection Thermal shutdown)
BTS542D2 SIEMENS-BTS542D2 Datasheet
279Kb / 13P
   Smart Highside Power Switch (Overload protection Current limitation Short-circuit protection Thermal shutdown)
BTS410E2 SIEMENS-BTS410E2 Datasheet
168Kb / 14P
   Smart Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com