전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2N2322 데이터시트(PDF) 1 Page - Central Semiconductor Corp

부품명 2N2322
상세설명  SILICON CONTROLLED RECTIFIER 1.6 AMPS, 25 THRU 400 VOLTS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CENTRAL [Central Semiconductor Corp]
홈페이지  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

2N2322 데이터시트(HTML) 1 Page - Central Semiconductor Corp

  2N2322 Datasheet HTML 1Page - Central Semiconductor Corp 2N2322 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAXIMUM RATINGS: (TC=25°C unless otherwise noted)
2N23__
SYMBOL
22
23
24
25
26
27
28
29 UNITS
Peak Repetitive Forward Voltage
VDRM
25
50
100
150
200
250
300
400
V
Peak Repetitive Reverse Voltage
VRRM
25
50
100
150
200
250
300
400
V
Non-Repetitive Peak Reverse Voltage
VRSM
40
75
150
225
300
350
400
500
V
RMS On-State Current
IT(RMS)
1.6
A
Average On-State Current (TC=85°C)
IT(AV)
1.0
A
Peak One Cycle Surge (t=8.3ms)
ITSM
15
A
Peak Gate Power
PGM
0.10
W
Average Gate Power
PG(AV)
0.01
W
Peak Gate Current
IGM
0.10
A
Peak Gate Voltage
VGM
6.0
V
Junction Temperature
TJ
-65 to +125
°C
Storage Temperature
Tstg
-65 to +150
°C
ELECTRICAL CHARACTERISTICS: (TC=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
IDRM, IRRM
Rated VDRM, VRRM, RGK=1.0kΩ
5.0
μA
IGT
VD=6.0V, RL=100Ω
200
μA
IH
VD=6.0V, RGK=1.0kΩ
2.0
mA
VGT
VD=6.0V, RL=100Ω
0.8
V
VTM
ITM=1.0A, tp=380μs
1.5
V
2N2322 2N2326
2N2323 2N2327
2N2324 2N2328
2N2325 2N2329
SILICON CONTROLLED RECTIFIER
1.6 AMPS, 25 THRU 400 VOLTS
TO-39 CASE
Central
Semiconductor Corp.
TM
R0 (11-December 2008)
DESCRIPTION:
The CENTRAL SEMICONDUCTOR 2N2322
Series types are hermetically sealed Silicon
Controlled Rectifiers designed for sensing
circuit applications and control systems.
MARKING: FULL PART NUMBER


유사한 부품 번호 - 2N2322

제조업체부품명데이터시트상세설명
logo
New Jersey Semi-Conduct...
2N2322 NJSEMI-2N2322 Datasheet
168Kb / 1P
   1.6A RMS UP TO 400 VOLTS
logo
Comset Semiconductor
2N2322 COMSET-2N2322 Datasheet
80Kb / 3P
   SILICON THYRISTORS
logo
Digitron Semiconductors
2N2322 DIGITRON-2N2322 Datasheet
397Kb / 3P
   SILICON CONTROLLED RECTIFIERS
logo
Central Semiconductor C...
2N2322 CENTRAL-2N2322 Datasheet
138Kb / 2P
   SILICON CONTROLLED RECTIFIER
logo
Digitron Semiconductors
2N2322A DIGITRON-2N2322A Datasheet
397Kb / 3P
   SILICON CONTROLLED RECTIFIERS
More results

유사한 설명 - 2N2322

제조업체부품명데이터시트상세설명
logo
Digitron Semiconductors
2N4212 DIGITRON-2N4212 Datasheet
124Kb / 2P
   SILICON CONTROLLED RECTIFIERS 1.6 AMPS RMS, 25-400 VOLTS
logo
Solid States Devices, I...
SFS2326 SSDI-SFS2326 Datasheet
112Kb / 2P
   1.6 AMPS 200 - 400 VOLTS SILICON CONTROLLED RECTIFIER
SFS1826 SSDI-SFS1826 Datasheet
108Kb / 2P
   1.6 AMPS 200 ??400 VOLTS SILICON CONTROLLED RECTIFIER
logo
Central Semiconductor C...
2N686 CENTRAL-2N686 Datasheet
98Kb / 2P
   SILICON CONTROLLED RECTIFIER 25 AMPS, 25 THRU 800 VOLTS
logo
Solid States Devices, I...
SFS2510 SSDI-SFS2510 Datasheet
142Kb / 2P
   25 AMPS 100 ??400 VOLTS FAST SWITCHING SILICON CONTROLLED RECTIFIER
logo
Central Semiconductor C...
2N1772A CENTRAL-2N1772A Datasheet
425Kb / 2P
   SILICON CONTROLLED RECTIFIER 8 AMP, 100 THRU 400 VOLTS
CS55B CENTRAL-CS55B Datasheet
125Kb / 2P
   SILICON CONTROLLED RECTIFIER 0.8 AMPS, 200 AND 400 VOLTS
CS55BZ CENTRAL-CS55BZ Datasheet
126Kb / 2P
   SILICON CONTROLLED RECTIFIER 0.8 AMPS, 200 AND 400 VOLTS
CS220-25B CENTRAL-CS220-25B Datasheet
66Kb / 2P
   SILICON CONTROLLED RECTIFIER 25 AMP, 200 THRU 800 VOLTS
CSDD-25M CENTRAL-CSDD-25M Datasheet
71Kb / 2P
   SILICON CONTROLLED RECTIFIER 25 AMP, 600 THRU 800 VOLTS
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com