전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N5240B 데이터시트(PDF) 2 Page - Central Semiconductor Corp

부품명 1N5240B
상세설명  SILICON ZENER DIODE 2.4 VOLTS THRU 200 VOLTS 500mW, 5% TOLERANCE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CENTRAL [Central Semiconductor Corp]
홈페이지  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

1N5240B 데이터시트(HTML) 2 Page - Central Semiconductor Corp

  1N5240B Datasheet HTML 1Page - Central Semiconductor Corp 1N5240B Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1N5221B THRU 1N5281B
SILICON ZENER DIODE
2.4 VOLTS THRU 200 VOLTS
500mW, 5% TOLERANCE
DO-35 CASE - MECHANICAL OUTLINE
ELECTRICAL CHARACTERISTICS - Continued: (TA=25°C) VF=1.1V MAX @ IF=200mA (for all types)
TYPE
ZENER
VOLTAGE
VZ @ IZT
TEST
CURRENT
MAXIMUM ZENER
IMPEDANCE
MAXIMUM
REVERSE
CURRENT
MAXIMUM
TEMPERATURE
COEFFICIENT
MIN
NOM
MAX
IZT
ZZT @ IZT
ZZK @ IZK
IR @ VR
ΘVZ
V
V
V
mA
Ω
Ω
mA
μA
V
%/°C
1N5247B
16.15
17
17.85
7.4
19
600
0.25
0.1
13
+0.084
1N5248B
17.10
18
18.90
7.0
21
600
0.25
0.1
14
+0.085
1N5249B
18.05
19
19.95
6.6
23
600
0.25
0.1
14
+0.086
1N5250B
19.00
20
21.00
6.2
25
600
0.25
0.1
15
+0.086
1N5251B
20.90
22
23.10
5.6
29
600
0.25
0.1
17
+0.087
1N5252B
22.80
24
25.20
5.2
33
600
0.25
0.1
18
+0.088
1N5253B
23.75
25
26.25
5.0
35
600
0.25
0.1
19
+0.089
1N5254B
25.65
27
28.35
4.6
41
600
0.25
0.1
21
+0.090
1N5255B
26.60
28
29.40
4.5
44
600
0.25
0.1
21
+0.091
1N5256B
28.50
30
31.50
4.2
49
600
0.25
0.1
23
+0.091
1N5257B
31.35
33
34.65
3.8
58
700
0.25
0.1
25
+0.092
1N5258B
34.20
36
37.80
3.4
70
700
0.25
0.1
27
+0.093
1N5259B
37.05
39
40.95
3.2
80
800
0.25
0.1
30
+0.094
1N5260B
40.85
43
45.15
3.0
93
900
0.25
0.1
33
+0.095
1N5261B
44.65
47
49.35
2.7
105
1000
0.25
0.1
36
+0.095
1N5262B
48.45
51
53.55
2.5
125
1100
0.25
0.1
39
+0.096
1N5263B
53.20
56
58.80
2.2
150
1300
0.25
0.1
43
+0.096
1N5264B
57.00
60
63.00
2.1
170
1400
0.25
0.1
46
+0.097
1N5265B
58.90
62
65.10
2.0
185
1400
0.25
0.1
47
+0.097
1N5266B
64.60
68
71.40
1.8
230
1600
0.25
0.1
52
+0.097
1N5267B
71.25
75
78.75
1.7
270
1700
0.25
0.1
56
+0.098
1N5268B
77.90
82
86.10
1.5
330
2000
0.25
0.1
62
+0.098
1N5269B
82.65
87
91.35
1.4
370
2200
0.25
0.1
68
+0.099
1N5270B
86.45
91
95.55
1.4
400
2300
0.25
0.1
69
+0.099
1N5271B
95.00
100
105.0
1.3
500
2600
0.25
0.1
76
+0.110
1N5272B
104.5
110
115.5
1.1
750
3000
0.25
0.1
84
+0.110
1N5273B
114.0
120
126.0
1.0
900
4000
0.25
0.1
91
+0.110
1N5274B
123.5
130
136.5
0.95
1100
4500
0.25
0.1
99
+0.110
1N5275B
133.0
140
147.0
0.90
1300
4500
0.25
0.1
106
+0.110
1N5276B
142.5
150
157.5
0.85
1500
5000
0.25
0.1
114
+0.110
1N5277B
152.0
160
168.0
0.80
1700
5500
0.25
0.1
122
+0.110
1N5278B
161.5
170
178.5
0.74
1900
5500
0.25
0.1
129
+0.110
1N5279B
171.0
180
189.0
0.68
2200
6000
0.25
0.1
137
+0.110
1N5280B
180.5
190
199.5
0.66
2400
6500
0.25
0.1
144
+0.110
1N5281B
190.0
200
210.0
0.65
2500
7000
0.25
0.1
152
+0.110
A
B
C
D
D
www.centr a lsemi.com
R2 (20-October 2011)


유사한 부품 번호 - 1N5240B

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
1N5240B VISHAY-1N5240B Datasheet
47Kb / 4P
   Silicon Z-Diodes
Rev. 2, 06-Aug-99
logo
Micro Commercial Compon...
1N5240B MCC-1N5240B Datasheet
550Kb / 5P
   500 mW Zener Diode 2.4 to 75 Volts
logo
Tiger Electronic Co.,Lt...
1N5240B TGS-1N5240B Datasheet
264Kb / 3P
   Zener diode
logo
Vishay Siliconix
1N5240B VISHAY-1N5240B Datasheet
118Kb / 7P
   Small Signal Zener Diodes
Rev. 2.0, 31-Jan-12
logo
Tak Cheong Electronics ...
1N5240B TAK_CHEONG-1N5240B Datasheet
332Kb / 5P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
More results

유사한 설명 - 1N5240B

제조업체부품명데이터시트상세설명
logo
Central Semiconductor C...
CMHZ5221B CENTRAL-CMHZ5221B Datasheet
59Kb / 2P
   SURFACE MOUNT ZENER DIODE 2.4 VOLTS THRU 200 VOLTS 500mW, 5% TOLERANCE
1N957B CENTRAL-1N957B Datasheet
880Kb / 3P
   SILICON ZENER DIODE 6.8 VOLTS THRU 200 VOLTS 500mW, 5% TOLERANCE
CMHZ5221B CENTRAL-CMHZ5221B_10 Datasheet
377Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 75 VOLTS 500mW, 5% TOLERANCE
CZ5333B CENTRAL-CZ5333B Datasheet
69Kb / 2P
   5.0W SILICON ZENER DIODE 3.3 VOLTS THRU 200 VOLTS 5% TOLERANCE
CMOZ2V4 CENTRAL-CMOZ2V4_10 Datasheet
348Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 43 VOLTS 5% TOLERANCE
CMOZ2V4 CENTRAL-CMOZ2V4_11 Datasheet
498Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 43 VOLTS 5% TOLERANCE
CMDZ2V4 CENTRAL-CMDZ2V4 Datasheet
110Kb / 2P
   SUPERmini ZENER DIODE 2.4 VOLTS THRU 47 VOLTS 250mW, 5% TOLERANCE
CMOZ2V4 CENTRAL-CMOZ2V4 Datasheet
97Kb / 2P
   ULTRAmini. ZENER DIODE 2.4 VOLTS THRU 43 VOLTS 350mW, 5% TOLERANCE
1N5221B CENTRAL-1N5221B Datasheet
173Kb / 2P
   ZENER DIODE 2.4 VOLTS THRU 200VOLTS 500mL, 5% TOLERANCE
CMDZ5221B CENTRAL-CMDZ5221B_10 Datasheet
373Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS 250mW, 5% TOLERANCE
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com