전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2N4858 데이터시트(PDF) 1 Page - Central Semiconductor Corp

부품명 2N4858
상세설명  N-CHANNEL SILICON JFET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CENTRAL [Central Semiconductor Corp]
홈페이지  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

2N4858 데이터시트(HTML) 1 Page - Central Semiconductor Corp

  2N4858 Datasheet HTML 1Page - Central Semiconductor Corp 2N4858 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2N4858
2N4858A
N-CHANNEL
SILICON JFET
DESCRIPTION:
The CENTRAL SEMICONDUCTOR 2N4858 and
2N4858A are N-Channel silicon JFETs designed for
analog switching and chopper applications.
MARKING: FULL PART NUMBER
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Drain-Source Voltage
VDS
40
V
Drain-Gate Voltage
VDG
40
V
Reverse Gate-Source Voltage
VGSR
40
V
Forward Gate Current
IGF
50
mA
Power Dissipation (TA=25°C)
PD
360
mW
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +200
°C
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
IGSS
VGS=20V, VDS=0
0.25
nA
IGSS
VGS=20V, VDS=0, TA=150°C
0.5
μA
IDSS
VDS=15V, VGS=0
8.0
80
mA
ID(OFF)
VDS=15V, VGS=10V
0.25
nA
ID(OFF)
VDS=15V, VGS=10V, TA=150°C
0.5
μA
BVGSS
IG=1.0μA, VDS=0
40
V
VGS(OFF)
VDS=15V, ID=0.5nA
0.8
4.0
V
VDS(ON)
ID=5.0mA, VGS=0
0.5
V
rDS(ON)
VGS=0, ID=0, f=1.0kHz
60
Ω
Crss
VGS=10V, VDS=0, f=1.0MHz (2N4858)
8.0
pF
Crss
VGS=10V, VDS=0, f=1.0MHz (2N4858A)
3.5
pF
Ciss
VGS=10V, VDS=0, f=1.0MHz (2N4858)
18
pF
Ciss
VGS=10V, VDS=0, f=1.0MHz (2N4858A)
10
pF
td
VDD=10V, VGS(OFF)=4.0V, ID=5.0mA (2N4858)
10
ns
td
VDD=10V, VGS(OFF)=4.0V, ID=5.0mA (2N4858A)
8.0
ns
tr
VDD=10V, VGS(OFF)=4.0V, ID=5.0mA (2N4858)
10
ns
tr
VDD=10V, VGS(OFF)=4.0V, ID=5.0mA (2N4858A)
8.0
ns
toff
VDD=10V, VGS(OFF)=4.0V, ID=5.0mA (2N4858)
100
ns
toff
VDD=10V, VGS(OFF)=4.0V, ID=5.0mA (2N4858A)
80
ns
TO-18 CASE
R0 (19-August 2010)
www.centra lsemi.com


유사한 부품 번호 - 2N4858

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
2N4858 MOTOROLA-2N4858 Datasheet
278Kb / 2P
   JFET SWITCHING N-CHANNEL-DEPLETION
logo
Microsemi Corporation
2N4858 MICROSEMI-2N4858 Datasheet
68Kb / 3P
   N-CHANNEL J-FET
logo
List of Unclassifed Man...
2N4858 ETC1-2N4858 Datasheet
43Kb / 1P
   N-Channel JFETs
logo
InterFET Corporation
2N4858 INTERFET-2N4858 Datasheet
69Kb / 1P
   N-Channel Silicon Junction Field-Effect Transistor
logo
Intersil Corporation
2N4858 INTERSIL-2N4858 Datasheet
4Mb / 122P
   P-CHANNEL JFET
More results

유사한 설명 - 2N4858

제조업체부품명데이터시트상세설명
logo
Central Semiconductor C...
2N4391 CENTRAL-2N4391 Datasheet
536Kb / 2P
   N-CHANNEL SILICON JFET
2N4857 CENTRAL-2N4857 Datasheet
539Kb / 2P
   N-CHANNEL SILICON JFET
PN4391 CENTRAL-PN4391_15 Datasheet
329Kb / 2P
   N-CHANNEL SILICON JFET
2N5484 CENTRAL-2N5484 Datasheet
329Kb / 2P
   SILICON N-CHANNEL JFET
2N4859 CENTRAL-2N4859 Datasheet
539Kb / 2P
   N-CHANNEL SILICON JFET
2N4856 CENTRAL-2N4856 Datasheet
539Kb / 2P
   N-CHANNEL SILICON JFET
2N4858 CENTRAL-2N4858_15 Datasheet
528Kb / 2P
   N-CHANNEL SILICON JFET
PN4391 CENTRAL-PN4391 Datasheet
329Kb / 2P
   N-CHANNEL SILICON JFET
logo
New Jersey Semi-Conduct...
2N5395 NJSEMI-2N5395 Datasheet
78Kb / 1P
   N-CHANNEL SILICON JFET
logo
Central Semiconductor C...
CMPF4416A CENTRAL-CMPF4416A Datasheet
77Kb / 2P
   SILICON N-CHANNEL JFET
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com