전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2N5061 데이터시트(PDF) 1 Page - Central Semiconductor Corp

부품명 2N5061
상세설명  SILICON CONTROLLED RECTIFIER 0.8 AMP, 30 THRU 200 VOLTS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CENTRAL [Central Semiconductor Corp]
홈페이지  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

2N5061 데이터시트(HTML) 1 Page - Central Semiconductor Corp

  2N5061 Datasheet HTML 1Page - Central Semiconductor Corp 2N5061 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2N5060 THRU 2N5064
SILICON CONTROLLED RECTIFIERS
0.8 AMP, 30 THRU 200 VOLT
The CENTRAL SEMICONDUCTOR 2N5060 series
devices are epoxy molded SCRs designed for control
systems and sensing circuit applications.
MARKING: FULL PART NUMBER
MAXIMUM RATINGS: (TA=25°C unless otherwise noted)
SYMBOL
2N5060 2N5061 2N5062 2N5063 2N5064 UNITS
Peak Repetitive Off-State Voltage
VDRM, VRRM
30
60
100
150
200
V
RMS On-State Current (Note 1; TC=80°C)
IT(RMS)
0.8
A
Average On-State Current (Note 1; TC=67°C)
IT(AV)
0.51
A
Average On-State Current (Note 1; TC=102°C)
IT(AV)
0.255
A
Peak One Cycle Surge Current (60Hz)
ITSM
10
A
I2t Value for Fusing (t=8.3ms)
I2t
0.4
A2s
Peak Forward Gate Power (tp<1.0μs)
PGM
0.1
W
Average Forward Gate Power (t=8.3ms)
PG(AV)
0.01
W
Peak Forward Gate Current (tp<1.0μs)
IGM
1.0
A
Peak Reverse Gate Voltage (tp<1.0μs)
VRGM
5.0
V
Operating Junction Temperature
TJ
-40 to +125
°C
Storage Temperature
Tstg
-40 to +150
°C
Thermal Resistance (Note 2)
ΘJC
75
°C/W
Thermal Resistance
ΘJA
200
°C/W
Notes: 1) 180° Conduction Angles
2) Measured with the “flat side down” on a heatsink and held in position by a metal clamp over the curved surface.
ELECTRICAL CHARACTERISTICS: (TC=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
IDRM, IRRM VD=Rated VDRM, RGK=1.0kΩ
10
μA
IDRM, IRRM VD=Rated VDRM, RGK=1.0kΩ, TC=110°C
50
μA
IGT
VD=7.0V, RL=100Ω
200
μA
IGT
VD=7.0V, RL=100Ω, TC=-40°C
350
μA
IH
Initiating Current, IT=20mA, RGK=1.0kΩ
5.0
mA
IH
Initiating Current, IT=20mA, RGK=1.0kΩ, TC=-40°C
10
mA
VGT
VD=7.0V, RL=100Ω
0.8
V
VGT
VD=7.0V, RL=100Ω, TC=-40°C
1.2
V
VGD
VD=Rated VDRM, RL=100Ω, TC=110°C
0.1
V
VTM
ITM=1.2A, TA=25°C
1.7
V
dv/dt
VD=Rated VDRM, RGK=1.0kΩ
30
V/μs
TO-92 CASE
R5 (7-May 2015)
www.centr a lsemi.com


유사한 부품 번호 - 2N5061

제조업체부품명데이터시트상세설명
logo
Boca Semiconductor Corp...
2N5061 BOCA-2N5061 Datasheet
31Kb / 1P
   SCRs (Silicon Controlled Rectifiers)
logo
Central Semiconductor C...
2N5061 CENTRAL-2N5061 Datasheet
22Kb / 1P
   0.8 to 110 Amperes RMS 15 to 1200 Volts
logo
ON Semiconductor
2N5061 ONSEMI-2N5061 Datasheet
70Kb / 8P
   Sensitive Gate Silicon Controlled Rectifiers
January, 2005 ??Rev. 7
logo
New Jersey Semi-Conduct...
2N5061 NJSEMI-2N5061 Datasheet
248Kb / 2P
   SILICON CONTROLLED RECTIFIER
logo
Digitron Semiconductors
2N5061 DIGITRON-2N5061 Datasheet
182Kb / 4P
   SENSITIVE GATE SILICON CONTROLLED RECTIFIERS
More results

유사한 설명 - 2N5061

제조업체부품명데이터시트상세설명
logo
Central Semiconductor C...
CS92B CENTRAL-CS92B Datasheet
71Kb / 2P
   SILICON CONTROLLED RECTIFIER 0.8 AMP, 200 THRU 800 VOLTS
2N6605 CENTRAL-2N6605 Datasheet
528Kb / 2P
   SILICON CONTROLLED RECTIFIER 0.35 AMP, 30 THRU 200 VOLTS
CS220-25B CENTRAL-CS220-25B Datasheet
66Kb / 2P
   SILICON CONTROLLED RECTIFIER 25 AMP, 200 THRU 800 VOLTS
CS48-35B CENTRAL-CS48-35B Datasheet
112Kb / 2P
   SILICON CONTROLLED RECTIFIER 35 AMP, 200 THRU 1200 VOLTS
CS220-16B CENTRAL-CS220-16B Datasheet
68Kb / 2P
   SILICON CONTROLLED RECTIFIER 16 AMP, 200 THRU 800 VOLTS
CS39-4B CENTRAL-CS39-4B Datasheet
82Kb / 2P
   SILICON CONTROLLED RECTIFIER 4.0 AMP, 200 THRU 800 VOLTS
CS220-8B CENTRAL-CS220-8B Datasheet
71Kb / 2P
   SILICON CONTROLLED RECTIFIER 8.0 AMP, 200 THRU 800 VOLTS
CS220-10B CENTRAL-CS220-10B Datasheet
111Kb / 2P
   SILICON CONTROLLED RECTIFIER 10 AMP, 200 THRU 800 VOLTS
CS220-12B CENTRAL-CS220-12B Datasheet
83Kb / 2P
   SILICON CONTROLLED RECTIFIER 12 AMP, 200 THRU 1000 VOLTS
CS218-35B CENTRAL-CS218-35B Datasheet
111Kb / 2P
   SILICON CONTROLLED RECTIFIER 35 AMP, 200 THRU 1200 VOLTS
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com