전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SBW13009-S 데이터시트(PDF) 1 Page - Shenzhen Winsemi Microelectronics Co., Ltd

부품명 SBW13009-S
상세설명  High Voltage Fast-Switching NPN Power Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WINSEMI [Shenzhen Winsemi Microelectronics Co., Ltd]
홈페이지  http://www.winsemi.com
Logo WINSEMI - Shenzhen Winsemi Microelectronics Co., Ltd

SBW13009-S 데이터시트(HTML) 1 Page - Shenzhen Winsemi Microelectronics Co., Ltd

  SBW13009-S Datasheet HTML 1Page - Shenzhen Winsemi Microelectronics Co., Ltd SBW13009-S Datasheet HTML 2Page - Shenzhen Winsemi Microelectronics Co., Ltd SBW13009-S Datasheet HTML 3Page - Shenzhen Winsemi Microelectronics Co., Ltd SBW13009-S Datasheet HTML 4Page - Shenzhen Winsemi Microelectronics Co., Ltd SBW13009-S Datasheet HTML 5Page - Shenzhen Winsemi Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Copyright@Winsemi Microelectronics Co., Ltd., All right reserved.
SBW13009-S
SBW13009-S
SBW13009-S
SBW13009-S
Rev.A Aug.2010
High Voltage Fast-Switching NPN Power Transistor
Features
Very High Switching Speed
High Voltage Capability
Wide Reverse Bias SOA
General Description
This Device is designed for high voltage,High speed
switching
characteristics required such as
lighting
system,switching mode power supply.
Absolute Maximum Ratings
Symbol
Parameter
Test Conditions
Value
Units
VCES
Collector-Emitter Voltage
VBE =0
700
V
VCEO
Collector -emitter Voltage
IB=0
400
V
VEBO
Emitter-Base Voltage
IC=0
9.0
V
IC
Collector Current
12
A
ICP
Collector pulse Current
25
A
IB
Base Current
6.0
A
IBM
Base Peak Current
tP=5ms
12
A
PC
Total Dissipation at Tc=25℃
120
W
TJ
Operation Junction Temperature
-40~150
TSTG
Storage Temperature
-40~150
Thermal Characteristics
Symbol
Parameter
Value
Units
RӨJC
Thermal Resistance Junction to Case
1.04
℃/W
RӨJA
Thermal Resistance Junction to Ambient
62.5
℃/W


유사한 부품 번호 - SBW13009-S

제조업체부품명데이터시트상세설명
logo
SemiWell Semiconductor
SBW13009-S SEMIWELL-SBW13009-S Datasheet
210Kb / 4P
   High Voltage Fast-Switching NPN Power Transistor
More results

유사한 설명 - SBW13009-S

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
BUL312FP STMICROELECTRONICS-BUL312FP Datasheet
149Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BUL742 STMICROELECTRONICS-BUL742 Datasheet
112Kb / 5P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BULB39D STMICROELECTRONICS-BULB39D Datasheet
191Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
August 2001
SGSIF464 STMICROELECTRONICS-SGSIF464 Datasheet
88Kb / 7P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
STD83003 STMICROELECTRONICS-STD83003 Datasheet
299Kb / 8P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
ST2001HI STMICROELECTRONICS-ST2001HI Datasheet
67Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
ST83003 STMICROELECTRONICS-ST83003 Datasheet
258Kb / 7P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
October 2002
BUL128 STMICROELECTRONICS-BUL128 Datasheet
79Kb / 7P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BUL138 STMICROELECTRONICS-BUL138 Datasheet
69Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BUL213 STMICROELECTRONICS-BUL213 Datasheet
71Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BUL39D STMICROELECTRONICS-BUL39D Datasheet
185Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com