전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BUZ100SL-4 데이터시트(PDF) 3 Page - Siemens Semiconductor Group

부품명 BUZ100SL-4
상세설명  SIPMOS Power Transistor (Quad-channel Enhancement mode Logic level Avalanche-rated d v/d t rated)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIEMENS [Siemens Semiconductor Group]
홈페이지  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BUZ100SL-4 데이터시트(HTML) 3 Page - Siemens Semiconductor Group

  BUZ100SL-4 Datasheet HTML 1Page - Siemens Semiconductor Group BUZ100SL-4 Datasheet HTML 2Page - Siemens Semiconductor Group BUZ100SL-4 Datasheet HTML 3Page - Siemens Semiconductor Group BUZ100SL-4 Datasheet HTML 4Page - Siemens Semiconductor Group BUZ100SL-4 Datasheet HTML 5Page - Siemens Semiconductor Group BUZ100SL-4 Datasheet HTML 6Page - Siemens Semiconductor Group BUZ100SL-4 Datasheet HTML 7Page - Siemens Semiconductor Group BUZ100SL-4 Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Semiconductor Group
3
01/Oct/1997
BUZ 100SL-4
Preliminary data
Electrical Characteristics, at
Tj = 25°C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
Dynamic Characteristics
Transconductance
VDS≥ 2 * ID * RDS(on)max, ID = 7.4 A
gfs
20
--
S
Input capacitance
VGS = 0 V, VDS = 25 V, f = 1 MHz
Ciss
-
2130
2660
pF
Output capacitance
VGS = 0 V, VDS = 25 V, f = 1 MHz
Coss
-
600
750
Reverse transfer capacitance
VGS = 0 V, VDS = 25 V, f = 1 MHz
Crss
-
320
400
Turn-on delay time
VDD = 30 V, VGS = 5 V, ID = 7.4 A
RG = 2.3 Ω
td(on)
-
37
55
ns
Rise time
VDD = 30 V, VGS = 5 V, ID = 7.4 A
RG = 2.3 Ω
tr
-
67
100
Turn-off delay time
VDD = 30 V, VGS = 5 V, ID = 7.4 A
RG = 2.3 Ω
td(off)
-
91
140
Fall time
VDD = 30 V, VGS = 5 V, ID = 7.4 A
RG = 2.3 Ω
tf
-
42
65
Gate charge at threshold
VDD = 40 V, ID ≥ 0.1 A, VGS =0 to 1 V
Qg(th)
-
3
4.5
nC
Gate charge at 5.0 V
VDD = 40 V, ID = 7.4 A, VGS =0 to 5 V
Qg(5)
-
58
86
Gate charge total
VDD = 40 V, ID = 7.4 A, VGS =0 to 10 V
Qg(total)
-
93
140
Gate plateau voltage
VDD = 40 V, ID = 7.4 A
V(plateau)
-
2.92
-
V


유사한 부품 번호 - BUZ100SL-4

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
BUZ100SL SIEMENS-BUZ100SL Datasheet
123Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Logic Level Avalanche-rated)
More results

유사한 설명 - BUZ100SL-4

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
BUZ101SL-4 SIEMENS-BUZ101SL-4 Datasheet
90Kb / 8P
   SIPMOS Power Transistor (Quad-channel Enhancement mode Logic level Avalanche-rated d v/d t rated)
BUZ102SL-4 SIEMENS-BUZ102SL-4 Datasheet
90Kb / 8P
   SIPMOS Power Transistor (Quad-channel Enhancement mode Logic level Avalanche-rated d v/d t rated)
BUZ103SL-4 SIEMENS-BUZ103SL-4 Datasheet
107Kb / 8P
   SIPMOS Power Transistor (Quad-channel Enhancement mode Logic level Avalanche-rated d v/d t rated)
BUZ104SL-4 SIEMENS-BUZ104SL-4 Datasheet
90Kb / 8P
   SIPMOS Power Transistor (Quad-channel Enhancement mode Logic level Avalanche-rated d v/d t rated)
BUZ103AL SIEMENS-BUZ103AL Datasheet
185Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level d v/d t rated)
BUZ102AL SIEMENS-BUZ102AL Datasheet
182Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level d v/d t rated)
BUZ102 SIEMENS-BUZ102 Datasheet
183Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated d v/d t rated)
BUZ100 SIEMENS-BUZ100 Datasheet
185Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated d v/d t rated)
BUZ101S SIEMENS-BUZ101S Datasheet
69Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated d v/d t rated)
BUZ104L SIEMENS-BUZ104L Datasheet
209Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level d v/d t rated Low on-resistance)
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com