전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BUZ100SL 데이터시트(PDF) 2 Page - Siemens Semiconductor Group

부품명 BUZ100SL
상세설명  SIPMOS Power Transistor (N channel Enhancement mode Logic Level Avalanche-rated)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIEMENS [Siemens Semiconductor Group]
홈페이지  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BUZ100SL 데이터시트(HTML) 2 Page - Siemens Semiconductor Group

  BUZ100SL Datasheet HTML 1Page - Siemens Semiconductor Group BUZ100SL Datasheet HTML 2Page - Siemens Semiconductor Group BUZ100SL Datasheet HTML 3Page - Siemens Semiconductor Group BUZ100SL Datasheet HTML 4Page - Siemens Semiconductor Group BUZ100SL Datasheet HTML 5Page - Siemens Semiconductor Group BUZ100SL Datasheet HTML 6Page - Siemens Semiconductor Group BUZ100SL Datasheet HTML 7Page - Siemens Semiconductor Group BUZ100SL Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Semiconductor Group
2
30/Jan/1998
BUZ 100 SL
SPP70N05L
Maximum Ratings
Parameter
Symbol
Values
Unit
Operating temperature
Tj
-55 ... + 175
°C
Storage temperature
Tstg
-55 ... + 175
Thermal resistance, junction - case
RthJC
0.88
K/W
Thermal resistance, junction - ambient
RthJA
62
IEC climatic category, DIN IEC 68-1
55 / 175 / 56
Electrical Characteristics,
at Tj = 25°C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
Static Characteristics
Drain- source breakdown voltage
VGS = 0 V, ID = 0.25 mA, Tj = 25 °C
V(BR)DSS
55
-
-
V
Gate threshold voltage
VGS=VDS, ID = 130 µA
VGS(th)
1.2
1.6
2
Zero gate voltage drain current
VDS = 50 V, VGS = 0 V, Tj = -40 °C
VDS = 50 V, VGS = 0 V, Tj = 25 °C
VDS = 50 V, VGS = 0 V, Tj = 150 °C
IDSS
-
-
-
-
0.1
-
100
1
0.1
µA
Gate-source leakage current
VGS = 20 V, VDS = 0 V
IGSS
-
10
100
nA
Drain-Source on-resistance
VGS = 4.5 V, ID = 50 A
VGS = 10 V, ID = 50 A
RDS(on)
-
-
0.01
0.016
0.012
0.018


유사한 부품 번호 - BUZ100SL

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
BUZ100SL-4 SIEMENS-BUZ100SL-4 Datasheet
89Kb / 8P
   SIPMOS Power Transistor (Quad-channel Enhancement mode Logic level Avalanche-rated d v/d t rated)
More results

유사한 설명 - BUZ100SL

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
BUZ31L SIEMENS-BUZ31L Datasheet
194Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
BUZ101SL SIEMENS-BUZ101SL Datasheet
132Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Logic Level Avalanche-rated)
BUZ21L SIEMENS-BUZ21L Datasheet
86Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
BUZ72L SIEMENS-BUZ72L Datasheet
189Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
BUZ70L SIEMENS-BUZ70L Datasheet
194Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
BUZ73L SIEMENS-BUZ73L Datasheet
181Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
BUZ71AL SIEMENS-BUZ71AL Datasheet
128Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
BUZ71L SIEMENS-BUZ71L Datasheet
129Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
BUZ72AL SIEMENS-BUZ72AL Datasheet
187Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
BUZ73AL SIEMENS-BUZ73AL Datasheet
176Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com