전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BUZ104L 데이터시트(PDF) 6 Page - Siemens Semiconductor Group

부품명 BUZ104L
상세설명  SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level d v/d t rated Low on-resistance)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIEMENS [Siemens Semiconductor Group]
홈페이지  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BUZ104L 데이터시트(HTML) 6 Page - Siemens Semiconductor Group

  BUZ104L Datasheet HTML 1Page - Siemens Semiconductor Group BUZ104L Datasheet HTML 2Page - Siemens Semiconductor Group BUZ104L Datasheet HTML 3Page - Siemens Semiconductor Group BUZ104L Datasheet HTML 4Page - Siemens Semiconductor Group BUZ104L Datasheet HTML 5Page - Siemens Semiconductor Group BUZ104L Datasheet HTML 6Page - Siemens Semiconductor Group BUZ104L Datasheet HTML 7Page - Siemens Semiconductor Group BUZ104L Datasheet HTML 8Page - Siemens Semiconductor Group BUZ104L Datasheet HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Semiconductor Group
6
07/96
BUZ 104L
Typ. output characteristics
ID = ƒ(VDS)
parameter:
t
p = 80 µs
0.0
1.0
2.0
3.0
4.0
5.0
6.0
V
7.5
V
DS
0
4
8
12
16
20
24
28
32
A
40
I
D
V
GS
[V]
a
a
2.0
b
b
2.5
c
c
3.0
d
d
3.5
e
e
4.0
f
f
4.5
g
g
5.0
h
h
5.5
i
i
6.0
j
j
7.0
k
k
8.0
l
Ptot = 60W
l
10.0
Drain-source on-resistance
RDS (on) = ƒ(Tj)
parameter:
ID = 8.5 A, VGS = 5 V
-60
-20
20
60
100
°C
180
T
j
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0.18
0.20
0.22
0.24
0.28
R
DS (on)
typ
98%
Typ. forward transconductance
gfs = f (ID)
parameter:
tp = 80 µs,
VDS≥2 x ID x RDS(on)max
0
5
10
15
20
25
A
35
I
D
0
1
2
3
4
5
6
7
8
S
10
g
fs
Typ. transfer characteristics
ID = f (VGS)
parameter:
tp = 80 µs
VDS≥2 x ID x RDS(on)max
0
1
2
3
4
5
6
7
8
V
10
V
GS
0
5
10
15
20
25
30
A
40
I
D


유사한 부품 번호 - BUZ104L

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
BUZ104 SIEMENS-BUZ104 Datasheet
208Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated d v/d t rated Low on-resistance)
logo
Inchange Semiconductor ...
BUZ104 ISC-BUZ104 Datasheet
65Kb / 2P
   Ultra low on-resistance
logo
Siemens Semiconductor G...
BUZ104S SIEMENS-BUZ104S Datasheet
128Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated dv/dt rated 175째C operating temperature)
BUZ104SL SIEMENS-BUZ104SL Datasheet
126Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Logic Level Avalanche-rated dv/dt rated 175째C operating temperature)
BUZ104SL-4 SIEMENS-BUZ104SL-4 Datasheet
90Kb / 8P
   SIPMOS Power Transistor (Quad-channel Enhancement mode Logic level Avalanche-rated d v/d t rated)
More results

유사한 설명 - BUZ104L

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
BUZ104 SIEMENS-BUZ104 Datasheet
208Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated d v/d t rated Low on-resistance)
BUZ101 SIEMENS-BUZ101 Datasheet
185Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated d v/d t rated Low on-resistance)
BUZ103 SIEMENS-BUZ103 Datasheet
186Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated d v/d t rated Low on-resistance)
BUZ103AL SIEMENS-BUZ103AL Datasheet
185Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level d v/d t rated)
BUZ102AL SIEMENS-BUZ102AL Datasheet
182Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level d v/d t rated)
BUZ342 SIEMENS-BUZ342 Datasheet
214Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated d v/d t rated Ultra low on-resistance)
BUZ101SL-4 SIEMENS-BUZ101SL-4 Datasheet
90Kb / 8P
   SIPMOS Power Transistor (Quad-channel Enhancement mode Logic level Avalanche-rated d v/d t rated)
BUZ100SL-4 SIEMENS-BUZ100SL-4 Datasheet
89Kb / 8P
   SIPMOS Power Transistor (Quad-channel Enhancement mode Logic level Avalanche-rated d v/d t rated)
BUZ102SL-4 SIEMENS-BUZ102SL-4 Datasheet
90Kb / 8P
   SIPMOS Power Transistor (Quad-channel Enhancement mode Logic level Avalanche-rated d v/d t rated)
BUZ103SL-4 SIEMENS-BUZ103SL-4 Datasheet
107Kb / 8P
   SIPMOS Power Transistor (Quad-channel Enhancement mode Logic level Avalanche-rated d v/d t rated)
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com