전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMF12C 데이터시트(PDF) 6 Page - Protek Devices

부품명 SMF12C
상세설명  MULTI-LINE TVS ARRAY
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PROTEC [Protek Devices]
홈페이지  http://www.protekdevices.com
Logo PROTEC - Protek Devices

SMF12C 데이터시트(HTML) 6 Page - Protek Devices

  SMF12C Datasheet HTML 1Page - Protek Devices SMF12C Datasheet HTML 2Page - Protek Devices SMF12C Datasheet HTML 3Page - Protek Devices SMF12C Datasheet HTML 4Page - Protek Devices SMF12C Datasheet HTML 5Page - Protek Devices SMF12C Datasheet HTML 6Page - Protek Devices SMF12C Datasheet HTML 7Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05138.R10 3/11
Page 6
SMF05C - SMF24C
TAPE AND REEL
oRDERING INFoRMATIoN
BASE PART NUMBER
(xx = Voltage)
LEADFREE SUFFIX
TAPE SUFFIX
QTY/REEL
REEL SIZE
TUBE QTY
SMFxxC
-LF
-T73
3,000
7”
n/a
SPECIFICATIoNS
REEL DIA.
TAPE
wIDTh
A0
B0
k0
D
E
F
w
P0
P2
P
tmax
178mm (7”)
8mm
2.25 ± 0.10 2.34 ± 0.10 1.22 ± 0.10 1.50 ± 0.10 1.75 ± 0.10 3.50 ± 0.05 8.00 ± 0.30 4.00 ± 0.10 2.00 ± 0.05 4.00 ± 0.10
0.25
NoTES
1. Dimensions are in millimeters.
2. Surface mount product is taped and reeled in accordance with EIA-481.
3. Suffix - T73 = 7” Reel - 3,000 pieces per 8mm tape.
4. Marking on Part - marking code (see page 2) and pin one defined by dot on package.
Package outline, pad layout and tape specifications per document number 06019.R6 3/11.
Top Cover Tape
K0
D
P0
P2
10 Pitches Cumulative
Tolerance on Tape. ± 0.2
A0
B0
P
E
F
W
User Direction of Feed
Pin 1
t


유사한 부품 번호 - SMF12C

제조업체부품명데이터시트상세설명
logo
Protek Devices
SMF12C PROTEC-SMF12C Datasheet
112Kb / 5P
   STANDARD CAPACITANCE TVS ARRAY
logo
ON Semiconductor
SMF12C ONSEMI-SMF12C Datasheet
59Kb / 4P
   5-Line Transient Voltage Suppressor Array
June, 2004 ??Rev. 1
logo
Protek Devices
SMF12C PROTEC-SMF12C Datasheet
674Kb / 7P
   MULTI-LINE TVS ARRAY
logo
Shanghai Leiditech Elec...
SMF12C LEIDITECH-SMF12C Datasheet
361Kb / 3P
   Quad TVS Diode Array
logo
HY ELECTRONIC CORP.
SMF12CA HY-SMF12CA Datasheet
557Kb / 4P
   Surface Mount Unidirectional and Bidirectional Transient Voltage Suppressors
More results

유사한 설명 - SMF12C

제조업체부품명데이터시트상세설명
logo
Protek Devices
MSMF05 PROTEC-MSMF05_12 Datasheet
541Kb / 6P
   MULTI-LINE TVS ARRAY
MSMF05 PROTEC-MSMF05_11 Datasheet
518Kb / 6P
   MULTI-LINE TVS ARRAY
CP05 PROTEC-CP05_11 Datasheet
705Kb / 8P
   MULTI-LINE TVS ARRAY
PSMS05 PROTEC-PSMS05_11 Datasheet
710Kb / 8P
   MULTI-LINE TVS ARRAY
SMS05 PROTEC-SMS05_12 Datasheet
710Kb / 8P
   MULTI-LINE TVS ARRAY
MSMF05C PROTEC-MSMF05C_11 Datasheet
540Kb / 6P
   MULTI-LINE TVS ARRAY
PSMS05 PROTEC-PSMS05_12 Datasheet
711Kb / 8P
   MULTI-LINE TVS ARRAY
PAM20ST6305 PROTEC-PAM20ST6305 Datasheet
565Kb / 6P
   MULTI-LINE TVS ARRAY
SMS05 PROTEC-SMS05_11 Datasheet
707Kb / 8P
   MULTI-LINE TVS ARRAY
CP05 PROTEC-CP05_12 Datasheet
710Kb / 8P
   MULTI-LINE TVS ARRAY
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com