전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMF15C 데이터시트(PDF) 3 Page - Protek Devices

부품명 SMF15C
상세설명  MULTI-LINE TVS ARRAY
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PROTEC [Protek Devices]
홈페이지  http://www.protekdevices.com
Logo PROTEC - Protek Devices

SMF15C 데이터시트(HTML) 3 Page - Protek Devices

  SMF15C Datasheet HTML 1Page - Protek Devices SMF15C Datasheet HTML 2Page - Protek Devices SMF15C Datasheet HTML 3Page - Protek Devices SMF15C Datasheet HTML 4Page - Protek Devices SMF15C Datasheet HTML 5Page - Protek Devices SMF15C Datasheet HTML 6Page - Protek Devices SMF15C Datasheet HTML 7Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05138.R10 3/11
Page 3
SMF05C - SMF24C
TYPICAL DEVICE ChARACTERISTICS
Peak Pulse Power
8/20µs
Average Power
FIGURE 3
PowER DERATING CURVE
T
A - Ambient Temperature - °C
0
25
50
75
100
125
150
0
20
40
60
80
100
TEST
WAVEFORM
PARAMETERS
t
f = 8µs
t
d = 20µs
t
f
e-t
Peak Value I
PP
t
d = t/(IPP/2)
FIGURE 2
PULSE wAVE FoRM
t - Time - µs
0
5
10
15
20
25
30
0
20
40
60
80
100
120
FIGURE 4
TYPICAL CLAMPING VoLTAGE VS PEAk PULSE CURRENT SMF05C
I
PP - Peak Pulse Current - Amps
0
2
4
6
8
10
1
5
9
13


유사한 부품 번호 - SMF15C

제조업체부품명데이터시트상세설명
logo
Protek Devices
SMF15C PROTEC-SMF15C Datasheet
112Kb / 5P
   STANDARD CAPACITANCE TVS ARRAY
logo
ON Semiconductor
SMF15C ONSEMI-SMF15C Datasheet
59Kb / 4P
   5-Line Transient Voltage Suppressor Array
June, 2004 ??Rev. 1
logo
Protek Devices
SMF15C PROTEC-SMF15C Datasheet
674Kb / 7P
   MULTI-LINE TVS ARRAY
logo
HuaXinAn Electronics CO...
SMF15CA HUAXINAN-SMF15CA Datasheet
430Kb / 5P
   200W Transient Voltage Suppressors
logo
UN Semiconducctor INC
SMF15CA UNSEMI-SMF15CA Datasheet
3Mb / 7P
   3.3 To 190V 200W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
More results

유사한 설명 - SMF15C

제조업체부품명데이터시트상세설명
logo
Protek Devices
MSMF05 PROTEC-MSMF05_12 Datasheet
541Kb / 6P
   MULTI-LINE TVS ARRAY
MSMF05 PROTEC-MSMF05_11 Datasheet
518Kb / 6P
   MULTI-LINE TVS ARRAY
CP05 PROTEC-CP05_11 Datasheet
705Kb / 8P
   MULTI-LINE TVS ARRAY
PSMS05 PROTEC-PSMS05_11 Datasheet
710Kb / 8P
   MULTI-LINE TVS ARRAY
SMS05 PROTEC-SMS05_12 Datasheet
710Kb / 8P
   MULTI-LINE TVS ARRAY
MSMF05C PROTEC-MSMF05C_11 Datasheet
540Kb / 6P
   MULTI-LINE TVS ARRAY
PSMS05 PROTEC-PSMS05_12 Datasheet
711Kb / 8P
   MULTI-LINE TVS ARRAY
PAM20ST6305 PROTEC-PAM20ST6305 Datasheet
565Kb / 6P
   MULTI-LINE TVS ARRAY
SMS05 PROTEC-SMS05_11 Datasheet
707Kb / 8P
   MULTI-LINE TVS ARRAY
CP05 PROTEC-CP05_12 Datasheet
710Kb / 8P
   MULTI-LINE TVS ARRAY
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com