전자부품 데이터시트 검색엔진 |
|
GS25U18-P1J 데이터시트(PDF) 1 Page - Mean Well Enterprises Co., Ltd. |
|
GS25U18-P1J 데이터시트(HTML) 1 Page - Mean Well Enterprises Co., Ltd. |
1 / 2 page SPECIFICATION GS25U05-P1J GS25U07-P1J GS25U09-P1J GS25U12-P1J GS25U15-P1J GS25U18-P1J GS25U24-P1J GS25U28-P1J GS25U48-P1J ORDERNO. SAFETY MODEL NO. DCVOLTAGE Note.2 RATEDCURRENT CURRENTRANGE RATEDPOWER (max.) RIPPLE&NOISE(max.) Note.3 OUTPUT SETUP,RISE,HOLDUP TIME VOLTAGERANGE FREQUENCY RANGE EFFICIENCY (Typ.) ACCURRENT INPUT ENVIRONMENT INRUSHCURRENT(max.) LEAKAGECURRENT(max.) SAFETY STANDARDS SAFETY & EMC (Note.7) WORKINGTEMP. WORKINGHUMIDITY STORAGETEMP.,HUMIDITY TEMP.COEFFICIENT VIBRATION MTBF DIMENSION OTHERS NOTE PACKING PROTECTION 5V GS25U05 7.5V GS25U07 9V GS25U09 12V GS25U12 15V GS25U15 18V GS25U18 24V GS25U24 28V GS25U28 48V GS25U48 4.0A 2.93A 2.77A 2.08A 1.66A 1.38A 1.04A 0.89A 0.52A 0~4.0A 0~2.93A 0~2.77A 0~2.08A 0~1.66A 0~1.38A 0~1.04A 0~0.89A 0~0.52A 50mVp-p 80mVp-p 80mVp-p 80mVp-p 100mVp-p 150mVp-p 180mVp-p 240mVp-p 240mVp-p VOLTAGETOLERANCE Note.4 LINEREGULATION Note.5 LOADREGULATION Note.6 5.0% 5.0% 5.0% 3.0% 3.0% 3.0% 2.0% 2.0% 2.0% 1.0% 1.0% 1.0% 1.0% 1.0% 1.0% 1.0% 1.0% 1.0% 5.0% 5.0% 5.0% 3.0% 3.0% 3.0% 2.0% 2.0% 2.0% 90~264VAC135~370VDC 47~63Hz 78.5% 81.5% 82.5% 84.5% 84.5% 84.5% 85.5% 85.5% 87% 0.7A /100VAC 25A /115VAC 0.25mA /240VAC UL60950-1,CSA C22.2,BSMI,CNS14336approved WITHSTANDVOLTAGE ISOLATIONRESISTANCE I/P-O/P:4242VDC I/P-O/P:100MOhms/500VDC /25 /70%RH 500Khrsmin.MIL-HDBK-217F(25 ) 0~+50 (Referto"DeratingCurve") 20%~90%RHnon-condensing -20~+85 ,10~95%RH 0.03%/ (0~50 ) 10~500Hz,2G10min./1cycle,periodfor60min. eachalongX, Y,Zaxes 79*54*33mm(L*W*H) 210g;60pcs/13.5kg/CARTON CONNECTOR PLUG CABLE Seepage2 Seepage2 20W 22W 25W 25W 25W 25W 25W 25W 25W 1.All parameters are specified at 115VAC input, rated load, 25 70% RH ambient. 2.DC voltage: The output voltage set at point measure by plug terminal & 50% load. 3.Ripple & noise are measured at 20MHz by using a 12" twisted pair terminated with a 0.1uf & 47uf capacitor. 4.Tolerance: includes set up tolerance, line regulation, load regulation. 5.Line regulation is measured from low line to high line at rated load. 6.Load regulation is measured from 20% to 100% rated load 7.The power supply is considered as an independent unit, but the final equipment still need to re-confirm that the whole system complies with the EMC directives. Features : Complianceto CNS13438classB FCCPART 15/CISPR22classB, OVERLOAD OVERVOLTAGE 110~150% ratedoutputpower Protectiontype:Hiccupmode,recoversautomaticallyafterfaultconditionisremoved 105~135%ratedoutputvoltage Protectiontype:Clampbyzenerdiode 20~25W AC-DCSingleOutputWall-mountedtype G S 2 5 U series Universal AC input / Full range No load power consumption<0.3W ErP step2 compliant NRCan compliant Meet EISA 2007 (Energy Independence and Security Act) 2 pole USA plug Class power (without earth pin) Protections: Short circuit / Overload / Over voltage Fully enclosed plastic case LED indicator for power on Approvals: UL / CUL / BSMI / CB / FCC Pass LPS 2 years warranty 500ms,20ms,50ms/230VAC500ms,20ms,15ms/115VACatfullload FileName:GS25U-SPEC 2012-02-29 EMCEMISSION |
유사한 부품 번호 - GS25U18-P1J |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |