전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LB1938FA 데이터시트(PDF) 4 Page - Sanyo Semicon Device

부품명 LB1938FA
상세설명  Monolithic Digital IC 1ch, Low-saturation Forward/Reverse Motor Driver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1938FA 데이터시트(HTML) 4 Page - Sanyo Semicon Device

  LB1938FA Datasheet HTML 1Page - Sanyo Semicon Device LB1938FA Datasheet HTML 2Page - Sanyo Semicon Device LB1938FA Datasheet HTML 3Page - Sanyo Semicon Device LB1938FA Datasheet HTML 4Page - Sanyo Semicon Device LB1938FA Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
LB1938FA
No.A2041-4/5
0.1
0.5
0.3
0.4
0.2
500
200
0
300
100
400
VO(sat) - IO
Output current, IO - mA
0
VCC = 3V
VO(sat) - Ta
Ambient temperature, Ta -
°C
0
0.1
0.5
0.3
0.4
0.2
140
20
40
-40
-20
60
80
100
0
120
140
20
40
-40
-20
60
80
100
0
120
IO =
300mA
IO = 100mA
VCC = 3V
ICC - Tc
Case temperature, Tc -
°C
8
4
0
28
20
24
12
16
Brake
mode
V
CC = 5V
3V
Forward
or reverse
mode,
VCC =
5V
3V
10
4
3
06
58
7
2
19
ICC - VCC
Supply voltage, VCC - V
0
28
12
16
20
24
8
4
Brake mode
VCC = VIN
IN1
IN2
Forward or
reverse mode
10
4
3
06
58
7
2
19
IIN - VIN
Input voltage, VIN - V
0
160
120
80
40
VCC = 3V
140
40
20
-40
60
100
80
0
-20
120
ICC Standby Mode Temperature Characteristics
Case temperature, Tc -
°C
140
40
20
-40
60
100
80
0
-20
120
Case temperature, Tc -
°C
0
2.0
1.6
1.2
0.8
0.4
VCC = 11V
0.29
IN Pin Input Current Temperature Characteristics
0
100
80
60
40
20
VIN = 5V


유사한 부품 번호 - LB1938FA

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
LB1938FA ONSEMI-LB1938FA Datasheet
96Kb / 5P
   1ch, Low-saturation Forward/Reverse Motor Driver
May, 2013
LB1938FA-AH ONSEMI-LB1938FA-AH Datasheet
96Kb / 5P
   1ch, Low-saturation Forward/Reverse Motor Driver
May, 2013
LB1938FA-BH ONSEMI-LB1938FA-BH Datasheet
96Kb / 5P
   1ch, Low-saturation Forward/Reverse Motor Driver
May, 2013
More results

유사한 설명 - LB1938FA

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
LB1938FA-BH ONSEMI-LB1938FA-BH Datasheet
96Kb / 5P
   1ch, Low-saturation Forward/Reverse Motor Driver
May, 2013
LB1938FA-AH ONSEMI-LB1938FA-AH Datasheet
96Kb / 5P
   1ch, Low-saturation Forward/Reverse Motor Driver
May, 2013
LB1938FA ONSEMI-LB1938FA Datasheet
96Kb / 5P
   1ch, Low-saturation Forward/Reverse Motor Driver
May, 2013
logo
Sanyo Semicon Device
LB1938T SANYO-LB1938T_07 Datasheet
65Kb / 5P
   1ch, Low-saturation Forward/Reverse Motor Driver
LB1948MC SANYO-LB1948MC Datasheet
173Kb / 6P
   Monolithic Digtal IC 12V Low Saturation Voltage Drive Forward/Reverse Motor Driver
logo
ON Semiconductor
LV8548MC ONSEMI-LV8548MC Datasheet
317Kb / 12P
   Motor Driver, Forward/Reverse, Low Saturation Voltage
August 2015- Rev. 4
logo
Sanyo Semicon Device
LB1634M SANYO-LB1634M Datasheet
86Kb / 5P
   Low-Voltage, Low-Saturation Forward/Reverse Motor Driver
logo
Mitsumi Electronics, Co...
MM1097 MITSUMI-MM1097 Datasheet
47Kb / 3P
   Low Saturation Motor Driver Monolithic IC
logo
Sanyo Semicon Device
LB1943N SANYO-LB1943N Datasheet
100Kb / 6P
   Monolithic Digital IC VCR Loading Motor Variable Output Forward/Reverse Motor Driver
LB1841V SANYO-LB1841V Datasheet
55Kb / 7P
   Low-Saturation Current-Controlled Forward/Reverse Motor Driver
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com