전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LB1948MC 데이터시트(PDF) 2 Page - Sanyo Semicon Device

부품명 LB1948MC
상세설명  Monolithic Digtal IC 12V Low Saturation Voltage Drive Forward/Reverse Motor Driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1948MC 데이터시트(HTML) 2 Page - Sanyo Semicon Device

  LB1948MC Datasheet HTML 1Page - Sanyo Semicon Device LB1948MC Datasheet HTML 2Page - Sanyo Semicon Device LB1948MC Datasheet HTML 3Page - Sanyo Semicon Device LB1948MC Datasheet HTML 4Page - Sanyo Semicon Device LB1948MC Datasheet HTML 5Page - Sanyo Semicon Device LB1948MC Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
LB1948MC
No.A2015-2/6
Allowable Operating Range
at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage
VCC
2.5 to 16
V
Input high-level voltage
VIH
1.8 to 10
V
Input low-level voltage
VIL
-0.3 to +0.7
V
Electrical Characteristics
at Ta
= 25°C, VCC = 5V
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Current drain
ICC0
IN1, 2, 3, 4 = 0V (Standby mode)
0.1
10
μA
ICC1
*1 (Forward or reverse mode)
15
21
mA
ICC2
*2 (Brake mode)
30
40
mA
Output saturation voltage
VO(sat)1
IOUT = 200mA (High Side and Low Side)
0.25
0.35
V
VO(sat)2
IOUT = 400mA (High Side and Low Side)
0.50
0.75
V
Input current
IIN
VIN = 5V
85
110
μA
Spark Killer Diode
Reverse current
IS(leak)
30
μA
Forward voltage
VSF
IOUT = 400mA
1.7
V
*1:IN1/IN2/IN3/IN4=H/L/L/L or L/H/L/L or L/L/H/L or L/L/L/H.
*2:IN1/IN2/IN3/IN4=H/H/L/L or L/L/H/H.
Package Dimensions
unit : mm (typ)
3420
Pin Assignment
1
VCC
2
IN1
3
IN2
4
IN3
5
IN4
10
9
8
7
6
OUT1
OUT2
OUT3
OUT4
GND
LB1948MC
Top view
SANYO : MFP10SK(225mil)
1
10
2
0.8 MAX
1.0
0.35
5.0
0.15
-20
0
20
40
60
80
100
0
1.0
0.8
0.6
0.4
0.2
85
Pd max -- Ta
0.87
0.45
Ambient temperature, Ta -- C
Specified board: 114.3
×76.1×1.6mm3
glass epoxy board.


유사한 부품 번호 - LB1948MC

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
LB1948MC ONSEMI-LB1948MC Datasheet
132Kb / 6P
   12V Low Saturation Voltage Drive Forward/Reverse Motor Driver
June, 2013
LB1948MC ONSEMI-LB1948MC Datasheet
286Kb / 8P
   Motor Driver, Forward/Reverse Low Saturation Voltage Drive
August 2016- Rev. 1
LB1948MC-AH ONSEMI-LB1948MC-AH Datasheet
132Kb / 6P
   12V Low Saturation Voltage Drive Forward/Reverse Motor Driver
June, 2013
LB1948MC-AH ONSEMI-LB1948MC-AH Datasheet
286Kb / 8P
   Motor Driver, Forward/Reverse Low Saturation Voltage Drive
August 2016- Rev. 1
LB1948MC-BH ONSEMI-LB1948MC-BH Datasheet
286Kb / 8P
   Motor Driver, Forward/Reverse Low Saturation Voltage Drive
August 2016- Rev. 1
More results

유사한 설명 - LB1948MC

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
LB1948MC-AH ONSEMI-LB1948MC-AH Datasheet
132Kb / 6P
   12V Low Saturation Voltage Drive Forward/Reverse Motor Driver
June, 2013
LV8548MC-AH ONSEMI-LV8548MC-AH Datasheet
128Kb / 6P
   12V Low Saturation Voltage Drive Forward/Reverse Motor Driver
June, 2013
logo
Sanyo Semicon Device
LV8548M SANYO-LV8548M Datasheet
191Kb / 6P
   12V Low Saturation Voltage Drive Forward/Reverse Motor Driver
logo
ON Semiconductor
LB1948MC ONSEMI-LB1948MC Datasheet
286Kb / 8P
   Motor Driver, Forward/Reverse Low Saturation Voltage Drive
August 2016- Rev. 1
logo
Sanyo Semicon Device
LV8548MC SANYO-LV8548MC Datasheet
170Kb / 6P
   Bi-CMOS integrated circuit 12V Low Saturation Voltage Drive Forward/Reverse Motor Driver
LB1938FA SANYO-LB1938FA Datasheet
115Kb / 5P
   Monolithic Digital IC 1ch, Low-saturation Forward/Reverse Motor Driver
LB1948M SANYO-LB1948M Datasheet
60Kb / 6P
   Low saturation voltage drive forward/reverse 12 V motor driver
logo
ON Semiconductor
LV8548MC ONSEMI-LV8548MC Datasheet
317Kb / 12P
   Motor Driver, Forward/Reverse, Low Saturation Voltage
August 2015- Rev. 4
logo
Sanyo Semicon Device
LB1933M SANYO-LB1933M Datasheet
56Kb / 5P
   Low-saturation Forward/Reverse Motor Drive
LB1634M SANYO-LB1634M Datasheet
86Kb / 5P
   Low-Voltage, Low-Saturation Forward/Reverse Motor Driver
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com