전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LB11988H 데이터시트(PDF) 2 Page - Sanyo Semicon Device

부품명 LB11988H
상세설명  Monolithic Digital IC Fan Motor Driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB11988H 데이터시트(HTML) 2 Page - Sanyo Semicon Device

  LB11988H Datasheet HTML 1Page - Sanyo Semicon Device LB11988H Datasheet HTML 2Page - Sanyo Semicon Device LB11988H Datasheet HTML 3Page - Sanyo Semicon Device LB11988H Datasheet HTML 4Page - Sanyo Semicon Device LB11988H Datasheet HTML 5Page - Sanyo Semicon Device LB11988H Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
LB11988H
No.A0299-2/6
Electrical Characteristics at Ta
= 25°C, VCC = 12V, VS = 12V
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
VCC current drain
ICC
RL = 560Ω (Y)
15
24
mA
Output
Output saturation voltage
VOsat1
IO = 500mA, Rf = 0.5Ω, Sink + Source
(Saturation prevention function included)
2.1
2.6
V
VOsat2
IO = 1.0A, Rf = 0.5Ω, Sink + Source
(Saturation prevention function included)
2.6
3.5
V
Output leakage current
IOleak
1.0
mA
Hall amplifier
Input offset voltage
Voff (HALL)
-6
+6
mV
Input bias current
Vb (HALL)
VIN, WIN
1
3
μA
Common-mode input voltage
Vcm (HALL)
3
VCC-3
V
FR
Threshold voltage
VFRTH
4
8
V
Input bias current
Ib (FR)
-5
μA
Current limiter
LIM pin current limit level
ILIM
Rf = 0.5
Ω, With the Hall input logic states fixed
(U, V, W = high, high, low)
1
A
Saturation
Saturation prevention circuit
lower side voltage setting
VOsat
(DET)
RL = 560
Ω (Y), Rf = 0.5Ω, The voltage between
each output and the corresponding Rf.
0.28
V
FG amplifier
Upper side output saturation voltage
Vsatu (SH)
11.8
V
Lower side output saturation voltage
Vsatd (SH)
0.3
V
Hysteresis
Vhys
23
mV
TSD operating temperature
T-TSD
Design target value*
170
°C
Note * : Items shown to be design target values in the conditions column are not measured.
Package Dimensions
unit : mm (typ)
3234B
SANYO : HSOP28HC(375mil)
15.2
(6.2)
0.25
0.3
(0.8)
0.8
2.0
2.7
1
14
15
28


유사한 부품 번호 - LB11988H

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LB11988H SANYO-LB11988H Datasheet
78Kb / 8P
   Fan Motor Driver
logo
ON Semiconductor
LB11988H ONSEMI-LB11988H Datasheet
90Kb / 6P
   Fan Motor Driver
May, 2013
logo
Sanyo Semicon Device
LB11988HR SANYO-LB11988HR Datasheet
75Kb / 8P
   Fan Motor Driver
LB11988HR SANYO-LB11988HR Datasheet
123Kb / 6P
   Monolithic Digital IC Fan Motor Driver
logo
ON Semiconductor
LB11988HR ONSEMI-LB11988HR Datasheet
91Kb / 6P
   Fan Motor Driver
May, 2013
More results

유사한 설명 - LB11988H

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LB11988V SANYO-LB11988V_12 Datasheet
122Kb / 6P
   Monolithic Digital IC Fan Motor Driver
LB11988HR SANYO-LB11988HR_12 Datasheet
123Kb / 6P
   Monolithic Digital IC Fan Motor Driver
LB11692JH SANYO-LB11692JH Datasheet
123Kb / 12P
   Monolithic Digital IC 24V Fan Motor Driver IC
LB11693JH SANYO-LB11693JH Datasheet
123Kb / 12P
   Monolithic Digital IC 24V Fan Motor Driver IC
LB11851M SANYO-LB11851M Datasheet
74Kb / 6P
   Monolithic Digital IC Microprocessor Fan Motor Interface Driver
LB1801CL SANYO-LB1801CL Datasheet
89Kb / 9P
   Monolithic Digital IC Stepping Motor Driver IC
LB1800CL SANYO-LB1800CL Datasheet
80Kb / 8P
   Monolithic Digital IC Stepping Motor Driver IC
LB1909MC SANYO-LB1909MC Datasheet
95Kb / 4P
   Monolithic Digital IC Stepping Motor Driver IC
LB11697V SANYO-LB11697V Datasheet
344Kb / 14P
   Monolithic Digital IC Brushless Motor Driver IC
LB1935T SANYO-LB1935T Datasheet
485Kb / 6P
   Monolithic Digital IC Stepping Motor Driver IC
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com