전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BUZ205 데이터시트(PDF) 1 Page - Siemens Semiconductor Group

부품명 BUZ205
상세설명  SIPMOS Power Transistor (N channel Enhancement mode FREDFET)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIEMENS [Siemens Semiconductor Group]
홈페이지  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BUZ205 데이터시트(HTML) 1 Page - Siemens Semiconductor Group

  BUZ205 Datasheet HTML 1Page - Siemens Semiconductor Group BUZ205 Datasheet HTML 2Page - Siemens Semiconductor Group BUZ205 Datasheet HTML 3Page - Siemens Semiconductor Group BUZ205 Datasheet HTML 4Page - Siemens Semiconductor Group BUZ205 Datasheet HTML 5Page - Siemens Semiconductor Group BUZ205 Datasheet HTML 6Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Semiconductor Group
508
SIPMOS® Power Transistor
BUZ 205
Maximum Ratings
Type
V
DS
I
D
R
DS (on)
Package 1)
Ordering Code
BUZ 205
400 V
6.0 A
1.0
TO-220 AB
C67078-A1401-A2
Parameter
Symbol
Values
Unit
Continuous drain current,
T
C = 35 ˚C
I
D
6.0
A
Pulsed drain current,
T
C = 25 ˚C
I
D puls
24
Drain-source voltage
V
DS
400
V
Drain-gate voltage,
R
GS = 20 kΩ
V
DGR
400
Gate-source voltage
V
GS
± 20
Power dissipation,
T
C = 25 ˚C
P
tot
75
W
Operating and storage temperature range
T
j , Tstg
– 55 ... + 150
˚C
Thermal resistance, chip-case
R
th JC
≤ 1.67
K/W
DIN humidity category, DIN 40 040
E
IEC climatic category, DIN IEC 68-1
55/150/56
q
N channel
q
Enhancement mode
q
FREDFET
1) See chapter Package Outlines.


유사한 부품 번호 - BUZ205

제조업체부품명데이터시트상세설명
logo
Inchange Semiconductor ...
BUZ205 ISC-BUZ205 Datasheet
65Kb / 2P
   Easy driver for cost effective application
More results

유사한 설명 - BUZ205

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
BUZ385 SIEMENS-BUZ385 Datasheet
155Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode FREDFET)
BUZ215 SIEMENS-BUZ215 Datasheet
120Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode FREDFET)
BUZ380 SIEMENS-BUZ380 Datasheet
152Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode FREDFET)
BUZ384 SIEMENS-BUZ384 Datasheet
157Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode FREDFET)
BUZ50B SIEMENS-BUZ50B Datasheet
199Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode)
BUZ80A SIEMENS-BUZ80A Datasheet
176Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode)
BUZ310 SIEMENS-BUZ310 Datasheet
240Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode)
BUZ50C SIEMENS-BUZ50C Datasheet
203Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode)
BUZ50A SIEMENS-BUZ50A Datasheet
207Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode)
BUZ311 SIEMENS-BUZ311 Datasheet
240Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode)
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com