전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KIA431BM 데이터시트(PDF) 8 Page - KEC(Korea Electronics)

부품명 KIA431BM
상세설명  BIPOLAR LINEAR INTEGRATED CIRCUIT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEC [KEC(Korea Electronics)]
홈페이지  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA431BM 데이터시트(HTML) 8 Page - KEC(Korea Electronics)

  KIA431BM Datasheet HTML 1Page - KEC(Korea Electronics) KIA431BM Datasheet HTML 2Page - KEC(Korea Electronics) KIA431BM Datasheet HTML 3Page - KEC(Korea Electronics) KIA431BM Datasheet HTML 4Page - KEC(Korea Electronics) KIA431BM Datasheet HTML 5Page - KEC(Korea Electronics) KIA431BM Datasheet HTML 6Page - KEC(Korea Electronics) KIA431BM Datasheet HTML 7Page - KEC(Korea Electronics) KIA431BM Datasheet HTML 8Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
2012. 3. 20
8/8
KIA431 Series
Revision No : 16
PRECAUTION FOR USE
Lead-Free Soldering Condition.
Elements mounting styles of electronic devices are gaining in further diversification over recent years, and needs for
components are all the more expanding in varieties. Especially, surface mounting is steadily penetrating into industrial
segments as a world-wide popular technical trend. Although exposure to high temperature is inevitable during soldering
we recommend limiting the soldering temperature to low levels as shown in figure for the sake of retaining inherent
excellent reliability.
1. When employing solder reflow method
1) Soldering Condition
ⓐ Standard Condition : 250℃ (Temperature), 10±1sec. (Time)
ⓑ Peak Condition : 260±3℃
2) Recommend temperature profile
3) Precautions on heating method
When resin in kept exposed to high temperature for a long time, device reliability may be marred.
Therefore, it is essential to complete soldering in the shortest time possible to prevent temperature of resin from rising.
2. When employing halogen lamps or infrared-ray heaters
When halogen lamps or infrared-ray heaters are used, avoid direct irradiation onto resin surfaces; such devices
cause extensive localized temperature rise.
※ Please keep a reflow solder operating when Surface Mount Package’s Soldering.
Time (sec)
150 C
180 C
Peak : 260 3 C
230 C
250 C
+
_
Preheating Zone
90 30sec
+
_
Reflow Zone
35 5sec
+
_
10 1sec
+
_
[Lead-Free Soldering Temperature Profile]


유사한 부품 번호 - KIA431BM

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KIA431BM KEC-KIA431BM Datasheet
399Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
More results

유사한 설명 - KIA431BM

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KID65501P KEC-KID65501P Datasheet
538Kb / 7P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA7805AF KEC-KIA7805AF Datasheet
485Kb / 17P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
logo
AUK corp
S7129SF AUK-S7129SF Datasheet
204Kb / 3P
   Bipolar Linear Integrated Circuit
S7139AM AUK-S7139AM Datasheet
212Kb / 3P
   Bipolar Linear Integrated Circuit
S7142AM AUK-S7142AM Datasheet
212Kb / 3P
   Bipolar Linear Integrated Circuit
logo
KEC(Korea Electronics)
KIA78D15AF KEC-KIA78D15AF Datasheet
650Kb / 11P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA78DL05F KEC-KIA78DL05F_15 Datasheet
74Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA278R00PI KEC-KIA278R00PI_15 Datasheet
56Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA324P KEC-KIA324P_15 Datasheet
70Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA378R015FP KEC-KIA378R015FP_15 Datasheet
843Kb / 9P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA431AS KEC-KIA431AS_15 Datasheet
399Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com