전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KIC7SZ32FU 데이터시트(PDF) 2 Page - KEC(Korea Electronics)

부품명 KIC7SZ32FU
상세설명  SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEC [KEC(Korea Electronics)]
홈페이지  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIC7SZ32FU 데이터시트(HTML) 2 Page - KEC(Korea Electronics)

  KIC7SZ32FU Datasheet HTML 1Page - KEC(Korea Electronics) KIC7SZ32FU Datasheet HTML 2Page - KEC(Korea Electronics) KIC7SZ32FU Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2008. 9. 17
2/3
KIC7SZ32FU
Revision No : 2
IN A
IN B
1
OUT Y
LOGIC DIAGRAM
DC ELECTRICAL CHARACTERISTICS
CHARACTERISTIC
SYMBOL
TEST CONDITION
Ta=25℃
Ta=-40~85℃
UNIT
VCC (V)
MIN.
TYP.
MAX.
MIN.
MAX.
High-Level Input Voltage
VIH
-
1.8
0.88
×V
CC
-
-
0.88
×V
CC
-
V
2.3~
5.5
0.75
×V
CC
-
-
0.75
×V
CC
-
Low-Level Input Voltage
VIL
-
1.8
-
-
0.12
×V
CC
-
0.12
×V
CC
V
2.3~
5.5
-
-
0.25
×V
CC
-
0.25
×V
CC
High-Level Output Voltage
VOH
VIN=VIH
or VIL
IOH=-100μA
1.8
1.7
1.8
-
1.7
-
V
2.3
2.2
2.3
-
2.2
-
3.0
2.9
3.0
-
2.9
-
4.5
4.4
4.5
-
4.4
-
IOH=-8mA
2.3
1.9
2.15
-
1.9
-
IOH=-16mA
3.0
2.4
2.8
-
2.4
-
IOH=-24mA
3.0
2.3
2.68
-
2.3
-
IOH=-32mA
4.5
3.8
4.2
-
3.8
-
Low-Level Output Voltage
VOL
VIN=VIH
or VIL
IOL=100μA
1.8
-
0
0.1
-
0.1
V
2.3
-
0
0.1
-
0.1
3.0
-
0
0.1
-
0.1
4.5
-
0
0.1
-
0.1
IOL=8mA
2.3
-
0.1
0.3
-
0.3
IOL=16mA
3.0
-
0.15
0.4
-
0.4
IOL=24mA
3.0
-
0.22
0.55
-
0.55
IOL=32mA
4.5
-
0.22
0.55
-
0.55
Input Leakage Current
IIN
VIN=5.5V or GND
0~5.5
-
-
±1
-
±10
μ
A
Quiescent Supply Current
ICC
VIN=VCC or GND
5.5
-
-
2
-
20


유사한 부품 번호 - KIC7SZ32FU

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KIC7SZ32FU KEC-KIC7SZ32FU_15 Datasheet
374Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT
More results

유사한 설명 - KIC7SZ32FU

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC74HC32AP TOSHIBA-TC74HC32AP_07 Datasheet
256Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic CMOS Digital Integrated Circuit Silicon Monolithic
TC74HC279AP TOSHIBA-TC74HC279AP Datasheet
242Kb / 5P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74HC173AP TOSHIBA-TC74HC173AP Datasheet
283Kb / 7P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC7PA19AFE TOSHIBA-TC7PA19AFE Datasheet
204Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic
TC74AC257P TOSHIBA-TC74AC257P_07 Datasheet
356Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic
TC74AC08FN TOSHIBA-TC74AC08FN_07 Datasheet
263Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic
TC74HC4050AP TOSHIBA-TC74HC4050AP_07 Datasheet
255Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic
logo
KEC(Korea Electronics)
KIC7S66FU KEC-KIC7S66FU_08 Datasheet
33Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT
logo
Toshiba Semiconductor
TC7S04FUTE85L TOSHIBA-TC7S04FUTE85L Datasheet
183Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic
logo
KEC(Korea Electronics)
KIC7S04FU KEC-KIC7S04FU_15 Datasheet
42Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT
KIC7S32FU KEC-KIC7S32FU_15 Datasheet
42Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com