전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KRC108 데이터시트(PDF) 3 Page - KEC(Korea Electronics)

부품명 KRC108
상세설명  EPITAXIAL PLANAR NPN TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEC [KEC(Korea Electronics)]
홈페이지  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KRC108 데이터시트(HTML) 3 Page - KEC(Korea Electronics)

  KRC108 Datasheet HTML 1Page - KEC(Korea Electronics) KRC108 Datasheet HTML 2Page - KEC(Korea Electronics) KRC108 Datasheet HTML 3Page - KEC(Korea Electronics) KRC108 Datasheet HTML 4Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2011. 6. 14
3/4
KRC107~KRC109
Revision No : 1
I - V
I(ON)
INPUT ON VOLTAGE V
(V)
I(ON)
INPUT ON VOLTAGE V
(V)
I(ON)
INPUT ON VOLTAGE V
(V)
O
I(ON)
I - V
O
I(ON)
I - V
O
I(ON)
I(OFF)
INPUT OFF VOLTAGE V
(V)
I - V
O
I(OFF)
I(OFF)
INPUT OFF VOLTAGE V
(V)
I - V
O
I(OFF)
KRC108
3k
1k
500
300
100
50
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
30
KRC109
3k
1k
500
300
100
50
3.0
2.6
2.2
1.8
1.4
1.0
0.6
0.2
30
3.4
I(OFF)
INPUT OFF VOLTAGE V
(V)
I - V
O
I(OFF)
KRC107
3k
1k
500
300
100
50
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
30
0.1
0.3
1
3
0.3
10
30
100
0.5
1
3
5
10
30
50
100
KRC107
V =0.2V
O
Ta=25 C
Ta=-25 C
-25
25
100
10
0.1
0.3
0.5
1
5
3
0.3
50
30
100
V =0.2V
KRC108
O
Ta=25 C
Ta=-25 C
13
10
30
100
0.1
0.3
0.5
1
0.3
13
10
30
100
30
3
5
10
100
50
KRC109
V =0.2V
O
Ta=-25 C
Ta=25 C
V =5V
O
V =5V
O
V =5V
O


유사한 부품 번호 - KRC108

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KRC108 KEC-KRC108 Datasheet
392Kb / 4P
   EPITAXIAL PLANAR NPN TRANSISTOR
KRC108M KEC-KRC108M Datasheet
366Kb / 4P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRC108S KEC-KRC108S Datasheet
392Kb / 4P
   EPITAXIAL PLANAR NPN TRANSISTOR
More results

유사한 설명 - KRC108

제조업체부품명데이터시트상세설명
logo
Hi-Sincerity Mocroelect...
HI41C HSMC-HI41C Datasheet
31Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ14C HSMC-HJ14C Datasheet
32Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ47 HSMC-HJ47 Datasheet
30Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ669A HSMC-HJ669A Datasheet
22Kb / 2P
   NPN EPITAXIAL PLANAR TRANSISTOR
HLB123T HSMC-HLB123T Datasheet
37Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HM3019 HSMC-HM3019 Datasheet
22Kb / 2P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMBT2222A HSMC-HMBT2222A Datasheet
37Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMBTH10 HSMC-HMBTH10 Datasheet
29Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMH2369 HSMC-HMH2369 Datasheet
43Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HA8050S HSMC-HA8050S Datasheet
36Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HBC848 HSMC-HBC848 Datasheet
30Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com