전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KIC3210T-030 데이터시트(PDF) 5 Page - KEC(Korea Electronics)

부품명 KIC3210T-030
상세설명  CMOS Linear Integrated Circuit
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEC [KEC(Korea Electronics)]
홈페이지  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIC3210T-030 데이터시트(HTML) 5 Page - KEC(Korea Electronics)

  KIC3210T-030 Datasheet HTML 1Page - KEC(Korea Electronics) KIC3210T-030 Datasheet HTML 2Page - KEC(Korea Electronics) KIC3210T-030 Datasheet HTML 3Page - KEC(Korea Electronics) KIC3210T-030 Datasheet HTML 4Page - KEC(Korea Electronics) KIC3210T-030 Datasheet HTML 5Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
2007. 6. 19
5/5
KIC3210T-018 ~ KIC3210T-035
Revision No : 5
Fig. 9 Shutdown Delay
TIME (400
µs/div)
Fig. 8 ON/OFF Control Pin Delay
C
IN = 1µF Ceramic
C
OUT = 1µF Ceramic
C
BYP = 0.01µF
I
OUT=100µA
TIME (10
µs/div)
Fig. 7 Load Transient Response
C
IN = 1µF Ceramic
C
OUT = 1µF Ceramic
C
BYP = 0.01µF
V
IN = 4V
C
IN = 1µF Ceramic
C
OUT = 1µF Ceramic
C
BYP = 0.01µF
V
IN = 4V
TIME (4
µs/div)
100mA
150mA


유사한 부품 번호 - KIC3210T-030

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KIC3210T-030 KEC-KIC3210T-030 Datasheet
431Kb / 5P
   CMOS Linear Integrated Circuit 150mA CMOS High Performance LDO Regulator
More results

유사한 설명 - KIC3210T-030

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KIC3201S KEC-KIC3201S_07 Datasheet
477Kb / 5P
   CMOS Linear Integrated Circuit
KIC3201S KEC-KIC3201S_15 Datasheet
385Kb / 5P
   CMOS Linear Integrated Circuit
logo
Toshiba Semiconductor
TCK106AG TOSHIBA-TCK106AG Datasheet
449Kb / 12P
   CMOS Linear Integrated Circuit Silicon Monolithic
TC75S58AFE TOSHIBA-TC75S58AFE Datasheet
152Kb / 8P
   CMOS Linear Integrated Circuit Silicon Monolithic
TCB010FNG TOSHIBA-TCB010FNG Datasheet
671Kb / 26P
   CMOS Linear Integrated Circuit Silicon Monolithic
TC75S201L6X TOSHIBA-TC75S201L6X Datasheet
229Kb / 7P
   TOSHIBA CMOS Linear Integrated Circuit Silicon Monolithic
TB2941HQ TOSHIBA-TB2941HQ Datasheet
1,017Kb / 24P
   Bi-CMOS Linear Integrated Circuit Silicon Monolithic
TB2938HQ TOSHIBA-TB2938HQ Datasheet
551Kb / 26P
   Bi-CMOS Linear Integrated Circuit Silicon Monolithic
TCK106AF TOSHIBA-TCK106AF Datasheet
585Kb / 12P
   TOSHIBA CMOS Linear Integrated Circuit Silicon Monolithic
TB2996HQ TOSHIBA-TB2996HQ Datasheet
1Mb / 24P
   Bi-CMOS Linear Integrated Circuit Silicon Monolithic
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com