전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMAZ3.6V-36V 데이터시트(PDF) 2 Page - KEC(Korea Electronics)

부품명 SMAZ3.6V-36V
상세설명  ZENER DIODE SILICON PLANAR DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEC [KEC(Korea Electronics)]
홈페이지  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

SMAZ3.6V-36V 데이터시트(HTML) 2 Page - KEC(Korea Electronics)

  SMAZ3.6V-36V Datasheet HTML 1Page - KEC(Korea Electronics) SMAZ3.6V-36V Datasheet HTML 2Page - KEC(Korea Electronics) SMAZ3.6V-36V Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2005. 8. 16
2/3
SMAZ3.6V~SMAZ36V
Revision No : 0
ELECTRICAL CHARACTERISTICS (Ta=25
℃)
TYPE No.
Zener Voltage Vz (V)
Dynamic Impedance
Zz (
Ω)
Reverse Current
IR (μA)
Min.
Max.
Iz
(mA)
Max.
IZ(mA)
Max.
VR(V)
SMAZ3.6V
3.6
4.0
40
15
40
20
1.0
SMAZ3.9V
3.9
4.4
40
15
40
20
1.0
SMAZ4.3V
4.3
4.8
40
15
40
20
1.0
SMAZ4.7V
4.7
5.2
40
10
40
20
1.0
SMAZ5.1V
5.1
5.7
40
8
40
20
1.0
SMAZ5.6V
5.6
6.3
40
8
40
20
1.5
SMAZ6.2V
6.2
7.0
40
6
40
20
3.0
SMAZ6.8V
6.8
7.7
40
6
40
20
3.5
SMAZ7.5V
7.5
8.4
40
4
40
20
4.0
SMAZ8.2V
8.2
9.3
40
4
40
20
5.0
SMAZ9.1V
9.1
10.2
40
6
40
20
6.0
SMAZ10V
10.0
11.2
40
6
40
10
7.0
SMAZ11V
11.0
12.3
20
8
20
10
8.0
SMAZ12V
12.0
13.5
20
8
20
10
9.0
SMAZ13V
13.3
15.0
20
10
20
10
10.0
SMAZ15V
14.7
16.5
20
10
20
10
11.0
SMAZ16V
16.2
18.3
20
12
20
10
12.0
SMAZ18V
18.0
20.3
20
12
20
10
13.0
SMAZ20V
20.0
22.4
20
14
20
10
15.0
SMAZ22V
22.0
24.5
10
14
10
10
17.0
SMAZ24V
24.0
27.6
10
16
10
10
19.0
SMAZ27V
27.0
30.8
10
16
10
10
21.0
SMAZ30V
30.0
34.0
10
18
10
10
23.0
SMAZ33V
33.0
37.0
10
18
10
10
25.0
SMAZ36V
36.0
40.0
10
20
10
10
27.0
(Note 1) The Zener voltage is measured 40ms after power is supplied.
(Note 2) The Dynamic Impedance(ZZ) are measured by superimposing a minute altemating current on the regulated current(IZ).


유사한 부품 번호 - SMAZ3.6V-36V

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
SMAZ30 DIODES-SMAZ30 Datasheet
60Kb / 3P
   1.0A SURFACE MOUNT ZENER DIODE
DS18015 Rev. 9 - 2
SMAZ30 DIODES-SMAZ30 Datasheet
129Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
logo
Micro Commercial Compon...
SMAZ30 MCC-SMAZ30 Datasheet
227Kb / 4P
   1 Watt Zener Diode 5.1V - 39V Volts
logo
Vishay Siliconix
SMAZ30 VISHAY-SMAZ30 Datasheet
171Kb / 3P
   1.0W SURFACE MOUNT ZENER DIODE
Rev.B
logo
Diodes Incorporated
SMAZ30 DIODES-SMAZ30 Datasheet
129Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
More results

유사한 설명 - SMAZ3.6V-36V

제조업체부품명데이터시트상세설명
logo
Semtech Corporation
2.2HC SEMTECH-2.2HC Datasheet
239Kb / 4P
   SILICON PLANAR ZENER DIODE
logo
Rectron Semiconductor
BZM55C-BS RECTRON-BZM55C-BS Datasheet
155Kb / 5P
   SILICON PLANAR ZENER DIODE
BZX55C2V0 RECTRON-BZX55C2V0 Datasheet
196Kb / 5P
   SILICON PLANAR ZENER DIODE
logo
Semtech Corporation
2.0HS SEMTECH-2.0HS Datasheet
280Kb / 4P
   SILICON PLANAR ZENER DIODE
logo
Rectron Semiconductor
1N4728A RECTRON-1N4728A_12 Datasheet
178Kb / 5P
   SILICON PLANAR ZENER DIODE
1N4448 RECTRON-1N4448_12 Datasheet
222Kb / 5P
   SILICON PLANAR ZENER DIODE
BZX55C-BS RECTRON-BZX55C-BS Datasheet
278Kb / 5P
   SILICON PLANAR ZENER DIODE
logo
Diodes Incorporated
ZPD1 DIODES-ZPD1 Datasheet
63Kb / 3P
   SILICON PLANAR ZENER DIODE
DS21402 Rev. E-3
logo
Rectron Semiconductor
BZV55C-BS RECTRON-BZV55C-BS Datasheet
196Kb / 5P
   SILICON PLANAR ZENER DIODE
logo
KEC(Korea Electronics)
Z02W2.0V KEC-Z02W2.0V Datasheet
92Kb / 5P
   ZENER DIODE SILICON EPITAXIAL PLANAR DIODE
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com