전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N4699 데이터시트(PDF) 1 Page - New Jersey Semi-Conductor Products, Inc.

부품명 1N4699
상세설명  50 uA, LOW OPERATING CURRENT, ZENER DIODE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
홈페이지  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.

1N4699 데이터시트(HTML) 1 Page - New Jersey Semi-Conductor Products, Inc.

  1N4699 Datasheet HTML 1Page - New Jersey Semi-Conductor Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


유사한 부품 번호 - 1N4699

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
1N4699 VISHAY-1N4699 Datasheet
67Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 2, 01-Apr-99
logo
Digitron Semiconductors
1N4699 DIGITRON-1N4699 Datasheet
120Kb / 2P
   SILICON 250mW ZENER DIODES
logo
Compensated Deuices Inc...
1N4699 CDI-DIODE-1N4699 Datasheet
116Kb / 2P
   50 uA, LOW OPERATING CURRENT, ZENER DIODES
logo
Micro Commercial Compon...
1N4699 MCC-1N4699 Datasheet
214Kb / 5P
   500mW Silicon Zener Diodes
logo
General Semiconductor
1N4699 GE-1N4699 Datasheet
40Kb / 2P
   ZENER DIODES
More results

유사한 설명 - 1N4699

제조업체부품명데이터시트상세설명
logo
Compensated Deuices Inc...
1N4678 CDI-DIODE-1N4678 Datasheet
116Kb / 2P
   50 uA, LOW OPERATING CURRENT, ZENER DIODES
CDLL4678 CDI-DIODE-CDLL4678 Datasheet
112Kb / 2P
   50 uA, LOW OPERATING CURRENT, ZENER DIODES
1N4099 CDI-DIODE-1N4099 Datasheet
98Kb / 2P
   LOW CURRENT OPERATION AT 250 uA
logo
Guangdong Youtai Semico...
SN74LVC1G14 UMW-SN74LVC1G14_V01 Datasheet
1Mb / 14P
   Low input current: 0.1 uA typical
logo
Compensated Deuices Inc...
1N4614 CDI-DIODE-1N4614 Datasheet
112Kb / 2P
   LOW CURRENT OPERATION AT 250 uA
logo
Opnext. Inc.
HL6333MG OPNEXT-HL6333MG Datasheet
95Kb / 4P
   Low Operating Current Visible Laser Diode
logo
Hitachi Semiconductor
HL6331G HITACHI-HL6331G Datasheet
36Kb / 8P
   Low Operating Current Visible Laser Diode
HL6325 HITACHI-HL6325 Datasheet
36Kb / 8P
   Low Operating Current Visible Laser Diode
logo
Opnext. Inc.
HL6354MG OPNEXT-HL6354MG Datasheet
94Kb / 4P
   Low Operating Current Visible Laser Diode
HL6360MG OPNEXT-HL6360MG Datasheet
94Kb / 4P
   Low Operating Current Visible Laser Diode
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com