전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CD104BNP-180MC 데이터시트(PDF) 5 Page - Sumida Corporation

부품명 CD104BNP-180MC
상세설명  SMD Power Inductor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SUMIDA [Sumida Corporation]
홈페이지  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CD104BNP-180MC 데이터시트(HTML) 5 Page - Sumida Corporation

  CD104BNP-180MC Datasheet HTML 1Page - Sumida Corporation CD104BNP-180MC Datasheet HTML 2Page - Sumida Corporation CD104BNP-180MC Datasheet HTML 3Page - Sumida Corporation CD104BNP-180MC Datasheet HTML 4Page - Sumida Corporation CD104BNP-180MC Datasheet HTML 5Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Page 5 of 5
Revised: 9-Mar-12
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CD104B
0
200
400
600
800
1000
1200
0.0 0.1 0.2 0.3 0.4 0.5
0
10
20
30
40
50
60
Solder Reflow Condition
170
±10 ℃,60~120s
40s
230
245℃ PEAK
Heat Endurance
Temperature Chart
300
60
120
180
240
0
0
100
150
200
250
300
50
10
T (℃)
T (s)
60
260℃
230℃
0
100
150
200
250
300
50
T (℃)
300
120
180
240
0
T (s)
60
Neumarkt
Obernzell
Chicago
Tel.+49-9181-4509-110
FAX. +49-9181-4509-310
infocomp@eu.sumida.com
Tel.+49-8591-937-0
FAX. +49-8591-937-103
contact@sumida-eu.com
Tel.+1-847-545-6700
FAX. +1-847-545-6720
sales@us.sumida.com
Taipei
Shenzhen
Shanghai
Hong Kong
Tel.+1-408-321-9660
FAX.+1-408-321-9308
sales@us.sumida.com
Tel.+65-6296-3388
FAX.+65-6296-3390
sales@sg.sumida.com
Tel.+82-2-6237-0777
FAX.+82-2-6237-0778
sales@kr.sumida.com
Tel.+81-3-5202-7112
FAX.+81-3-5202-7105
sales@jp.sumida.com
San Jose
Singapore
Seoul
Tokyo
Please refer to the sales offices on our website - http://www.sumida.com
Tel.+886-2-8751-2737
FAX.+886-2-8751-2738
sales@tw.sumida.com
Tel.+86-755-8291-0228
FAX.+86-755-8291-0338
shenzhen.sales@cn.sumida.com
Tel.+86-021-5836-3299
FAX.+86-021-5836-3266
shanghai.sales@cn.sumida.com
Tel.+852-2880-6688
FAX.+852-2565-9600
sales@hk.sumida.com
25. CD104BNP-102MC
△T (℃)
L (
μH)
DC (A)
Saturation Current & Temperature Rise Graph
L (25
℃)
△T
L (125
℃)


유사한 부품 번호 - CD104BNP-180MC

제조업체부품명데이터시트상세설명
logo
Sumida Corporation
CD104 SUMIDA-CD104 Datasheet
70Kb / 6P
   CD104
logo
ECM Electronics Limited...
CD104 ECM-CD104 Datasheet
80Kb / 4P
   Surface Mount Power Inductors
logo
Sumida Corporation
CD104 SUMIDA-CD104 Datasheet
145Kb / 2P
   POWER INDUCTORS
logo
AIT Components Ltd.
CD104 AITCOMPONENTS-CD104 Datasheet
31Kb / 1P
   CD104 SMD POWER INDUCTOR
CD104-100 AITCOMPONENTS-CD104-100 Datasheet
31Kb / 1P
   CD104 SMD POWER INDUCTOR
More results

유사한 설명 - CD104BNP-180MC

제조업체부품명데이터시트상세설명
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com