전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BUZ383 데이터시트(PDF) 5 Page - Siemens Semiconductor Group

부품명 BUZ383
상세설명  main ratings
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIEMENS [Siemens Semiconductor Group]
홈페이지  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BUZ383 데이터시트(HTML) 5 Page - Siemens Semiconductor Group

  BUZ383 Datasheet HTML 1Page - Siemens Semiconductor Group BUZ383 Datasheet HTML 2Page - Siemens Semiconductor Group BUZ383 Datasheet HTML 3Page - Siemens Semiconductor Group BUZ383 Datasheet HTML 4Page - Siemens Semiconductor Group BUZ383 Datasheet HTML 5Page - Siemens Semiconductor Group BUZ383 Datasheet HTML 6Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image


유사한 부품 번호 - BUZ383

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
BUZ38 SIEMENS-BUZ38 Datasheet
174Kb / 6P
   main ratings
BUZ380 SIEMENS-BUZ380 Datasheet
152Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode FREDFET)
logo
Inchange Semiconductor ...
BUZ380 ISC-BUZ380 Datasheet
348Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Siemens Semiconductor G...
BUZ381 SIEMENS-BUZ381 Datasheet
178Kb / 6P
   main ratings
BUZ382 SIEMENS-BUZ382 Datasheet
160Kb / 9P
   SIPMOS Power Transistor(400 V 12.5A 0.4 Ohm TO-218AA)
More results

유사한 설명 - BUZ383

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
BUZ60B SIEMENS-BUZ60B Datasheet
174Kb / 6P
   main ratings
BUZ206 SIEMENS-BUZ206 Datasheet
172Kb / 6P
   main ratings
BUZ213 SIEMENS-BUZ213 Datasheet
180Kb / 6P
   main ratings
BUZ216 SIEMENS-BUZ216 Datasheet
171Kb / 6P
   main ratings
BUZ14 SIEMENS-BUZ14 Datasheet
168Kb / 6P
   main ratings
BUZ17 SIEMENS-BUZ17 Datasheet
172Kb / 6P
   main ratings
BUZ201 SIEMENS-BUZ201 Datasheet
177Kb / 6P
   main ratings
BUZ220 SIEMENS-BUZ220 Datasheet
174Kb / 6P
   main ratings
BUZ221 SIEMENS-BUZ221 Datasheet
177Kb / 6P
   main ratings
BUZ353 SIEMENS-BUZ353 Datasheet
181Kb / 6P
   main ratings
BUZ63 SIEMENS-BUZ63 Datasheet
173Kb / 6P
   main ratings
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com