전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLE7250GVIO 데이터시트(PDF) 9 Page - Infineon Technologies AG

부품명 TLE7250GVIO
상세설명  High Speed CAN Transceiver
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7250GVIO 데이터시트(HTML) 9 Page - Infineon Technologies AG

Back Button TLE7250GVIO Datasheet HTML 5Page - Infineon Technologies AG TLE7250GVIO Datasheet HTML 6Page - Infineon Technologies AG TLE7250GVIO Datasheet HTML 7Page - Infineon Technologies AG TLE7250GVIO Datasheet HTML 8Page - Infineon Technologies AG TLE7250GVIO Datasheet HTML 9Page - Infineon Technologies AG TLE7250GVIO Datasheet HTML 10Page - Infineon Technologies AG TLE7250GVIO Datasheet HTML 11Page - Infineon Technologies AG TLE7250GVIO Datasheet HTML 12Page - Infineon Technologies AG TLE7250GVIO Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
TLE7250GVIO
Functional Description
Data Sheet
9
Rev. 1.0, 2012-03-14
4.3
Normal-operating Mode
In the normal-operating mode, the HS CAN transceiver TLE7250GVIO sends the serial data stream on the TxD
pin to the CAN bus. The data on the CAN bus is displayed at the RxD pin simultaneously. In normal-operating
mode, all functions of the TLE7250GVIO are active:
The transmitter is active and drives data from the TxD to the CAN bus.
The receiver is active and provides the data from the CAN bus to the RxD pin.
The bus biasing is set to
V
CC/2.
The undervoltage monitoring at the power supply
V
CC and at the power supply VIO is active.
To enter the normal-operating mode, set the NEN pin to logical “low” (see Table 2 or Figure 4). The NEN pin has
an internal pull-up resistor to the power-supply
V
IO.
4.4
Stand-by Mode
The stand-by mode is an idle mode of the TLE7250GVIO with optimized power consumption. In the stand-by
mode, the TLE7250GVIO can not send or receive any data. The transmitter and the receiver unit are disabled.
Both CAN bus pins, CANH and CANL are connected to GND via the input resistors.
The transmitter is disabled.
The receiver is disabled.
The input resistors of the receiver are connected to GND.
The undervoltage monitoring at the power supply
V
CC and at the power supply VIO is active.
To enter the stand-by mode, set the pin NEN to logical “high” (see Table 2 or Figure 4). The NEN pin has an
internal pull-up resistor to the power-supply
V
IO. If the stand-by mode is not used in the final application, the NEN
pin needs to be connected to GND.
4.5
Power-down State
The power-down state means that the TLE7250GVIO is not supplied. In power-down state, the differential input
resistors of the receiver are switched off. The CANH and CANL bus interface of the TLE7250GVIO act as high-
impedance input with a very small leakage current. The high-ohmic input does not influence the “recessive” level
of the CAN network and allows an optimized EME performance of the entire CAN network.


유사한 부품 번호 - TLE7250GVIO

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
TLE7250GVIO INFINEON-TLE7250GVIO Datasheet
1Mb / 23P
   High Speed CAN Transceiver
Rev. 1.1, 2014-05-07
TLE7250GVIO INFINEON-TLE7250GVIO_15 Datasheet
1Mb / 23P
   High Speed CAN Transceiver
Rev. 1.1, 2014-05-07
More results

유사한 설명 - TLE7250GVIO

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
TLE7250GVIO INFINEON-TLE7250GVIO_15 Datasheet
1Mb / 23P
   High Speed CAN Transceiver
Rev. 1.1, 2014-05-07
TLE9250 INFINEON-TLE9250 Datasheet
1Mb / 28P
   High Speed CAN Transceiver
Rev. 1.0 2017-08-09
TLE8250GVIO INFINEON-TLE8250GVIO_16 Datasheet
946Kb / 26P
   High Speed CAN-Transceiver
Rev. 1.11 2016-12-29
TLE8250G INFINEON-TLE8250G Datasheet
1Mb / 23P
   High Speed CAN-Transceiver
Rev. 1.0, 2010-06-02
IFX1050G INFINEON-IFX1050G Datasheet
1Mb / 15P
   High Speed CAN-Transceiver
Rev. 1.0, 2009-05-14
logo
NXP Semiconductors
TJA1057 NXP-TJA1057 Datasheet
223Kb / 25P
   High-speed CAN transceiver
Rev. 6-24 August 2017
TJR1441 NXP-TJR1441 Datasheet
354Kb / 31P
   High-speed CAN transceiver
logo
ON Semiconductor
AMIS-30660 ONSEMI-AMIS-30660 Datasheet
143Kb / 10P
   High Speed CAN Transceiver
January, 2009 ??Rev. 8
logo
Microchip Technology
MCP2551 MICROCHIP-MCP2551 Datasheet
364Kb / 20P
   High-Speed CAN Transceiver
2002
logo
Infineon Technologies A...
IFX1050GVIO INFINEON-IFX1050GVIO Datasheet
1Mb / 19P
   High Speed CAN-Transceiver
Rev. 1.0, 2011-04-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com