전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CDBMH320-HF 데이터시트(PDF) 4 Page - Comchip Technology

부품명 CDBMH320-HF
상세설명  SMD Schottky Barrier Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  COMCHIP [Comchip Technology]
홈페이지  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBMH320-HF 데이터시트(HTML) 4 Page - Comchip Technology

  CDBMH320-HF Datasheet HTML 1Page - Comchip Technology CDBMH320-HF Datasheet HTML 2Page - Comchip Technology CDBMH320-HF Datasheet HTML 3Page - Comchip Technology CDBMH320-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Suggested PAD Layout
Part Number
32
Marking Code
Marking Code
E
C
E
D
CDBMH320-HF
XX
Page 4
REV:A
Comchip Technology CO., LTD.
SMD Diodes Specialist
SMD Schottky Barrier Rectifiers
QW-JB015
CDBMH340-HF
CDBMH360-HF
CDBMH380-HF
34
36
38
Standard Package
Case Type
Qty per Reel
(Pcs)
2500
Reel Size
(inch)
7
SIZE
(inch)
0.040
(mm)
1.00
1.00
1.70
0.040
0.067
0.50
0.020
E
1.50
0.060
B
C
D
A
Mini-SMA/SOD-123T
Mini-SMA/SOD-123T
CDBMH350-HF
35
CDBMH330-HF
33
G
B
F
I
H
A
1.10
0.90
0.044
0.036
0.85
0.034
I
0.60
0.024
F
G
H
CDBMH3100-HF
310
xx / xxx = Product type marking code
Pinning information
Pin
Simplified outline
Symbol
1
2
PIN 1 Cathode
PIN 2 Anode
2
1


유사한 부품 번호 - CDBMH320-HF

제조업체부품명데이터시트상세설명
logo
Comchip Technology
CDBMH320-HF COMCHIP-CDBMH320-HF Datasheet
102Kb / 4P
   SMD Schottky Barrier Rectifiers
CDBMH320-HF COMCHIP-CDBMH320-HF Datasheet
169Kb / 4P
   SMD Schottky Barrier Rectifiers
CDBMH320-HF COMCHIP-CDBMH320-HF_12 Datasheet
102Kb / 4P
   SMD Schottky Barrier Rectifiers
CDBMH320-HF_1209 COMCHIP-CDBMH320-HF_1209 Datasheet
169Kb / 4P
   SMD Schottky Barrier Rectifiers
More results

유사한 설명 - CDBMH320-HF

제조업체부품명데이터시트상세설명
logo
Comchip Technology
CDBZ320200-HF COMCHIP-CDBZ320200-HF Datasheet
480Kb / 4P
   SMD Schottky Barrier Rectifiers
CDBAT320-HF COMCHIP-CDBAT320-HF_15 Datasheet
661Kb / 4P
   SMD Schottky Barrier Rectifiers
CDBMHS240-HF COMCHIP-CDBMHS240-HF Datasheet
94Kb / 4P
   SMD Schottky Barrier Rectifiers
logo
Diode Semiconductor Kor...
SL22B DSK-SL22B Datasheet
93Kb / 2P
   SMD SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
CDBC520-G COMCHIP-CDBC520-G Datasheet
563Kb / 2P
   SMD Schottky Barrier Rectifiers
CDBA120-HF COMCHIP-CDBA120-HF Datasheet
69Kb / 4P
   SMD Schottky Barrier Rectifiers
ACDBA260-HF COMCHIP-ACDBA260-HF Datasheet
110Kb / 4P
   SMD Schottky Barrier Rectifiers
ACDBC540-HF COMCHIP-ACDBC540-HF Datasheet
110Kb / 4P
   SMD Schottky Barrier Rectifiers
CDBZ5T30100-HF COMCHIP-CDBZ5T30100-HF Datasheet
610Kb / 4P
   SMD Schottky Barrier Rectifiers
CDBZ630100-HF COMCHIP-CDBZ630100-HF Datasheet
725Kb / 4P
   SMD Schottky Barrier Rectifiers
CDBM120-HF COMCHIP-CDBM120-HF_12 Datasheet
94Kb / 4P
   SMD Schottky Barrier Rectifiers
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com