전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM04H-P05-40K-N52-TR 데이터시트(PDF) 11 Page - Everlight Electronics Co., Ltd

부품명 LM04H-P05-40K-N52-TR
상세설명  CRI 75 White LED
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EVERLIGHT [Everlight Electronics Co., Ltd]
홈페이지  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

LM04H-P05-40K-N52-TR 데이터시트(HTML) 11 Page - Everlight Electronics Co., Ltd

Back Button LM04H-P05-40K-N52-TR Datasheet HTML 7Page - Everlight Electronics Co., Ltd LM04H-P05-40K-N52-TR Datasheet HTML 8Page - Everlight Electronics Co., Ltd LM04H-P05-40K-N52-TR Datasheet HTML 9Page - Everlight Electronics Co., Ltd LM04H-P05-40K-N52-TR Datasheet HTML 10Page - Everlight Electronics Co., Ltd LM04H-P05-40K-N52-TR Datasheet HTML 11Page - Everlight Electronics Co., Ltd LM04H-P05-40K-N52-TR Datasheet HTML 12Page - Everlight Electronics Co., Ltd LM04H-P05-40K-N52-TR Datasheet HTML 13Page - Everlight Electronics Co., Ltd LM04H-P05-40K-N52-TR Datasheet HTML 14Page - Everlight Electronics Co., Ltd LM04H-P05-40K-N52-TR Datasheet HTML 15Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
LifecyclePhase:
Revision
: 1
Expired Period: Forever
Release Date:2011-12-09 16:32:40.0
DATASHEET
EHP- B05 Series
11 Copyright © 2011, Everlight All Rights Reserved. Release Date: 12.01.2011. Issue No: DHE-0001726
www.everlight.com
Warm-White Bin Structure
Warm-White Bin Coordinates
2700K
Bin
CIE X
CIE Y
Bin
CIE X
CIE Y
0.469
0.429
0.456
0.426
0.459
0.410
0.447
0.408
0.470
0.413
0.459
0.410
27K-1
0.481
0.432
27K-2
0.469
0.429
Reference Range: 2580~2700K
Reference Range: 2700~2870K
Bin
CIE X
CIE Y
Bin
CIE X
CIE Y
0.459
0.410
0.447
0.408
0.448
0.392
0.437
0.389
0.459
0.394
0.448
0.392
27K-4
0.470
0.413
27K-3
0.459
0.410
Reference Range: 2580~2700K
Reference Range: 2700~2870K
3000K
Bin
CIE X
CIE Y
Bin
CIE X
CIE Y
0.443
0.421
0.430
0.417
0.435
0.403
0.422
0.399
0.447
0.408
0.435
0.403
30K-1
0.456
0.426
30K-2
0.443
0.421
Reference Range: 2870~3000K
Reference Range: 3000~3220K
Bin
CIE X
CIE Y
Bin
CIE X
CIE Y
0.435
0.403
0.422
0.399
0.426
0.385
0.415
0.381
0.437
0.389
0.426
0.385
30K-4
0.447
0.408
30K-3
0.435
0.403
Reference Range: 2870~3000K
Reference Range: 3000~3220K


유사한 부품 번호 - LM04H-P05-40K-N52-TR

제조업체부품명데이터시트상세설명
logo
Everlight Electronics C...
LM04H-P05-40K-N52-TR EVERLIGHT-LM04H-P05-40K-N52-TR Datasheet
1Mb / 27P
   Robust package with high lumens
More results

유사한 설명 - LM04H-P05-40K-N52-TR

제조업체부품명데이터시트상세설명
logo
Cree, Inc
XP-G CREE-XP-G Datasheet
2Mb / 28P
   Available in white, outdoor white and 80-CRI, 85-CRI and 90-CRI white
logo
OSA Opto Light GmbH
OCL-400SW OSA-OCL-400SW Datasheet
238Kb / 7P
   White ??high CRI
logo
Marktech Corporate
XBD MARKTECH-XBD Datasheet
582Kb / 2P
   80-min CRI White and 70-min CRI Cool White
logo
Elite Enterprises (H.K....
PG1C-5LWE ELITE-PG1C-5LWE Datasheet
1Mb / 17P
   5W High CRI Power LED
logo
Cree, Inc
XPG3 CREE-XPG3 Datasheet
2Mb / 33P
   Available in outdoor white and 70-, 80- and 90-CRI white
logo
Elite Enterprises (H.K....
PG1C-3LWE-SD ELITE-PG1C-3LWE-SD Datasheet
1Mb / 17P
   3W High CRI Power LED
PG1C-1LWE ELITE-PG1C-1LWE Datasheet
1Mb / 17P
   1W High CRI Power LED
logo
Seoul Semiconductor
C9WT821 SEOUL-C9WT821 Datasheet
1Mb / 16P
   White & Warm colored SMT package High CRI PKG
logo
Everlight Electronics C...
ELCOB-N50M6 EVERLIGHT-ELCOB-N50M6 Datasheet
683Kb / 21P
   High Power COB & High CRI LED
ELCOB-P30MC EVERLIGHT-ELCOB-P30MC Datasheet
759Kb / 21P
   High Power COB & High CRI LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com